Electronic Components Datasheet Search |
|
TMS28F010B-90C5FML Datasheet(PDF) 1 Page - Texas Instruments |
|
TMS28F010B-90C5FML Datasheet(HTML) 1 Page - Texas Instruments |
1 / 23 page TMS28F010B 131072 BY 8-BIT FLASH MEMORY SMJS824B – MAY 1995 – REVISED AUGUST 1997 1 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 D Organization . . . 131072 by 8 Bits D Pin Compatible With Existing 1-Megabit EPROMs D VCC Tolerance ±10% D All Inputs/Outputs TTL Compatible D Maximum Access/Minimum Cycle Time ’28F010B-90 90 ns ’28F010B-10 100 ns ’28F010B-12 120 ns ’28F010B-15 150 ns D Industry-Standard Programming Algorithm D PEP4 Version Available With 168-Hour Burn-In, and Choice of Operating Temperature Ranges D 100000 and 10000 Program/Erase-Cycle Versions Available D Latchup Immunity of 250 mA on All Input and Output Lines D Low Power Dissipation (VCC = 5.5 V) –Active Write . . . 55 mW –Active Read... 165 mW –Electrical Erase... 82.5 mW –Standby . . . 0.55 mW (CMOS-Input Levels) D Automotive Temperature Range – 40 °C to 125°C description The TMS28F010B is a 131 072 by 8 bit (104 8 576-bit), programmable read-only memory that can be electrically bulk-erased and reprogrammed. It is available in 100 000 and 10 000 program / erase-endurance-cycle versions. The TMS28F010B Flash Memory is offered in a 32-lead plastic leaded chip-carrier package (shown above) using 1,25-mm (50-mil) lead spacing ( FM suffix), a 32-lead thin small-outline package ( DD suffix), and a reverse pinout TSOP package ( DU suffix)both shown on the following page. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. A0 – A16 Address Inputs DQ0 – DQ7 Inputs (programming) / Outputs E Chip Enable G Output Enable NC No Internal Connection VCC 5-V Power Supply VPP 12-V Power Supply† V SS Ground W Write Enable PIN NOMENCLATURE 32 1 32 31 14 5 6 7 8 9 10 11 12 13 29 28 27 26 25 24 23 22 21 A14 A13 A8 A9 A11 G A10 E DQ7 A7 A6 A5 A4 A3 A2 A1 A0 DQ0 430 15 16 17 18 19 FM PACKAGE ( TOP VIEW ) 20 † Only in Program Mode PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Copyright © 1997, Texas Instruments Incorporated |
Similar Part No. - TMS28F010B-90C5FML |
|
Similar Description - TMS28F010B-90C5FML |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |