Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50TR120 Datasheet(PDF) 1 Page - FCI connector

Part # 50TR120
Description  50.0 AMPS AUTOMOTIVE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

50TR120 Datasheet(HTML) 1 Page - FCI connector

  50TR120 Datasheet HTML 1Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTE:
1.
50TXXX - U→Positive(Forward),(+):Cathode To Case,
Color Code RED.
2.
50TRXXX - R→Negative(Reverse),(-):Anode To Case,
Color Code BLACK.
RENARD
ACE
TRANSPO
WAI
50T20
50T40
50T120
50T160
50TR20
50TR40
50TR120
50TR160
Average Forward Current, Io at Tc=150℃
60HZ, Resistive Or Inductive Load
Peak Reverse Voltage, Repetitive:VRRM
VPK
200
400
1200
1600
DC Reverse Voltage, VR
V(DC)
200
400
1200
1600
Maximum RMS Voltage
VRMS
140
280
700
920
Max. Inst forward Voltage Drop. VF at 100Amp
V(DC)
1.18
1.18
1.5
1.70
Peak Forward Surge Current, IFM(surge):
8.3ms. Single Half Sine-Wave
APK
Superimposed On Rated Load (JEDEC method)
Maximum Reverse Current IR At Rated DC
Reverse Voltage. TC= 25℃
Maximum Reverse Current IR At Rated DC
Reverse Voltage. TC=100℃
Maximum Thermal Resistance, Junction To Case
(single side cooled)
Operating And Storage Temperature Range
-45 - 175
-45 - 175
-45 - 160
-45 - 150
/W
0.7
10
500
μ
A
μ
A
PART NO.
UNIT
CROSS-REFERENCE GUIDE
600
A(DC)
50
* Low cost
*Super cool *Long life
* High current capability
B1
2007/01 REV.B
50.0 AMPS AUTOMOTIVE
STUD
LEAD DIODE
Description
Mechanical Dimensions


Similar Part No. - 50TR120

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
50TR120 FCI-50TR120 Datasheet
201Kb / 1P
   50.0 AMPS AUTOMOTIVE STUD LEAD DIODE High current capability
More results

Similar Description - 50TR120

ManufacturerPart #DatasheetDescription
logo
FCI connector
50TR20-160 FCI-CONNECTOR-50TR20-160 Datasheet
201Kb / 1P
   50.0 AMPS AUTOMOTIVE STUD LEAD DIODE
logo
First Components Intern...
50TR20 FCI-50TR20 Datasheet
207Kb / 1P
   50.0 AMPS AUTOMOTIVE STUD LEAD DIODE
50T20 FCI-50T20 Datasheet
201Kb / 1P
   50.0 AMPS AUTOMOTIVE STUD LEAD DIODE High current capability
logo
Taiwan Semiconductor Co...
TAR5025 TSC-TAR5025 Datasheet
54Kb / 2P
   50.0 AMPS. Load Dump Rectifiers
AR50 TSC-AR50 Datasheet
290Kb / 2P
   50.0 AMPS. High Current Button Rectifiers
ARS50 TSC-ARS50_10 Datasheet
564Kb / 2P
   50.0 AMPS. High Current Button Rectifiers
AR50 TSC-AR50_10 Datasheet
556Kb / 2P
   50.0 AMPS. High Current Button Rectifiers
ARS50 TSC-ARS50 Datasheet
73Kb / 2P
   50.0 AMPS. High Current Plastic Silicon Rectifiers
logo
Yangzhou yangjie electr...
ARS50 YANGJIE-ARS50 Datasheet
749Kb / 2P
   50.0 AMPS. HIGH CURRENT PLASTIC SILICON RECTIFIERS
logo
Advanced Crystal Techno...
OX770 ACT-OX770 Datasheet
390Kb / 4P
   Vibration‐isolated package, Sine wave, 50.0 x 50.0 x 30.0mm
01/06/2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com