Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61090RSA Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS61090RSA
Description  SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61090RSA Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS61090RSA Datasheet HTML 2Page - Texas Instruments TPS61090RSA Datasheet HTML 3Page - Texas Instruments TPS61090RSA Datasheet HTML 4Page - Texas Instruments TPS61090RSA Datasheet HTML 5Page - Texas Instruments TPS61090RSA Datasheet HTML 6Page - Texas Instruments TPS61090RSA Datasheet HTML 7Page - Texas Instruments TPS61090RSA Datasheet HTML 8Page - Texas Instruments TPS61090RSA Datasheet HTML 9Page - Texas Instruments TPS61090RSA Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0
0.5
1
1.5
2
2.5
1.8
2.2
2.6
3
3.4
3.8
4.2
4.6
5
VI - Input Voltage - V
TPS61091
MAXIMUM OUTPUT CURRENT
vs
INPUT VOLTAGE
0
0.5
1
1.5
2
2.5
1.8
2.2
2.6
3
3.4
3.8
4.2
4.6
5
VI - Input Voltage - V
TPS61092
MAXIMUM OUTPUT CURRENT
vs
INPUT VOLTAGE
TPS61090
TPS61091, TPS61092
SLVS484A – JUNE 2003 – REVISED APRIL 2004
Table of Graphs
DC/DC Converter
Figure
Maximum output current
vs Input voltage
1, 2
vs Output current (TPS61090) (VO = 2.5 V, VI = 1.8 V, VSYNC = 0 V)
3
vs Output current (TPS61091) (VO = 3.3 V, VI = 1.8 V, 2.4 V, VSYNC = 0 V)
4
Efficiency
vs Output current (TPS61092) (VO = 5.0 V, VI = 2.4 V, 3.3 V, VSYNC = 0 V)
5
vs Input voltage (TPS61091) (IO = 10 mA, 100 mA, 500 mA, VSYNC = 0 V)
6
vs Input voltage (TPS61092) (IO = 10 mA, 100 mA, 500 mA, VSYNC = 0 V)
7
vs Output current (TPS61091) (VI = 2.4 V)
8
Output voltage
vs Output current (TPS61092) (VI = 3.3 V)
9
No-load supply current into VBAT
vs Input voltage (TPS61092)
10
No-load supply current into VOUT
vs Input voltage (TPS61092)
11
Output voltage in continuous mode (TPS61092)
12
Output voltage in power save mode (TPS61092)
13
Waveforms
Load transient response (TPS61092)
14
Line transient response (TPS61092)
15
DC/DC converter start-up after enable (TPS61092)
16
Figure 1.
Figure 2.
6


Similar Part No. - TPS61090RSA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61090RSAR TI1-TPS61090RSAR Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
TPS61090RSARG4 TI1-TPS61090RSARG4 Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
More results

Similar Description - TPS61090RSA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61090RSAR TI1-TPS61090RSAR Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
logo
Linear Technology
LTC3402 LINER-LTC3402 Datasheet
229Kb / 16P
   2A, 3MHz Micropower Synchronous Boost Converter
LTC3402 LINER-LTC3402_15 Datasheet
235Kb / 16P
   2A, 3MHz Micropower Synchronous Boost Converter
logo
Monolithic Power System...
MP1542 MPS-MP1542 Datasheet
485Kb / 10P
   700KHz/1.3MHz Boost Converter with a 2A Switch
EV1542DK-00A MPS-EV1542DK-00A Datasheet
197Kb / 4P
   700KHz/1.3MHz Boost Converter with a 2A Switch
MP1542 MPS-MP1542_06 Datasheet
460Kb / 10P
   700KHz/1.3MHz Boost Converter with a 2A Switch
MPQ1542 MPS-MPQ1542 Datasheet
917Kb / 15P
   700KHz/1.3MHz Boost Converter with a 2A Switch
EV1542DK-SEPIC-00A MPS-EV1542DK-SEPIC-00A Datasheet
175Kb / 4P
   700KHz/1.3MHz Boost Converter with a 2A Switch
logo
Texas Instruments
TPS61030 TI-TPS61030_10 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61090 TI-TPS61090_15 Datasheet
960Kb / 27P
[Old version datasheet]   TPS6109x Synchronous Boost Converter With 2-A Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com