Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2-12P Datasheet(PDF) 1 Page - Cynergy3 Co

Part # S2-12P
Description  Axial style reed relay
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

S2-12P Datasheet(HTML) 1 Page - Cynergy3 Co

  S2-12P Datasheet HTML 1Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.cynergy3.com
© 2016 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001 CERTIFIED
S2 Relay Series
Axial style reed relay
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset
21 7
BH
PE
S2 2016
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
The S2 reed relay series from Cynergy3 has
been developed for applications where PCB
mounting is not possible.
The relay can be mounted in a variety of
methods and orientations to suit particular
applications. The leadout wires are
flexible enough to allow bending for
assembly into equipment.
Available with either a 10W or 50W contact
in a pressurised reed switch or a 100W
contact in an evacuated reed switch.
Mechanical Dimensions
Custom versions can be made for particular applications. Please contact Cynergy3 with your requirements.
Variable mounting options
10W, 50W and 100W contact options
Reliable reed switch contacts
Contact Specification
(Form A)
SPST
Nominal Coil Voltage
3
5,12,24
5,12, 24
Material
Rhodium
Switch atmosphere
Pressurised
Pressurised
Evacuated
Isolation across contacts kV
or
peak
0.2
0.5
1.0
DC
AC
Switching Power Max.
10W
50W/70
100
VA
VA
Switching Voltage Max. V
or
peak
200
350dc/300ac
DC
AC
Switching Current Max. A
or
peak
0.25
0.7/
0.5
1.0
DC
AC
DC
DC
AC
DC
Carry Current Max
A
1
2.5
Capacitance across
pF
coil to screen
<0.1
contacts grounded
Lifetime
operations
dry switching
10
9
50W switching
10
7
Contact Resistance
m
max (typical)
80 (30)
Ω
Insulation Resistance
min (typical)
10 (10 )
Ω
10
13
Coil Specification
3V
5V
12V
24V
Must Operate Voltage
V
@ 20ºC
2.25
3.7
9
19
DC
Must Release Voltage
V
@ 20ºC
0.5
1
2
3
DC
Operate Time
ms diode fitted
0.1
1.0
1.0
1.0
Release Time
ms diode fitted
0.07
0.5
0.5
0.5
Resistance
@ 20ºC
250
160
1000
1000
Ω
Relay Specification
Isolation contact/coil
kV
1
Insulation resistance contact
to all terminals
min (typical)
Ω
TBC
Environmental
Operating Temp range
ºC
-40 to +85
Storage Temp range
ºC
-40 to +125
Standard Parts
Coil Volts Vdc Switching Power
Isolation kV
S2-03P
3
10
0.2
VA
S2-05P
5
70
0.5
VA
S2-12P
12
70
0.5
VA
S2-24P
24
70
0.5
VA
S2-05E
5
100
1.0
VA
S2-12E
12
100
1.0
VA
S2-24E
24
100
1.0
VA
2.0
4.0
Please refer to this document for circuit design notes:-
http://www.cynergy3.com/blog/application-notes-reed-relays-0


Similar Part No. - S2-12P

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
S2-12PU CYNERGY3-S2-12PU Datasheet
299Kb / 1P
   UL Approved Axial Style Reed Relay
More results

Similar Description - S2-12P

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
S2UL CYNERGY3-S2UL Datasheet
299Kb / 1P
   UL Approved Axial Style Reed Relay
logo
COSMO Electronics Corp...
D1A120000 COSMO-D1A120000 Datasheet
148Kb / 1P
   REED RELAY
D2A120000 COSMO-D2A120000 Datasheet
148Kb / 1P
   REED RELAY
DIC121000 COSMO-DIC121000 Datasheet
144Kb / 1P
   REED RELAY
D1B050000 COSMO-D1B050000 Datasheet
148Kb / 1P
   REED RELAY
D1B240000 COSMO-D1B240000 Datasheet
149Kb / 1P
   REED RELAY
D2A121000 COSMO-D2A121000 Datasheet
148Kb / 1P
   REED RELAY
S1A050099 COSMO-S1A050099 Datasheet
140Kb / 1P
   Reed Relay
logo
Meder Electronic
3205172111 MEDER-3205172111 Datasheet
116Kb / 3P
   Reed Relay
3205200021 MEDER-3205200021 Datasheet
115Kb / 3P
   Reed Relay
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com