Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54315PWP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54315PWP
Description  3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54315PWP Datasheet(HTML) 3 Page - Texas Instruments

  TPS54315PWP Datasheet HTML 1Page - Texas Instruments TPS54315PWP Datasheet HTML 2Page - Texas Instruments TPS54315PWP Datasheet HTML 3Page - Texas Instruments TPS54315PWP Datasheet HTML 4Page - Texas Instruments TPS54315PWP Datasheet HTML 5Page - Texas Instruments TPS54315PWP Datasheet HTML 6Page - Texas Instruments TPS54315PWP Datasheet HTML 7Page - Texas Instruments TPS54315PWP Datasheet HTML 8Page - Texas Instruments TPS54315PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TPS54311, TPS54312
TPS54313, TPS54314
TPS54315, TPS54316
SLVS416A – FEBRUARY 2002 – JULY 2003
www.ti.com
3
ELECTRICAL CHARACTERISTICS
TJ = –40°C to 125°C, VIN = 3 V to 6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE, VIN
VIN input voltage range
3
6
V
fs = 350 kHz,
FSEL = 0.8 V,
RT open
6.2
9.6
Quiescent current
fs = 550 kHz,
Phase pin open
FSEL
≥ 2.5 V,
RT open,
8.4
12.8
mA
Shutdown,
SS/ENA = 0 V
1
1.4
UNDER VOLTAGE LOCK OUT
Start threshold voltage, UVLO
2.95
3
Stop threshold voltage, UVLO
2.70
2.80
V
Hysteresis voltage, UVLO
0.14
0.16
V
Rising and falling edge deglitch,
UVLO(1)
2.5
µs
BIAS VOLTAGE
Output voltage, VBIAS
I(VBIAS) = 0
2.70
2.80
2.90
V
Output current, VBIAS(2)
100
µA
OUTPUT VOLTAGE
TJ = 25°C,
VIN = 5 V
0.9
V
TPS54311
3
≤ VIN ≤ 6 V,
0
≤ IL ≤ 3 A,
–40
≤ TJ ≤ 125
–2.5%
2.5%
TJ = 25°C,
VIN = 5 V
1.2
V
TPS54312
3
≤ VIN ≤ 6 V,
0
≤ IL ≤ 3 A,
–40
≤ TJ ≤ 125
–2.5%
2.5%
TJ = 25°C,
VIN = 5 V
1.5
V
TPS54313
3
≤ VIN ≤ 6 V,
0
≤ IL ≤ 3 A,
–40
≤ TJ ≤ 125
–2.5%
2.5%
VO
Output voltage
TJ = 25°C,
VIN = 5 V
1.8
V
TPS54314
3
≤ VIN ≤ 6 V,
0
≤ IL ≤ 3 A,
–40
≤ TJ ≤ 125
–2.5%
2.5%
TJ = 25°C,
VIN = 5 V
2.5
V
TPS54315
3
≤ VIN ≤ 6 V,
0
≤ IL ≤ 3 A,
–40
≤ TJ ≤ 125
–2.5%
2.5%
TJ = 25°C,
VIN = 5 V
3.3
V
TPS54316
3
≤ VIN ≤ 6 V,
0
≤ IL ≤ 3 A,
–40
≤ TJ ≤ 125
–2.5%
2.5%
REGULATION
Lineregulation(1) (3)
IL = 1.5 A,
350
≤ fs ≤ 550 kHz, TJ = 85°C
0.21
%/V
Load regulation (1) (3)
IL = 0 A to 3 A,
350
≤ fs ≤ 550 kHz, TJ = 85°C
0.21
%/A
OSCILLATOR
Internally set free-running frequency
FSEL
≤ 0.8 V,
RT open
280
350
420
Internally set free-running frequency
range
FSEL
≥ 2.5 V,
RT open
440
550
660
kHz
RT = 180 k
Ω (1% resistor to AGND)(1)
252
280
308
Externally set free-running frequency
RT = 100 k
Ω (1% resistor to AGND)
460
500
540
kHz
range
RT = 68 k
Ω (1% resistor to AGND)(1)
663
700
762
kHz
High-level threshold voltage at FSEL
2.5
V
Low-level threshold voltage at FSEL
0.8
V
Ramp valley(1)
0.75
V
Ramp amplitude (peak-to-peak)(1)
1
V
Minimum controllable on time(1)
200
ns
Maximum duty cycle
90%
(1) Specified by design
(2) Static resistive loads only
(3) Specified by the circuit used in Figure 10.


Similar Part No. - TPS54315PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54315PWP TI1-TPS54315PWP Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54315PWPG4 TI1-TPS54315PWPG4 Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54315PWPR TI1-TPS54315PWPR Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54315PWPRG4 TI1-TPS54315PWPRG4 Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
More results

Similar Description - TPS54315PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54311-EP TI1-TPS54311-EP_16 Datasheet
718Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311-Q1 TI1-TPS54311-Q1 Datasheet
411Kb / 20P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310 TI1-TPS54310_16 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs
TPS54310 TI-TPS54310 Datasheet
142Kb / 14P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
logo
ON Semiconductor
NCP1592 ONSEMI-NCP1592_12 Datasheet
603Kb / 20P
   3 V to 6 V Input, 6 A Output Synchronous Buck PWM Switcher with Integrated FETs
July, 2012 ??Rev. 1
logo
Texas Instruments
TPS54610 TI-TPS54610 Datasheet
289Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54611-EP TI1-TPS54611-EP_16 Datasheet
967Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54314PWPR TI-TPS54314PWPR Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com