Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79628KTT Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS79628KTT
Description  ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79628KTT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS79628KTT Datasheet HTML 7Page - Texas Instruments TPS79628KTT Datasheet HTML 8Page - Texas Instruments TPS79628KTT Datasheet HTML 9Page - Texas Instruments TPS79628KTT Datasheet HTML 10Page - Texas Instruments TPS79628KTT Datasheet HTML 11Page - Texas Instruments TPS79628KTT Datasheet HTML 12Page - Texas Instruments TPS79628KTT Datasheet HTML 13Page - Texas Instruments TPS79628KTT Datasheet HTML 14Page - Texas Instruments TPS79628KTT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
www.ti.com
THERMAL INFORMATION
T
J +
T
A )
P
Dmax x R
θJC ) RθCS ) RθSA
P
D
max + VI(avg) * VO(avg)
I
O(avg) )
V
I(avg)
x I
(Q)
A
B
C
TJ
A
RθJC
TC
B
RθCS
TA
C
RθSA
(a)
(b)
DDPAK Package
SOT223 Package
CIRCUIT BOARD COPPER AREA
B
A
C
TPS79601, TPS79618, TPS79625
TPS79628, TPS79630, TPS79633
SLVS351D – SEPTEMBER 2002 – REVISED OCTOBER 2004
temperature due to the regulator's power dissipation.
The amount of heat that an LDO linear regulator
The temperature rise is computed by multiplying the
generates is directly proportional to the amount of
maximum expected power dissipation by the sum of
power it dissipates during operation. All integrated
the thermal resistances between the junction and the
circuits have a maximum allowable junction tempera-
case (RΘJC), the case to heatsink (RΘCS), and the
ture (TJmax) above which normal operation is not
heatsink to ambient (RΘSA). Thermal resistances are
assured.
A
system
designer
must
design
the
measures of how effectively an object dissipates
operating environment so that the operating junction
heat. Typically, the larger the device, the more
temperature (TJ) does not exceed the maximum
surface area available for power dissipation and the
junction temperature (TJmax). The two main environ-
lower the object's thermal resistance.
mental variables that a designer can use to improve
thermal performance are air flow and external
Figure 24 illustrates these thermal resistances for (a)
heatsinks. The purpose of this information is to aid
a SOT223 package mounted in a JEDEC low-K
the designer in determining the proper operating
board, and (b) a DDPAK package mounted on a
environment for a linear regulator that is operating at
JEDEC high-K board.
a specific power level.
Equation 5 summarizes the computation:
In general, the maximum expected power (PD(max))
consumed by a linear regulator is computed as
Equation 4:
(5)
The RΘJC is specific to each regulator as determined
by its package, lead frame, and die size provided in
(4)
the regulator's data sheet. The RΘSA is a function of
where:
the type and size of heatsink. For example, black
body radiator type heatsinks can have RΘCS values
VI(avg) is the average input voltage.
ranging from 5
°C/W for very large heatsinks to
VO(avg) is the average output voltage.
50
°C/W for very small heatsinks. The RΘ
CS
is a
IO(avg) is the average output current.
function of how the package is attached to the
I(Q) is the quiescent current.
heatsink. For example, if a thermal compound is used
to attach a heatsink to a SOT223 package, RΘCS of
For most TI LDO regulators, the quiescent current is
1
°C/W is reasonable.
insignificant compared to the average output current;
therefore, the term VI(avg) x I(Q) can be neglected. The
operating junction temperature is computed by adding
the ambient temperature (TA) and the increase in
Figure 24. Thermal Resistances
11


Similar Part No. - TPS79628KTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79628KTT TI-TPS79628KTT Datasheet
997Kb / 33P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79628KTTR TI-TPS79628KTTR Datasheet
997Kb / 33P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79628KTTRG3 TI-TPS79628KTTRG3 Datasheet
997Kb / 33P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79628KTTT TI-TPS79628KTTT Datasheet
997Kb / 33P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79628KTTTG3 TI-TPS79628KTTTG3 Datasheet
997Kb / 33P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS79628KTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79633-Q1 TI1-TPS79633-Q1 Datasheet
779Kb / 19P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1-A LOW-DROPOUT LINEAR REGULATORS
TPS796 TI-TPS796_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS796xx Ultralow-Noise, High PSRR, Fast, RF, 1-A Low-Dropout Linear Regulators
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78601DRBR TI1-TPS78601DRBR Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS786 TI1-TPS786_16 Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS786XX TI-TPS786XX Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79601DRBR TI1-TPS79601DRBR Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com