Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79628KTTT Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS79628KTTT
Description  ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79628KTTT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS79628KTTT Datasheet HTML 3Page - Texas Instruments TPS79628KTTT Datasheet HTML 4Page - Texas Instruments TPS79628KTTT Datasheet HTML 5Page - Texas Instruments TPS79628KTTT Datasheet HTML 6Page - Texas Instruments TPS79628KTTT Datasheet HTML 7Page - Texas Instruments TPS79628KTTT Datasheet HTML 8Page - Texas Instruments TPS79628KTTT Datasheet HTML 9Page - Texas Instruments TPS79628KTTT Datasheet HTML 10Page - Texas Instruments TPS79628KTTT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
www.ti.com
0
10
20
30
40
50
60
CNR (µF)
IOUT = 250 mA
COUT = 10 µF
0.001
µF
0.01
µF
0.1
µF
0.0047
µF
BW = 100 Hz to 100 kHz
0
50
100
150
200
250
300
350
−40 −25 −10 5
20 35 50 65 80 95 110 125
TJ (°C)
VIN = 2.7 V
COUT = 10 µF
IOUT = 1 A
0
10
20
30
40
50
60
70
80
Frequency (Hz)
1
10k
10M
1k
IOUT = 1 mA
IOUT = 1 A
VIN = 4 V
COUT = 10 µF
CNR = 0.01 µF
10
100
100k
1M
0
0.25
0.50
0.75
1
1.25
1.50
1.75
2
2.25
2.50
2.75
3
0
100
200
300
400
500
600
t (ns)
VIN = 4 V,
COUT = 10 µF,
IOUT = 1.0 A
Enable
CNR =
0.01
µF
CNR =
0.001
µF
CNR =
0.0047
µF
0
10
20
30
40
50
60
70
80
Frequency (Hz)
1
10k
10M
1k
IOUT = 1 mA
IOUT = 1 A
VIN = 4 V
COUT = 10 µF
CNR = 0.1 µF
10
100
100k
1M
0
10
20
30
40
50
60
70
80
Frequency (Hz)
1
10k
10M
1k
IOUT = 1 mA
IOUT = 1 A
VIN = 4 V
COUT = 2.2 µF
CNR = 0.01 µF
10
100
100k
1M
0
20
t (
µs)
5
4
2
−20
−40
3
40
60
40
20
0
80 100 120 140 160 180 200
IOUT = 1 A
COUT = 10 µF
CNR = 0.01 µF
dv
dt
+
1 V
ms
t (
µs)
6
5
3
−20
−40
4
0
20
40
60
40
20
0
80 100 120 140 160 180 200
IOUT = 1 A
COUT = 10 µF
CNR = 0.01 µF
dv
dt
+
1 V
ms
t (
µs)
2
1
−1
−75
−150
0
0
75
150
300
200
100
0
400 500 600 700 800 900 1000
VIN = 3.8 V
COUT = 10 µF
CNR = 0.01 µF
di
dt
+
1 A
ms
TPS79601, TPS79618, TPS79625
TPS79628, TPS79630, TPS79633
SLVS351D – SEPTEMBER 2002 – REVISED OCTOBER 2004
TYPICAL CHARACTERISTICS (continued)
TPS79630
ROOT MEAN SQUARED OUTPUT
TPS79628
TPS79630
NOISE
DROPOUT VOLTAGE
RIPPLE REJECTION
vs
vs
vs
BYPASS CAPACITANCE
JUNCTION TEMPERATURE
FREQUENCY
Figure 7.
Figure 8.
Figure 9.
TPS79630
TPS79630
RIPPLE REJECTION
RIPPLE REJECTION
vs
vs
FREQUENCY
FREQUENCY
START-UP TIME
Figure 10.
Figure 11.
Figure 12.
TPS79618
TPS79630
TPS79628
LINE TRANSIENT RESPONSE
LINE TRANSIENT RESPONSE
LOAD TRANSIENT RESPONSE
Figure 13.
Figure 14.
Figure 15.
7


Similar Part No. - TPS79628KTTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79628KTTT TI-TPS79628KTTT Datasheet
997Kb / 33P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79628KTTTG3 TI-TPS79628KTTTG3 Datasheet
997Kb / 33P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS79628KTTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79633-Q1 TI1-TPS79633-Q1 Datasheet
779Kb / 19P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1-A LOW-DROPOUT LINEAR REGULATORS
TPS796 TI-TPS796_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS796xx Ultralow-Noise, High PSRR, Fast, RF, 1-A Low-Dropout Linear Regulators
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78601DRBR TI1-TPS78601DRBR Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS786 TI1-TPS786_16 Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS786XX TI-TPS786XX Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79601DRBR TI1-TPS79601DRBR Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com