Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGA-5489 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SGA-5489
Description  DC-4000 MHz Silicon Germanium HBT Cascadeable Gain Block
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SGA-5489 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  SGA-5489 Datasheet HTML 1Page - List of Unclassifed Manufacturers SGA-5489 Datasheet HTML 2Page - List of Unclassifed Manufacturers SGA-5489 Datasheet HTML 3Page - List of Unclassifed Manufacturers SGA-5489 Datasheet HTML 4Page - List of Unclassifed Manufacturers SGA-5489 Datasheet HTML 5Page - List of Unclassifed Manufacturers SGA-5489 Datasheet HTML 6Page - List of Unclassifed Manufacturers SGA-5489 Datasheet HTML 7Page - List of Unclassifed Manufacturers SGA-5489 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Preliminary
Preliminary
SGA-5489 DC-4000 MHz 3.3V SiGe Amplifier
522 Almanor Ave., Sunnyvale, CA 94086
Phone: (800) SMI-MMIC
http://www.stanfordmicro.com
EDS-100618 Rev B
8
Component Tape and Reel Packaging
Tape Dimensions
n
o
i
t
p
i
r
c
s
e
Dl
o
b
m
y
S
e
z
i
S
)
m
m
(
l
e
e
l
y
t
i
v
a
Ch
t
g
n
e
L
h
t
d
i
W
h
t
p
e
D
h
c
t
i
P
r
e
t
e
m
a
i
D
e
l
o
H
m
o
t
t
o
B
A
B
K
P
1
D
1
1
0
.
0
-
/
+
1
9
.
4
1
0
.
0
-
/
+
2
5
.
4
1
0
.
0
-
/
+
0
9
.
1
1
0
.
0
-
/
+
0
0
.
8
0
1
.
0
-
/
+
0
6
.
1
n
o
i
t
a
r
o
f
r
e
Pr
e
t
e
m
a
i
D
h
c
t
i
P
n
o
i
t
i
s
o
P
D
0
P
0
E
5
0
.
0
-
/
+
5
5
.
1
1
0
.
0
-
/
+
0
0
.
4
1
0
.
0
-
/
+
5
7
.
1
e
p
a
T
r
e
v
o
Ch
t
d
i
W
s
s
e
n
k
c
i
h
T
e
p
a
T
C
t
5
2
.
0
-
/
+
0
1
.
9
1
0
.
0
-
/
+
5
0
.
0
e
p
a
T
r
e
i
r
r
a
Ch
t
d
i
W
s
s
e
n
k
c
i
h
T
W
T
3
0
.
0
-
/
+
0
.
2
1
5
0
.
0
-
/
+
0
3
.
0
e
c
n
a
t
s
i
Dn
o
i
t
a
r
o
f
r
e
P
o
t
y
t
i
v
a
C
)
n
o
i
t
c
e
r
i
D
h
t
d
i
W
(
n
o
i
t
a
r
o
f
r
e
P
o
t
y
t
i
v
a
C
)
n
o
i
t
c
e
r
i
D
h
t
g
n
e
L
(
F
P
2
0
1
.
0
-
/
+
0
5
.
5
0
1
.
0
-
/
+
0
0
.
2
For 89 Outline


Similar Part No. - SGA-5489

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGA-5489 SIRENZA-SGA-5489 Datasheet
86Kb / 4P
   DC-4000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-5489Z SIRENZA-SGA-5489Z Datasheet
86Kb / 4P
   DC-4000 MHz, Cascadable SiGe HBT MMIC Amplifier
More results

Similar Description - SGA-5489

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SGA-1263 STANFORD-SGA-1263 Datasheet
248Kb / 7P
   DC-4000 MHz Silicon Germanium HBT Cascadeable Gain Block
logo
List of Unclassifed Man...
SGA-1263 ETC-SGA-1263 Datasheet
331Kb / 7P
   DC-4000 MHZ SILICON GERMANIUM HBT CASCADEABLE GAIN BLOCK
logo
SIRENZA MICRODEVICES
SGA-1263 SIRENZA-SGA-1263 Datasheet
331Kb / 7P
   DC-4000 MHZ SILICON GERMANIUM HBT CASCADEABLE GAIN BLOCK
logo
List of Unclassifed Man...
SGA-4586 ETC-SGA-4586 Datasheet
671Kb / 8P
   DC-4000 MHZ SILICON GERMANIUM HBT CASCADEABLE GAIN BLOCK
logo
Stanford Microdevices
SGA-5589 STANFORD-SGA-5589 Datasheet
355Kb / 7P
   DC-4000 MHz Silicon Germanium HBT Cascadeable Gain Block
logo
List of Unclassifed Man...
SGA-6589 ETC-SGA-6589 Datasheet
567Kb / 8P
   DC 4000 MHZ SILICON GERMANIUM HBT CASCADEABLE GAIN BLOCK
logo
SIRENZA MICRODEVICES
SGA-1163 SIRENZA-SGA-1163 Datasheet
321Kb / 7P
   DC-6000 MHz SILICON GERMANIUM HBT CASCADEABLE GAIN BLOCK
SGA-7489 SIRENZA-SGA-7489 Datasheet
99Kb / 4P
   DC-3000 MHz Silicon Germanium HBT Cascadeable Gain Block
logo
Stanford Microdevices
SGA-2386 STANFORD-SGA-2386 Datasheet
230Kb / 7P
   DC-2800 MHz Silicon Germanium HBT Cascadeable Gain Block
SGA-2363 STANFORD-SGA-2363 Datasheet
333Kb / 7P
   DC-2800 MHz Silicon Germanium HBT Cascadeable Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com