Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QVS107CG1R3BCHT Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # QVS107CG1R3BCHT
Description  Standard packaging quantity (minimum)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

QVS107CG1R3BCHT Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  QVS107CG1R3BCHT Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc QVS107CG1R3BCHT Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
PrintPDF
High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
QVS107CG1R3BCHT
Features
Item Summary
1.3pF±0.1pF, 250V,
C0G/CG, 0603/1608 (EIA/JIS)
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping paper 4000pcs
Products characteristics table
Capacitance
1.3 pF ± 0.1pF
Case Size (EIA/JIS)
0603/1608
Rated Voltage
250 V
Q (min)
826 at 1MHz
Temperature Characteristic (EIA)
C0G
Operating Temp. Range (EIA)
-55 to +125 ℃
Temperature Characteristic (JIS)
CG
Operating Temp. Range (JIS)
-55 to +125 ℃
Temperature Characteristic
0 ±30 ppm/℃
High Temperature Loading
200 %
(% Rated Voltage)
Insulation Resistance (min)
10 GΩ
RoHS2 Compliance (10 subst.)
Yes
REACH Compliance (168 subst.)
Yes
Soldering
Reflow
External Dimensions
Dimension L
1.6 ±0.10 mm
Dimension W
0.8 ±0.10 mm
Dimension T
0.7 ±0.10 mm
Dimension e
0.35 ±0.25 mm
2016.11.30
1 / 1


Similar Part No. - QVS107CG1R3BCHT

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
QVS107CG1R3BC8T TAIYO-YUDEN-QVS107CG1R3BC8T Datasheet
397Kb / 3P
   High Frequency Medium-High Voltage MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
More results

Similar Description - QVS107CG1R3BCHT

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HMK107BJ222MA-T TAIYO-YUDEN-HMK107BJ222MA-T Datasheet
317Kb / 2P
   Standard packaging quantity (minimum)
FL05R100A TAIYO-YUDEN-FL05R100A Datasheet
139Kb / 1P
   Standard packaging quantity (minimum)
QVS107CG1R5CCHT TAIYO-YUDEN-QVS107CG1R5CCHT Datasheet
284Kb / 2P
   Standard packaging quantity (minimum)
EMK316BBJ476ML-T TAIYO-YUDEN-EMK316BBJ476ML-T Datasheet
289Kb / 2P
   Standard packaging quantity (minimum)
QVS107CG1R6BCHT TAIYO-YUDEN-QVS107CG1R6BCHT Datasheet
284Kb / 2P
   Standard packaging quantity (minimum)
JMK325B7226KMHPR TAIYO-YUDEN-JMK325B7226KMHPR Datasheet
289Kb / 2P
   Standard packaging quantity (minimum) Taping Embossed 1000pcs
PMK325AC6227MM-P TAIYO-YUDEN-PMK325AC6227MM-P Datasheet
334Kb / 2P
   Standard packaging quantity (minimum) Taping Embossed 1000pcs
QVS107CG0R8BCHT TAIYO-YUDEN-QVS107CG0R8BCHT Datasheet
285Kb / 2P
   Standard packaging quantity (minimum) Taping paper 4000pcs
QVS107CG5R6DCHT TAIYO-YUDEN-QVS107CG5R6DCHT Datasheet
283Kb / 2P
   Standard packaging quantity (minimum) Taping paper 4000pcs
JMK325ABJ157MM-P TAIYO-YUDEN-JMK325ABJ157MM-P Datasheet
334Kb / 2P
   Standard packaging quantity (minimum) Taping Embossed 1000pcs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com