Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQF120U_SERIES Datasheet(PDF) 4 Page - Arch Electronics Corp.

Part # AQF120U_SERIES
Description  High Efficiency up to 93%
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AQF120U_SERIES Datasheet(HTML) 4 Page - Arch Electronics Corp.

  AQF120U_SERIES Datasheet HTML 1Page - Arch Electronics Corp. AQF120U_SERIES Datasheet HTML 2Page - Arch Electronics Corp. AQF120U_SERIES Datasheet HTML 3Page - Arch Electronics Corp. AQF120U_SERIES Datasheet HTML 4Page - Arch Electronics Corp. AQF120U_SERIES Datasheet HTML 5Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
VER : A_2
update : 2010.06.21
AC-DC Switching Power Supply
AQF120U SERIES
180 Watts
EFFICIENCY VERSUS LOAD
AQF120U-12S
VIN
VS
Efficiency
LOAD
VS
Efficiency
Input Voltage (V)
90
115
180
230
264
Efficiency
(%)
86.45
89.96
92
92.77
92.3
Load (%)
10
20
30
40
50
115V (%)
73.62
82.98
86.43
88.26
89.27
230V (%)
71.83
81.82
86.81
89.54
90.58
Load (%)
60
70
80
90
100
115V (%)
89.72
89.95
90.11
90.1
89.96
230V (%)
91.74
92.18
92.53
92.62
92.77
60.00%
65.00%
70.00%
75.00%
80.00%
85.00%
90.00%
95.00%
100.00%
90V
115V
180V
230V
264V
VIN
55.00%
60.00%
65.00%
70.00%
75.00%
80.00%
85.00%
90.00%
95.00%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
LOAD
AQF120U-15S
VIN
VS
Efficiency
LOAD
VS
Efficiency
Input Voltage (V)
90
115
180
230
264
Efficiency
(%)
86.03
88.78
90.06
90.45
90.75
Load (%)
10
20
30
40
50
115V (%)
67.05
78.17
82.74
85.07
85.52
230V (%)
67.05
77.17
82.17
84.61
86.14
Load (%)
60
70
80
90
100
115V (%)
87.40
88.34
88.44
88.67
88.78
230V (%)
87.39
88.68
89.5
90.14
90.45
60.00%
65.00%
70.00%
75.00%
80.00%
85.00%
90.00%
95.00%
100.00%
90V
115V
180V
230V
264V
VIN
55.00%
60.00%
65.00%
70.00%
75.00%
80.00%
85.00%
90.00%
95.00%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
LOAD


Similar Part No. - AQF120U_SERIES

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AQF120U-12S ARCH-AQF120U-12S Datasheet
256Kb / 4P
   AC-DC Switching Power Supply
AQF120U-12S ARCH-AQF120U-12S Datasheet
207Kb / 2P
   AC-DC Switching Power Supply
AQF120U-12S ARCH-AQF120U-12S Datasheet
303Kb / 6P
   AC-DC Switching Power Supply
AQF120U-12S ARCH-AQF120U-12S Datasheet
357Kb / 7P
   AC-DC Switching Power Supply
AQF120U-15S ARCH-AQF120U-15S Datasheet
303Kb / 6P
   AC-DC Switching Power Supply
More results

Similar Description - AQF120U_SERIES

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AQF100O_SERIES ARCH-AQF100O_SERIES Datasheet
338Kb / 5P
   High Efficiency up to 93% Typical
AQC100_SERIES ARCH-AQC100_SERIES Datasheet
291Kb / 4P
   High Efficiency up to 93% Typical
logo
Recom International Pow...
R-78HB RECOM-R-78HB_17 Datasheet
495Kb / 4P
   Efficiency up to 93%, no need for heatsinks
RO-E RECOM-RO-E Datasheet
90Kb / 2P
   High Efficiency up to 84%
logo
SynQor Worldwide Headqu...
PQ60050HZX60 SYNQOR-PQ60050HZX60 Datasheet
3Mb / 16P
   High efficiency, 93% at full rated load current
logo
MicroPower Direct, LLC
LSR7810 MPD-LSR7810 Datasheet
529Kb / 2P
   Effi ciency to 93%
logo
Total Power Internation...
MPW2000 TOTAL-POWER-MPW2000 Datasheet
435Kb / 8P
   Efficiency up to 89%
logo
Artesyn Technologies
ATA ARTESYN-ATA Datasheet
395Kb / 2P
   Efficiency up to 86%
logo
Alpha & Omega Semicondu...
AOZ1110QI AOSMD-AOZ1110QI Datasheet
681Kb / 16P
   Efficiency up to 95%
logo
Recom International Pow...
RB-E RECOM-RB-E Datasheet
95Kb / 2P
   High Efficiency up to 84% Full Load
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com