Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11EQS04 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # 11EQS04
Description  Low Forward Voltage Drop Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

11EQS04 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  11EQS04 Datasheet HTML 1Page - Nihon Inter Electronics Corporation 11EQS04 Datasheet HTML 2Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OUTLINE DRAWING
Maximum Ratings
Approx Net Weight:0.17g
Rating
Symbol
11EQS04
Unit
Repetitive Peak Reverse Voltage
VRRM
40
V
Non-repetitive Peak Reverse Voltage
VRSM
45
V
Without Fin or
P.C.Board
1.0 Ta=25
°C
Average Rectified
Output Current
P.C.Board
Mounted *
IO
1.0 Ta=48
°C
Half Sine Wave Resistive Load
A
RMS Forward Current
IF(RMS)
1.57
A
Surge Forward Current
IFSM
40
Half Sine Wave,1cycle,Non-repetitive
A
Operating JunctionTemperature Range
Tjw
- 40 to + 150
°C
Storage Temperature Range
Tstg
- 40 to + 150
°C
Electrical
• Thermal Characteristics
Characteristics
Symbol
Conditions
Min Typ Max
Unit
Peak Reverse Current
IRM
Tj= 25
°C, VRM= VRRM
-
-
1
mA
Peak Forward Voltage
VFM
Tj= 25
°C, IFM= 1 A
-
-
0.55
V
Without Fin or P.C.Board
140
Thermal Resistance(Junction to Ambient) Rth(j-a)
P.C.Board mounted *
-
-
110
°C/W
* :Print Lands = 5x5 mm,Both Sides
SBD
Type :
Type :
Type :
Type :
11111111E
E
E
EQ
Q
Q
QS
S
S
S04
04
04
04
FEATURES
* Miniature Size
* Low Forward Voltage Drop
* High Surge Capability
* 30volts trough 100volts Types Available
* 26mm and 52mm Inside Tape Spacing Package Available


Similar Part No. - 11EQS04

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
11EQS04 KSS-11EQS04 Datasheet
857Kb / 7P
   Schottky Barrier Diode
logo
National Instruments Co...
11EQS04 NI-11EQS04_15 Datasheet
122Kb / 1P
   SBD
11EQS04_2015 NI-11EQS04_2015 Datasheet
122Kb / 1P
   SBD
More results

Similar Description - 11EQS04

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
GCQ30A04 NIEC-GCQ30A04 Datasheet
30Kb / 2P
   Low Forward Voltage drop Diode
EA31FS4 NIEC-EA31FS4 Datasheet
44Kb / 5P
   Low Forward Voltage drop Diode
20KDA10 NIEC-20KDA10 Datasheet
41Kb / 5P
   Low Forward Voltage drop Diode
11ES4 NIEC-11ES4 Datasheet
22Kb / 2P
   Low Forward Voltage Drop Diode
FCF16A60 NIEC-FCF16A60 Datasheet
30Kb / 2P
   Low Forward Voltage Drop Diode
EA60QC04-F NIEC-EA60QC04-F Datasheet
32Kb / 2P
   Low Forward Voltage drop Diode
NSD03A10 NIEC-NSD03A10 Datasheet
40Kb / 5P
   Low Forward Voltage Drop Diode
11EQS03L NIEC-11EQS03L Datasheet
24Kb / 2P
   Low Forward Voltage drop Diode
GSF10A20B NIEC-GSF10A20B Datasheet
31Kb / 2P
   Low Forward Voltage drop Diode
11EQ09 NIEC-11EQ09 Datasheet
40Kb / 6P
   Low Forward Voltage drop Diode
20NFA60 NIEC-20NFA60 Datasheet
48Kb / 5P
   Low Forward Voltage drop Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com