Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1651DR2 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP1651DR2
Description  Single Stage Power Factor Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1651DR2 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP1651DR2 Datasheet HTML 1Page - ON Semiconductor NCP1651DR2 Datasheet HTML 2Page - ON Semiconductor NCP1651DR2 Datasheet HTML 3Page - ON Semiconductor NCP1651DR2 Datasheet HTML 4Page - ON Semiconductor NCP1651DR2 Datasheet HTML 5Page - ON Semiconductor NCP1651DR2 Datasheet HTML 6Page - ON Semiconductor NCP1651DR2 Datasheet HTML 7Page - ON Semiconductor NCP1651DR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NCP345
http://onsemi.com
3
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise noted.)
Rating
Pin
Symbol
Min
Max
Unit
OUT voltage to GND
1
VO
−0.3
30
V
Input and CNTRL pin voltage to GND
4
3
Vinput
VCNTRL
−0.3
−0.3
30
13
V
VCC Maximum Range
5
VCC(max)
−0.3
30
V
Maximum Power Dissipation at TA = 85°C
PD
0.216
W
Thermal Resistance Junction to Air
RqJA
300
°C/W
Junction Temperature
TJ
150
°C
Operating Ambient Temperature
TA
−40
85
°C
VCNTRL Operating Voltage
3
0
5.0
V
Storage Temperature Range
Tstg
−65
150
°C
ESD performance (HBM)
{
all
2.5
kV
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
{ Human body model (HBM): MIL STD 883C Method 3015−7, (R = 1500 ohms, C = 100 pf, F = 3 pulses delay 1 s).
ELECTRICAL CHARACTERISTICS
(For typical values TA = 25°C, for min/max values TA = −40°C to +85°C, VCC = 6.0 V, unless otherwise noted.)
Characteristic
Symbol
Pin
Min
Typ
Max
Unit
VCC Operating Voltage Range
VCC(opt)
5
3.0
4.8
25
V
Supply Current (ICC + IInput; VCC = 6.0 V Steady State)
4,5
0.75
1.0
mA
Input Threshold
(VInput connected to VCC; VInput increasing)
VTh
4
6.65
6.85
7.08
V
Input Hysteresis (VInput connected to VCC; VInput decreasing)
VHyst
4
50
100
200
mV
Input Impedance (Input = VTh)
Rin
4
70
150
k
W
CNTRL Voltage High
Vih
3
1.5
V
CNTRL Voltage Low
Vil
3
0.5
V
CNTRL Current High (Vih = 5.0 V)
Iih
3
95
200
mA
CNTRL Current Low (Vil = 0.5 V)
Iil
3
10
20
mA
Undervoltage Lockout (VCC decreasing)
VLock
3
2.5
2.8
3.0
V
Output Sink Current (VCC < VTh, VOUT = 1.0 V)
ISink
1
10
33
50
mA
Output Voltage High (VCC = Vin = 8.0 V; ISource = 10 mA)
Output Voltage High (VCC = Vin = 8.0 V; ISource = 0.25 mA)
Output Voltage High (VCC = Vin = 8.0 V; ISource = 0 mA)
Voh
1
VCC−1.0
VCC−0.25
VCC−0.1
V
Output Voltage Low
(Input < 6.5 V; ISink = 0 mA; VCC = 6.0 V, CNTRL = 0 V)
Vol
1
0.1
V
Turn ON Delay − Input (VInput connected to VCC; VInput step down
signal from 8.0 to 6.0 V; measured to 50% point of OUT)*
TON IN
1
10
msec
Turn OFF Delay − Input (VInput connected to VCC; VInput step up signal
from 6.0 to 8.0 V; CL = 12 nF Output > VCC−1.0 V)
TOFF IN
1
0.5
1.0
msec
Turn ON Delay − CNTRL (CNTRL step down signal from 2.0 to 0.5 V;
measured to 50% point of OUT)*
TON CT
1
10
msec
Turn OFF Delay − CNTRL (CNTRL step up signal from 0.5 to 2.0 V;
CL = 12 nF Output > VCC−1.0 V)
TOFF CT
1
1.0
2.0
msec
*Turn ON Delay is guaranteed by design.


Similar Part No. - NCP1651DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1651DR2G ONSEMI-NCP1651DR2G Datasheet
785Kb / 32P
   Single Stage Power Factor Controller
December, 2010 -- Rev. 9
More results

Similar Description - NCP1651DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1651D ONSEMI-NCP1651D Datasheet
785Kb / 32P
   Single Stage Power Factor Controller
December, 2010 -- Rev. 9
NCP1652DR2G ONSEMI-NCP1652DR2G Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCP1652ADR2G ONSEMI-NCP1652ADR2G Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCP1652 ONSEMI-NCP1652_10 Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCL30001 ONSEMI-NCL30001_15 Datasheet
287Kb / 31P
   High-Efficiency Single Stage Power Factor Correction
February, 2015 ??Rev. 1
logo
Dialog Semiconductor
IW3600 DIALOG-IW3600 Datasheet
317Kb / 5P
   AC/DC Digital Power Controller for Single-Stage High Power Factor Dimmable LED Drivers
IW3689 DIALOG-IW3689 Datasheet
287Kb / 6P
   AC/DC Digital Power Controller for Single-Stage High Power Factor Dimmable LED Drivers
logo
List of Unclassifed Man...
UC3892 ETC1-UC3892 Datasheet
258Kb / 4P
   Two Stage Power Factor Converter
logo
Unisonic Technologies
7524-D08-T UTC-7524-D08-T Datasheet
117Kb / 5P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
MC33232 ONSEMI-MC33232_07 Datasheet
213Kb / 15P
   Power Factor Controller
January, 2007 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com