Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCP-5-100 Datasheet(PDF) 2 Page - Technology Dynamics Inc.

Part # TCP-5-100
Description  SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHNOLOGY [Technology Dynamics Inc.]
Direct Link  http://technologydynamicsinc.com/
Logo TECHNOLOGY - Technology Dynamics Inc.

TCP-5-100 Datasheet(HTML) 2 Page - Technology Dynamics Inc.

  TCP-5-100 Datasheet HTML 1Page - Technology Dynamics Inc. TCP-5-100 Datasheet HTML 2Page - Technology Dynamics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MECHANICAL OUTLINE
MODEL SELECTION
OPTION DESIGNATIONS
Low Voltage Battery Disconnect
The LVBD module adds a new dimension to battery backup power
supplies. The power supply simultaneously charges the battery and
powers the load. If the AC power fails, the battery continues to
support the load. However, when the battery voltage drops below a
predetermined level, the LVBD module disconnects the battery from
the load, thereby protecting the battery from the damaging effects of
complete discharge.
PARALLEL OPERATION
-PAR
PANEL MOUNT
-PNL
400 Hz OPPERATION
-400HZ
AUTO LINE SELECT
3 PHASE INPUT
REDUNDANT OPERATION (ORING DIODE)
BATTERY BACK-UP
RUGGEDIZED/MILITARIZED
CONFORMAL COATING
-ALS
-3P
-ORD
-RK
-MIL
-CC
RACK MOUNT
-LVBD
400 WATTS
600 WATTS
Model
Nominal Voltage
(VDC)
Maximum Current
(ADC)
Model
Maximum Current
(ADC)
TCP - 5 - 80
3.5/5V
80A
TCP - 12 - 50
100A
TCP - 12 - 34
TCP - 15 - 27
TCP - 24 - 17
TCP - 28 - 14
12V
15V
24V
28V
34A
27A
17A
14A
TCP - 15 - 40
TCP - 24 - 25
TCP - 28 -21
50A
40A
25A
21A
TCP - 36 - 11
36V
11A
TCP - 5 - 100
16A
800 WATTS
Model
TCP - 15 - 53
TCP - 24 - 33
TCP - 28 - 28
TCP - 36 - 22
TCP - 48 - 16
TCP - 12 - 66
Nominal Voltage
(VDC)
Maximum Current
(ADC)
12V
66A
15V
24V
28V
36V
53A
33A
28A
22A
48V
16A
Model
TCP - 24 - 41
TCP - 28 - 35
Consult
Factory
Maximum Current
(ADC)
41A
35A
1000 WATTS
TCP - 48 - 8
TCP - 36 - 27
TCP - 48 - 16
27A
20A
48V
8A
TCP - 36 -16
TCP - 48 - 12
12A
N/A
N/A
N/A
TECHNOLOGY DYNAMICS INC.
100 School Street, Bergenfield, NJ 07621
Phone: (201) 385-0500, Fax: (201) 385-0702
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
www.technologydynamicsinc.com
Rev.A


Similar Part No. - TCP-5-100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TCP-5012UB ONSEMI-TCP-5012UB Datasheet
217Kb / 7P
   1.2 pF Passive Tunable Integrated Circuits (PTIC)
November, 2016 ??Rev. 0
TCP-5012UB-DT ONSEMI-TCP-5012UB-DT Datasheet
217Kb / 7P
   1.2 pF Passive Tunable Integrated Circuits (PTIC)
November, 2016 ??Rev. 0
TCP-5018UB ONSEMI-TCP-5018UB Datasheet
209Kb / 7P
   1.8 pF Passive Tunable Integrated Circuits (PTIC)
November, 2016 ??Rev. 0
TCP-5018UB-DT ONSEMI-TCP-5018UB-DT Datasheet
209Kb / 7P
   1.8 pF Passive Tunable Integrated Circuits (PTIC)
November, 2016 ??Rev. 0
TCP-5027UB ONSEMI-TCP-5027UB Datasheet
243Kb / 7P
   2.7 pF Passive Tunable Integrated Circuits (PTIC)
November, 2016 ??Rev. P1
More results

Similar Description - TCP-5-100

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPLBU09A TOTAL-POWER-TPLBU09A Datasheet
200Kb / 2P
   Switching Power Supplies
logo
TECHNOLOGY ASSISTANCE B...
TDRSP-BX-3000-12 TAB-TDRSP-BX-3000-12 Datasheet
465Kb / 2P
   SWITCHING POWER SUPPLIES
logo
Technology Dynamics Inc...
PTCP-5-80 TECHNOLOGY-PTCP-5-80 Datasheet
255Kb / 2P
   SWITCHING POWER SUPPLIES
logo
TECHNOLOGY ASSISTANCE B...
NTDX-6000-12 TAB-NTDX-6000-12 Datasheet
380Kb / 2P
   SWITCHING POWER SUPPLIES
PTCP TAB-PTCP Datasheet
255Kb / 2P
   SWITCHING POWER SUPPLIES
logo
Technology Dynamics Inc...
TDRSP-1000-12 TECHNOLOGY-TDRSP-1000-12 Datasheet
410Kb / 2P
   SWITCHING POWER SUPPLIES
logo
Balluff Korea Ltd.
BAE0111 BALLUFF-BAE0111 Datasheet
126Kb / 2P
   Switching Power Supplies
0.28_2021-12-17
BAE0112 BALLUFF-BAE0112 Datasheet
124Kb / 2P
   Switching Power Supplies
0.28_2021-12-17
BAE00TK BALLUFF-BAE00TK Datasheet
129Kb / 2P
   Switching Power Supplies
2.26_2021-05-03
logo
Technology Dynamics Inc...
TDRSP-1500-5 TECHNOLOGY-TDRSP-1500-5 Datasheet
176Kb / 2P
   SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com