Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3G630-AB21-62F Datasheet(PDF) 1 Page - ebm-papst

Part # R3G630-AB21-62F
Description  EC centrifugal fans
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

R3G630-AB21-62F Datasheet(HTML) 1 Page - ebm-papst

  R3G630-AB21-62F Datasheet HTML 1Page - ebm-papst R3G630-AB21-62F Datasheet HTML 2Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EC centrifugal fans
backward curved, single inlet, Ø 630
Highlights:
– 6-blade fan, 3-phase fan motor
– 10 VDC max. output /10 mA, 20 VDC max. output /50 mA, 0-10 V slave output, 24 V external program
input, 0-10 VDC / PWM control input, 0-10 V or 4-20 mA sensor input, external release input
– Integrated PID controller, RS485 MODBUS RTU technology
– Over-temperature protected electronics /motor, alarm relay
– Soft start, PFC passive, line undervoltage /phase failure detection
Material: Impeller: Aluminum sheet
Rotor: Coated in black
Electronic housing: Die-cast aluminum
Assembly: Galvanized steel with aluminum posts
Mounting position: Shaft horizontal or rotor on bottom; rotor on top on request
Condensate discharge holes: Rotor-side
Direction of rotation: Clockwise, seen on rotor
(1) Nominal data at maximum load.
Measurement: LU-132496
Air performance measured
as per: ISO 5801, Installation
category A, without protection
against accidental contact.
Suction-side noise levels: LWA as
per ISO 13347, LPA measured at
1m distance to fan axis.
The values given are valid
under the measuring conditions
mentioned and may vary accoring
to the actual installation situation.
With any deviation to the standard
set-up, the specific values have
to be checked and reviewed once
installed or fitted.
For detailed information on the
measuring set-up, please contact
ebm-papst.
Curves
n
rpm
Pe
W
I
A
(460V)
I
A
(230V)
LwAin
dB(A)
Nominal Data
Type
RadiPac
Motor
CFM
VAC
Hz
Watts
RPM
A
°C
lbs
R3G630-AB30-63F
EG1R-240-630-30
M3G150-IF
10,100
200...240
50/60
2,850
1,230
7.8
-25...40
65
IP54
A
Yes
R3G630-AB21-62F
EG1R-480-630-30
M3G150-IF
10,100
380...480
50/60
2,770
1,230
3.7
-25...55
65
IP54
A
Yes
2.000
4.000
6.000
8.000
10.000
12.000
14.000
16.000 m3/h
1700
1600
1500
1400
1300
1200
1100
1000
900
800
700
600
500
400
300
200
100
m3/h
16.000
14.000
12.000
10.000
8.000
6.000
4.000
2.000
850
800
750
700
650
600
550
500
450
400
350
300
250
200
150
100
50
10.000
cfm
8.000
6.000
4.000
2.000
0
1
2
3
4
5
6
7
8
9
10
11
12
A
A
A
A
A
A
A
A
A
A
A
A
13
14
15
16
A
A
A
A
1
2
3
4
5
6
7
8
9
10
11
12
A
A
A
A
A
A
A
A
A
A
A
A
13
14
15
16
A
A
A
A
1
2
3
4
5
6
7
8
9
10
11
12
A
A
A
A
A
A
A
A
A
A
A
A
13
14
15
16
A
A
A
A
1230
2052
3.0
5.6
85
1230
2593
3.7
7.0
82
1230
2770
3.7
7.8
80
1230
2581
3.7
7.0
81
1050
1237
1.8
3.4
82
1050
1569
2.2
4.3
78
1050
1779
2.5
4.8
77
1050
1558
2.2
4.3
77
850
656
0.9
1.7
77
850
832
1.2
2.3
73
850
944
1.3
2.5
72
850
827
1.2
2.3
72
650
293
0.4
0.8
71
650
372
0.5
1.0
67
650
422
0.6
1.1
66
650
370
0.5
1.0
66


Similar Part No. - R3G630-AB21-62F

ManufacturerPart #DatasheetDescription
logo
ebm-papst
R3G630-AC05-61F EBMPAPST-R3G630-AC05-61F Datasheet
1Mb / 2P
   R3G630-AC05-61F
More results

Similar Description - R3G630-AB21-62F

ManufacturerPart #DatasheetDescription
logo
ebm-papst
R3G560-AH29-66F EBMPAPST-R3G560-AH29-66F Datasheet
1Mb / 2P
   EC centrifugal fans
R3G500-AG34-63F EBMPAPST-R3G500-AG34-63F Datasheet
1Mb / 2P
   EC centrifugal fans
R3G225-RE EBMPAPST-R3G225-RE Datasheet
671Kb / 2P
   EC centrifugal fans - RadiCal
R3G190-RD EBMPAPST-R3G190-RD Datasheet
673Kb / 2P
   EC centrifugal fans - RadiCal
R3G310-AZ88-03 EBMPAPST-R3G310-AZ88-03 Datasheet
1Mb / 2P
   EC centrifugal fans - RadiPac
R3G310-AY73-13 EBMPAPST-R3G310-AY73-13 Datasheet
1Mb / 2P
   EC centrifugal fans - RadiPac
R3G220-RD EBMPAPST-R3G220-RD Datasheet
723Kb / 2P
   EC centrifugal fans - RadiCal
R3G250-RE EBMPAPST-R3G250-RE Datasheet
716Kb / 2P
   EC centrifugal fans - RadiCal
logo
List of Unclassifed Man...
R3G250RE ETC2-R3G250RE Datasheet
716Kb / 2P
   EC centrifugal fans - RadiCal짰 Series R3G250 RE 횠250 mm
R3G220RD ETC2-R3G220RD Datasheet
723Kb / 2P
   EC centrifugal fans - RadiCal짰 Series R3G220 RD 횠220 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com