Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R4E310-RA06-01 Datasheet(PDF) 1 Page - ebm-papst

Part # R4E310-RA06-01
Description  AC centrifugal fan - RadiCal
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

R4E310-RA06-01 Datasheet(HTML) 1 Page - ebm-papst

  R4E310-RA06-01 Datasheet HTML 1Page - ebm-papst R4E310-RA06-01 Datasheet HTML 2Page - ebm-papst R4E310-RA06-01 Datasheet HTML 3Page - ebm-papst R4E310-RA06-01 Datasheet HTML 4Page - ebm-papst R4E310-RA06-01 Datasheet HTML 5Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AC centrifugal fan - RadiCal
backward curved, single inlet
R4E310-RA06-01
ebm-papst Mulfingen GmbH & Co. KG
Bachmühle 2 · D-74673 Mulfingen
Phone +49 7938 81-0
Fax +49 7938 81-110
info1@de.ebmpapst.com
www.ebmpapst.com
Limited partnership · Headquarters Mulfingen
County court Stuttgart · HRA 590344
General partner: Elektrobau Mulfingen GmbH · Headquarters Mulfingen
County court Stuttgart · HRB 590142
Nominal data
Type
R4E310-RA06-01
Motor
M4E068-EC
Phase
1~
1~
Nominal voltage
VAC
230
230
Frequency
Hz
50
60
Type of data definition
ml
ml
Valid for approval / standard
CE
CE
Speed
min-1
1325
1380
Power input
W
137
185
Current draw
A
0.62
0.82
Motor capacitor
µF
4
4
Capacitor voltage
VDB
400
400
Capacitor standard
P0 (CE)
P0 (CE)
Min. back pressure
Pa
0
0
Min. ambient temperature
°C
-25
-25
Max. ambient temperature
°C
60
40
ml = max. load · me = max. efficiency · fa = running at free air · cs = customer specs · cu = customer unit
Subject to alterations
Data according to ErP directive
Installation category
A
Efficiency category
Static
Variable speed drive integrated
No
Specific ratio*
1,00
* Specific ratio = 1 + p
fs / 100 000 Pa
Actual
Request 2013
Request 2015
Overall efficiency ηes
42,2
38,2
42,2
Efficiency grade N
62
58
62
Power input Pe
kW
0,13
Air flow qv
m³/h
1055
Pressure increase pfs
Pa
184
Speed n
min-1
1335
Data established at point of optimum efficiency
Item no.: 12092-5-9980 · Revision: 76115 · Print-out: 2012-04-05 · Y. Uhlmann (VM-TDO) · Page 1 / 5
ebm-papst Mulfingen GmbH & Co. KG · Bachmühle 2 · D-74673 Mulfingen · Phone +49 7938 81-0 · Fax +49 7938 81-110 · info1@de.ebmpapst.com · www.ebmpapst.com


Similar Part No. - R4E310-RA06-01

ManufacturerPart #DatasheetDescription
logo
ebm-papst
R4E310-AO12-10 EBMPAPST-R4E310-AO12-10 Datasheet
378Kb / 1P
   Motorized Impeller
R4E310-AO32-11 EBMPAPST-R4E310-AO32-11 Datasheet
378Kb / 1P
   Motorized Impeller
R4E310-AO34-12 EBMPAPST-R4E310-AO34-12 Datasheet
378Kb / 1P
   Motorized Impeller
R4E310-AP11-12 EBMPAPST-R4E310-AP11-12 Datasheet
378Kb / 1P
   Motorized Impeller
R4E310-AP15-11 EBMPAPST-R4E310-AP15-11 Datasheet
378Kb / 1P
   Motorized Impeller
More results

Similar Description - R4E310-RA06-01

ManufacturerPart #DatasheetDescription
logo
ebm-papst
R3G250-RE09-07 EBMPAPST-R3G250-RE09-07 Datasheet
886Kb / 5P
   EC centrifugal fan - RadiCal
R3G310-RS05-J1 EBMPAPST-R3G310-RS05-J1 Datasheet
1Mb / 5P
   EC centrifugal fan - RadiCal
R3G190-RC05-03 EBMPAPST-R3G190-RC05-03 Datasheet
546Kb / 5P
   EC centrifugal fan - RadiCal
2016-04-29
R3G310-RS01-I1 EBMPAPST-R3G310-RS01-I1 Datasheet
1Mb / 6P
   EC centrifugal fan-RadiCal
R2E190-RA EBMPAPST-R2E190-RA Datasheet
603Kb / 2P
   AC centrifugal fans - RadiCal
R2E250-RB EBMPAPST-R2E250-RB Datasheet
636Kb / 2P
   AC centrifugal fans - RadiCal
R2E225-RA EBMPAPST-R2E225-RA Datasheet
570Kb / 2P
   AC centrifugal fans - RadiCal
logo
List of Unclassifed Man...
R2E190RA ETC2-R2E190RA Datasheet
603Kb / 2P
   AC centrifugal fans - RadiCal
logo
ebm-papst
R2E220-RA EBMPAPST-R2E220-RA Datasheet
588Kb / 2P
   AC centrifugal fans - RadiCal
R2E180-AT06-15 EBMPAPST-R2E180-AT06-15 Datasheet
176Kb / 5P
   AC centrifugal fan
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com