Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6406F Datasheet(PDF) 8 Page - Rohm

Part # BA6406F
Description  Two-Phase Half-Wave Pre Driver Fan Motor Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6406F Datasheet(HTML) 8 Page - Rohm

Back Button BA6406F_12 Datasheet HTML 4Page - Rohm BA6406F_12 Datasheet HTML 5Page - Rohm BA6406F_12 Datasheet HTML 6Page - Rohm BA6406F_12 Datasheet HTML 7Page - Rohm BA6406F_12 Datasheet HTML 8Page - Rohm BA6406F_12 Datasheet HTML 9Page - Rohm BA6406F_12 Datasheet HTML 10Page - Rohm BA6406F_12 Datasheet HTML 11Page - Rohm BA6406F_12 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays
8/12
Datasheet
Datasheet
TSZ02201-0H1H0B100480-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
18.DEC.2012 Rev.002
TSZ22111・14・001
BA6406F
www.rohm.com
●Thermal derating curve
Power dissipation (total loss) indicates the power that can be consumed by IC at Ta = 25ºC (normal temperature). IC is
heated when it consumes power, and the temperature of IC chip becomes higher than ambient temperature. The
temperature that can be accepted by IC chip depends on circuit configuration, manufacturing process, etc, and consumable
power is limited. Power dissipation is determined by the temperature allowed in IC chip (maximum junction temperature)
and thermal resistance of package (heat dissipation capability). The maximum junction temperature is in general equal to
the maximum value in the storage temperature range.
Heat generated by consumed power of IC is radiated from the mold resin or lead frame of package. The parameter which
indicates this heat dissipation capability (hardness of heat release) is called heat resistance, represented by the symbol
θja
[℃/W]. The temperature of IC inside the package can be estimated by this heat resistance. Fig.11 shows the model of heat
resistance of the package.
Heat resistance
θja, ambient temperature Ta, junction temperature Tj, and power consumption P can be calculated by the
equation below:
θja = (Tj−Ta) / P
[℃/W]
Thermal derating curve indicates power that can be consumed by IC with reference to ambient temperature. Power that can
be consumed by IC begins to attenuate at certain ambient temperature. This gradient is determined by thermal resistance
θja.
Thermal resistance
θja depends on chip size, power consumption, package ambient temperature, packaging condition,
wind velocity, etc., even when the same package is used. Thermal derating curve indicates a reference value measured at
a specified condition. Fig.56 shows a thermal derating curve (Value when mounting FR4 glass epoxy board 70 [mm] x 70
[mm] x 1.6 [mm] (copper foil area below 3 [%]))
●Equivalent circuit
1) Hall input terminal
2) Output terminal
3)AL signal output terminal
Pd(mW)
700
600
500
400
300
200
100
0
25
50
75
100
125
150
Ta(℃)
95
BA6406F
624
800
780
85
θja = (Tj-Ta) / P
[℃/W]
Fig.11 Thermal resistance
Ambient temperature Ta[℃]
Chip surface temperature Tj[℃]
Power
consumption
P[W]
H+
H-
1kΩ
1kΩ
Vcc
A1,A2
15kΩ
AL
Reduce by 6.24 mW/°C over 25°C.
(70.0mm×70.0mm×1.6mm glass epoxy board)
Fig.12 Thermal derating curve


Similar Part No. - BA6406F_12

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6406F ROHM-BA6406F_1 Datasheet
234Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6406F ROHM-BA6406F_11 Datasheet
88Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BA6406F_12

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6506F ROHM-BA6506F_12 Datasheet
402Kb / 16P
   Two-Phase Half-Wave Pre Driver Fan Motor Driver
logo
Sanyo Semicon Device
LB11668M SANYO-LB11668M Datasheet
153Kb / 4P
   For Fan Motor Two-Phase Half-Wave Driver
logo
Rohm
BA6818FS ROHM-BA6818FS Datasheet
237Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6817F ROHM-BA6817F Datasheet
231Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BD6712AF ROHM-BD6712AF Datasheet
229Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6506F ROHM-BA6506F Datasheet
139Kb / 5P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6901F ROHM-BA6901F Datasheet
127Kb / 10P
   2-Phase half-wave motor pre driver for fan motor
BA6406F ROHM-BA6406F_1 Datasheet
234Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6901F ROHM-BA6901F_1 Datasheet
252Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
logo
ON Semiconductor
LB1860 ONSEMI-LB1860 Datasheet
138Kb / 8P
   Two-Phase Half-Wave Variable Speed Fan Motor Driver
August 2014 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com