Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD16805FV-ME2 Datasheet(PDF) 1 Page - Rohm

Part # BD16805FV-ME2
Description  Three Phase Motor Predriver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD16805FV-ME2 Datasheet(HTML) 1 Page - Rohm

  BD16805FV-ME2 Datasheet HTML 1Page - Rohm BD16805FV-ME2 Datasheet HTML 2Page - Rohm BD16805FV-ME2 Datasheet HTML 3Page - Rohm BD16805FV-ME2 Datasheet HTML 4Page - Rohm BD16805FV-ME2 Datasheet HTML 5Page - Rohm BD16805FV-ME2 Datasheet HTML 6Page - Rohm BD16805FV-ME2 Datasheet HTML 7Page - Rohm BD16805FV-ME2 Datasheet HTML 8Page - Rohm BD16805FV-ME2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1/16
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・14・001
TSZ02201-0G2G0BE00010-1-2
06.Oct.2016 Rev.004
Three Phase Motor Predriver IC for automotive
Built-in the Phase adjustment control and
180°energizing drive
Three Phase Motor Predriver
BD16805FV-M
General Description
BD16805FV-M is three phase motor driver for air conditioner blower motor, battery cooling fan motor, and seat cooling fan
motor. This IC can implement silent drive by 180° energizing drive. The BD16805FV includes a built-in phase adjustment
control function to drive highly effective. The setting that can correspond to various motor controls is possible.
(PWM frequency, Overcurrent protection limit, Start time and Lock protection)
Features
AEC-Q100 Qualified
180° energizing
Phase adjustment control
Built-in charge pump
Built-in MUTE return and uptime setting
Normal rotation/reversal rotation switch function
1FG/3FG switch function
Speed control by DC input and PWM input
Output mode can be selected
Built-in overcurrent protection circuit(OCP)
(With limit adjustment function)
Lock protection function
Built-in under voltage protection circuit(UVLO)
Built-in over voltage protection circuit(OVP)
Built-in thermal shutdown (TSD)
Packages
SSOP-B40
13.6 ㎜×7.80 ㎜×1.80 ㎜
Applications
Air conditioner blower motor
Battery cooling fan motor
Seat cooling fan motor
Typical Application Circuits
Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays.
VCC
HALL
BATTERY
0.1uF
VREG
HU+
HU-
HV+
HV-
HW+
HW-
HALL
HALL
PGND
VG
C_P C_M
DUH
VS_U
DUL
DVH
VS_V
DVL
DWH
VS_W
DWL
Motor
0.1uF
RNF
VDEG
MODESEL
FR
FGSW
LOCPL
PWM
PWM SIGNAL
VTH
CT2
COSC
CAGC
CT1
MCT2
CT2 DISCHARGE SIGNAL
STB
STB SIGNAL
GND
AL
100kΩ
ALARM SIGNAL
MCU Standard
Power Supply
FG
1 FG /3 FG SIGNAL
VREG
100kΩ
0.1uF~10uF
1uF
470pF~10000pF
Datasheet


Similar Part No. - BD16805FV-ME2

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BD168 CDIL-BD168 Datasheet
78Kb / 3P
   PLASTIC POWER TRANSISTORS
logo
Rohm
BD16852EFV-C ROHM-BD16852EFV-C Datasheet
3Mb / 59P
   Three-phase Brushless Motor Driver for Automotive
27.Sep.2021 Rev.001
BD16852EFV-CE2 ROHM-BD16852EFV-CE2 Datasheet
3Mb / 59P
   Three-phase Brushless Motor Driver for Automotive
27.Sep.2021 Rev.001
More results

Similar Description - BD16805FV-ME2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8104V ONSEMI-LV8104V Datasheet
303Kb / 19P
   Three-Phase Brushless Motor Predriver
May, 2013
logo
Rohm
BD63001AMUV ROHM-BD63001AMUV Datasheet
2Mb / 26P
   Three-Phase Brushless Motor Predriver
logo
ON Semiconductor
LV8105W ONSEMI-LV8105W Datasheet
171Kb / 21P
   Three-Phase Brushless Motor Predriver
July, 2013
logo
Sanyo Semicon Device
LV8104V SANYO-LV8104V Datasheet
415Kb / 19P
   For Variable Speed Control Three-Phase Brushless Motor Predriver
logo
ON Semiconductor
LV8968BBUW ONSEMI-LV8968BBUW Datasheet
382Kb / 35P
   Multi-purpose Three-Phase BLDC Predriver
September, 2022 - Rev. 5
logo
Rohm
BA6406F ROHM-BA6406F Datasheet
62Kb / 5P
   2-phase half-wave motor predriver
logo
Texas Instruments
TMP821 TI1-TMP821 Datasheet
523Kb / 13P
[Old version datasheet]   TWO-PHASE HALF-WAVE MOTOR PREDRIVER
logo
Rohm
BA6404F ROHM-BA6404F Datasheet
38Kb / 3P
   2-phase half-wave motor predriver
BA6402F ROHM-BA6402F Datasheet
46Kb / 3P
   2-phase half-wave motor predriver
logo
Sanyo Semicon Device
LV8105W SANYO-LV8105W Datasheet
202Kb / 21P
   Bi-CMOS IC For Variable Speed Control Three-Phase Brushless Motor Predriver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com