Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH6766FVM Datasheet(PDF) 2 Page - Rohm

Part # BH6766FVM
Description  5V Single-phase Full wave
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH6766FVM Datasheet(HTML) 2 Page - Rohm

  BH6766FVM_12 Datasheet HTML 1Page - Rohm BH6766FVM_12 Datasheet HTML 2Page - Rohm BH6766FVM_12 Datasheet HTML 3Page - Rohm BH6766FVM_12 Datasheet HTML 4Page - Rohm BH6766FVM_12 Datasheet HTML 5Page - Rohm BH6766FVM_12 Datasheet HTML 6Page - Rohm BH6766FVM_12 Datasheet HTML 7Page - Rohm BH6766FVM_12 Datasheet HTML 8Page - Rohm BH6766FVM_12 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Datasheet
2/9
BH6766FVM
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
11.Jul.2012 Rev.001
TSZ02201-0H1H0B100100-1-2
TSZ22111・15・001
●Electrical characteristics(Unless otherwise specified Ta=25℃,Vcc=5V)
Parameter
Symbol
Limits
Unit
Conditions
Characteristics
Min.
Typ.
Max.
Circuit current
Icc
-
5
8
mA
Fig.1
Input offset voltage
Vhofs
-
-
±6
mV
-
Output voltage
Vo
-
0.32
0.49
V
Io=250mA
Upper and Lower total
Fig.2,3
Input-output Gain
Gio
45
48
51
dB
-
FG low voltage
Vfgl
-
-
0.3
V
Ifg=3mA
Fig.4
FG leak current
Ifgl
-
-
5
μA
Vfg=7V
-
Input hysteresis voltage
Vhys
±5
±10
±15
mV
Fig.5
Hall bias voltage
Vhb
1.1
1.3
1.5
V
Ihb=-5mA
Fig.6
●Reference data
0.0
0.1
0.2
0.3
0.4
0.5
0
1
2
3
4
5
FG current, Ifg[mA]
0
1
2
3
4
5
6
0
2
4
6
8
Supply voltage,Vcc[V]
0.0
0.4
0.8
1.2
1.6
0
2
4
6
8
10
Hall bias current, Ihb[mA]
-20
-15
-10
-5
0
5
10
15
20
0
2
4
6
8
Supply voltage, Vcc[V]
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Output current, Io[A]
Fig.2 Output L voltage
105℃
25℃
-40℃
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Output current, Io [A]
105℃
-40℃
25℃
105℃
Fig.3 Output H voltage
Fig.4 FG low voltage
105℃
25℃
-40℃
Fig.6 Hall bias voltage
Fig.5 Input hysteresis voltage
25℃
-40℃
105℃
25℃
-40℃
105℃
25℃
-40℃
6V
2V
5V
Operating Voltage Range
Operating Voltage Range
Fig.1 Circuit current


Similar Part No. - BH6766FVM_12

ManufacturerPart #DatasheetDescription
logo
Rohm
BH6766FVM ROHM-BH6766FVM Datasheet
313Kb / 5P
   Single-Phase Full-Wave Motor Driver for Fan Motor
More results

Similar Description - BH6766FVM_12

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6965NUX ROHM-BD6965NUX_12 Datasheet
492Kb / 16P
   5V Single-phase Full wave
BH6789FVM ROHM-BH6789FVM_12 Datasheet
480Kb / 14P
   5V Single-phase Full wave
BD6966NUX ROHM-BD6966NUX_12 Datasheet
494Kb / 16P
   5V Single-phase Full-wave
BU6904NUX ROHM-BU6904NUX Datasheet
782Kb / 17P
   5V Single-phase Full-wave Fan Motor Driver
BH6799FVM-TR ROHM-BH6799FVM-TR Datasheet
400Kb / 13P
   5V Single-phase Full wave Fan motor driver
BU6904GF ROHM-BU6904GF Datasheet
826Kb / 17P
   5V Single-phase Full-wave Fan Motor Driver
BU6906GF ROHM-BU6906GF Datasheet
890Kb / 19P
   5V Single-phase Full-wave Fan Motor Driver
BU6906NUX ROHM-BU6906NUX Datasheet
833Kb / 19P
   5V Single-phase Full-wave Fan Motor Driver
BH6799FVM ROHM-BH6799FVM_12 Datasheet
400Kb / 13P
   5V Single-phase Full wave Fan motor driver
logo
ON Semiconductor
LB11961V ONSEMI-LB11961V Datasheet
76Kb / 7P
   Single-Phase Full-Wave
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com