Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM6202FS Datasheet(PDF) 6 Page - Rohm

Part # BM6202FS
Description  3-Phase Brushless Fan Motor Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM6202FS Datasheet(HTML) 6 Page - Rohm

Back Button BM6202FS Datasheet HTML 2Page - Rohm BM6202FS Datasheet HTML 3Page - Rohm BM6202FS Datasheet HTML 4Page - Rohm BM6202FS Datasheet HTML 5Page - Rohm BM6202FS Datasheet HTML 6Page - Rohm BM6202FS Datasheet HTML 7Page - Rohm BM6202FS Datasheet HTML 8Page - Rohm BM6202FS Datasheet HTML 9Page - Rohm BM6202FS Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6/19
Datasheet
Datasheet
BM6202FS
TSZ02201-0828AB400090-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
22.FEB.2013 Rev.001
http://www.rohm.com
TSZ22111 · 15 · 001
FOB
VREG
FIB
BD6201XFS
BM6202FS
100k
C
When using controller BD6201X series as a control IC, the FOB pin can be linked to the external fault signal input pin of
the side of the control IC since it has the internal pull-up resistor. Refer to figure 11.
Figure 11. Interface equivalent circuit
7) Switching time
Figure 12. Switching time definition
Parameter
Symbol
Reference
Unit
Conditions
tdH(on)
930
ns
trH
170
ns
trrH
250
ns
tdH(off)
600
ns
High side switching time
tfH
20
ns
tdL(on)
990
ns
trL
220
ns
trrL
250
ns
tdL(off)
600
ns
Low side switching time
tfL
60
ns
VDC=300V, VCC=15V, ID=0.75A
VIN= 0V
↔5V, Inductive load
XH, XL
VDS
ID
ton
td(on)
tr
trr
td(off)
toff
tf
10%
90%
10%
90%


Similar Part No. - BM6202FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BM6201FS ROHM-BM6201FS Datasheet
995Kb / 22P
   600V PrestoMOS??built-in Three phase brushless fan motor driver
BM6201FS-E2 ROHM-BM6201FS-E2 Datasheet
995Kb / 22P
   600V PrestoMOS??built-in Three phase brushless fan motor driver
logo
Bookly Micro electronic
BM6203 BOOKLY-BM6203 Datasheet
5Mb / 12P
   LDO
logo
Rohm
BM6203FS ROHM-BM6203FS Datasheet
688Kb / 24P
   3-Phase Brushless Fan Motor Driver
BM6203FS-E2 ROHM-BM6203FS-E2 Datasheet
688Kb / 24P
   3-Phase Brushless Fan Motor Driver
More results

Similar Description - BM6202FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BM6241FS ROHM-BM6241FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
BM6245FS ROHM-BM6245FS Datasheet
2Mb / 36P
   3-Phase Brushless Fan Motor Driver
BM6214FS ROHM-BM6214FS Datasheet
1Mb / 31P
   3-Phase Brushless Fan Motor Driver
BM6203FS ROHM-BM6203FS Datasheet
688Kb / 24P
   3-Phase Brushless Fan Motor Driver
BM6242FS ROHM-BM6242FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
BM6243FS ROHM-BM6243FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
BM6246FS ROHM-BM6246FS Datasheet
2Mb / 36P
   3-Phase Brushless Fan Motor Driver
BM6204FS ROHM-BM6204FS Datasheet
1Mb / 31P
   3-Phase Brushless Fan Motor Driver
BM6213FS ROHM-BM6213FS Datasheet
1Mb / 31P
   3-Phase Brushless Fan Motor Driver
BM6249FS ROHM-BM6249FS Datasheet
2Mb / 34P
   3-Phase Brushless Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com