Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM6204FS Datasheet(PDF) 3 Page - Rohm

Part # BM6204FS
Description  3-Phase Brushless Fan Motor Driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM6204FS Datasheet(HTML) 3 Page - Rohm

  BM6204FS Datasheet HTML 1Page - Rohm BM6204FS Datasheet HTML 2Page - Rohm BM6204FS Datasheet HTML 3Page - Rohm BM6204FS Datasheet HTML 4Page - Rohm BM6204FS Datasheet HTML 5Page - Rohm BM6204FS Datasheet HTML 6Page - Rohm BM6204FS Datasheet HTML 7Page - Rohm BM6204FS Datasheet HTML 8Page - Rohm BM6204FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
3/27
Datasheet
Datasheet
BM6204FS
TSZ02201-0828AB400120-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
09.Sep.2015 Rev.002
http://www.rohm.com
TSZ22111 · 15 · 001
Description of Blocks
1. Commutation Logic
When the hall frequency is about 1.4-Hz or less (e.g. when the motor starts up), or PC pin is “L”, the commutation mode
is 120° square wave drive with upper and lower switching (synchronous switching). The controller monitors the hall
frequency, and switches to upper switching when the hall frequency reaches or exceeds about 1.4-Hz over four
consecutive cycles and PC pin is “H”. Refer to the timing charts in figures 12 and 13.
2. Duty Control
The switching duty can be controlled by forcing DC voltage with value from VSPMIN to VSPMAX to the VSP pin. When the
VSP voltage is higher than VSPTST, the controller forces PC pin voltage to ground (Testing mode, maximum duty and
synchronous switching). The VSP pin is pulled down internally by a 200 kΩ resistor. Therefore, note the impedance when
setting the VSP voltage with a resistance voltage divider.
3. Carrier Frequency Setting
The carrier frequency setting can be freely adjusted by connecting an external
resistor between the RT pin and ground. The RT pin is biased to a constant
voltage, which determines the charge current to the internal capacitor. Carrier
frequencies can be set within a range from about 16 kHz to 50 kHz. Refer to the
formula to the right.
4. FG Signal Output
The number of FG output pulses can be switched in accordance with the number
of poles and the rotational speed of the motor. The FG signal is output from the FG
pin. The 12-pulse signal is generated from the three hall signals (exclusive NOR),
and the 4-pulse signal is the same as hall U signal. It is recommended to pull up
FGS pin to VREG voltage when malfunctioning because of the noise.
5. Direction of Motor Rotation Setting
The direction of rotation can be switched by the CCW pin. When CCW pin is “H” or
open, the motor rotates at CCW direction. It is recommended to pull up CCW pin to
VREG voltage when malfunctioning because of the noise.
6. Hall Signal Comparator
The hall comparator provides voltage hysteresis to prevent noise malfunctions. The bias current to the hall elements
should be set to the input voltage amplitude from the element, at a value higher than the minimum input voltage, VHALLMIN.
We recommend connecting a ceramic capacitor with value from 100 pF to 0.01 µF, between the differential input pins of
the hall comparator. Note that the bias to hall elements must be set within the common mode input voltage range
VHALLCM.
Table 1. 120° commutation (synchronous switching) truth table
HU
HV
HW
UH
VH
WH
UL
VL
WL
H
L
H
L
PWM
L
H
PWM
--------------------
L
H
L
L
L
L
PWM
H
L
PWM
--------------------
H
H
L
L
L
PWM
L
H
PWM
--------------------
L
H
L
PWM
L
L
PWM
--------------------
H
L
L
H
H
PWM
L
L
PWM
--------------------
L
H
L
L
H
L
PWM
L
L
PWM
--------------------
H
FGS
No. of pulse
H
12
L
4
CCW
Direction
H
CCW
L
CW
]
kohm
[
R
400
]
kHz
[
f
T
OSC


Similar Part No. - BM6204FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BM6201FS ROHM-BM6201FS Datasheet
995Kb / 22P
   600V PrestoMOS??built-in Three phase brushless fan motor driver
BM6201FS-E2 ROHM-BM6201FS-E2 Datasheet
995Kb / 22P
   600V PrestoMOS??built-in Three phase brushless fan motor driver
BM6202FS ROHM-BM6202FS Datasheet
663Kb / 23P
   3-Phase Brushless Fan Motor Driver
BM6202FS-E2 ROHM-BM6202FS-E2 Datasheet
663Kb / 23P
   3-Phase Brushless Fan Motor Driver
logo
Bookly Micro electronic
BM6203 BOOKLY-BM6203 Datasheet
5Mb / 12P
   LDO
More results

Similar Description - BM6204FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BM6241FS ROHM-BM6241FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
BM6245FS ROHM-BM6245FS Datasheet
2Mb / 36P
   3-Phase Brushless Fan Motor Driver
BM6202FS ROHM-BM6202FS Datasheet
663Kb / 23P
   3-Phase Brushless Fan Motor Driver
BM6214FS ROHM-BM6214FS Datasheet
1Mb / 31P
   3-Phase Brushless Fan Motor Driver
BM6203FS ROHM-BM6203FS Datasheet
688Kb / 24P
   3-Phase Brushless Fan Motor Driver
BM6242FS ROHM-BM6242FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
BM6243FS ROHM-BM6243FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
BM6246FS ROHM-BM6246FS Datasheet
2Mb / 36P
   3-Phase Brushless Fan Motor Driver
BM6213FS ROHM-BM6213FS Datasheet
1Mb / 31P
   3-Phase Brushless Fan Motor Driver
BM6249FS ROHM-BM6249FS Datasheet
2Mb / 34P
   3-Phase Brushless Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com