Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM6213FS-E2 Datasheet(PDF) 1 Page - Rohm

Part # BM6213FS-E2
Description  3-Phase Brushless Fan Motor Driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM6213FS-E2 Datasheet(HTML) 1 Page - Rohm

  BM6213FS-E2 Datasheet HTML 1Page - Rohm BM6213FS-E2 Datasheet HTML 2Page - Rohm BM6213FS-E2 Datasheet HTML 3Page - Rohm BM6213FS-E2 Datasheet HTML 4Page - Rohm BM6213FS-E2 Datasheet HTML 5Page - Rohm BM6213FS-E2 Datasheet HTML 6Page - Rohm BM6213FS-E2 Datasheet HTML 7Page - Rohm BM6213FS-E2 Datasheet HTML 8Page - Rohm BM6213FS-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Product structure : Semiconductor IC This product is not designed protection against radioactive rays
.
1/27
TSZ02201-0828AB400370-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
27.Jun.2016 Rev.001
TSZ22111 · 14 · 001
http://www.rohm.com
For Air-Conditioner Fan Motor
3-Phase Brushless Fan Motor
Driver
BM6214FS
General Description
This motor driver IC adopts MOSFET as output, and put
in a small full molding package with the 150°
commutation controller chip and the high voltage gate
driver chip. The protection circuits for overcurrent,
overheating, under voltage lock out and the high voltage
bootstrap diode with current regulation are built-in. It
provides optimum motor drive system and downsizing
the built-in PCB of the motor.
Features
250V MOSFET built-in
Output current 2.0A
Bootstrap operation by floating high side driver
(including diode)
150° commutation logic
PWM control (Upper arm switching)
Phase control supported from 0° to +30° at 1°
intervals
Rotational direction switch
FG signal output with pulse number switch (4 or 12)
VREG output (5V/30mA)
Protection circuits provided: CL, OCP, TSD, UVLO,
MLP and the external fault input
Fault output (open drain)
Applications
Air conditioners; air purifiers; water pumps;
dishwashers; washing machines
Key Specifications
Output MOSFET Voltage:
250V
Driver Output Current (DC):
±2.0A (Max)
Driver Output Current (Pulse):
±4.0A (Max)
Output MOSFET DC On Resistance:
1.3Ω (Max)
Duty Control Voltage Range:
2.1V to 5.4V
Phase Control Range:
0° to +30°
Operating Case Temperature:
-20°C to +100°C
Junction Temperature:
+150°C
Power Dissipation:
3.00W
Package
W (Typ) x D (Typ) x H (Max)
SSOP-A54_36
22.0 mm x 14.1 mm x 2.4 mm
Typical Application Circuit
SSOP-A54_36
Figure 1. Application Circuit Example
R13
VREG
C14
HU
HV
HW
VSP
FG
VCC
GND
M
VDC
R1
R2
R4
R8
C1
C2~C4
C7
C8
C9
C12
D1
C11
R9
R10
R11
R12
R5
C10
R6
R3
C5
C13
DTR
Q1
C6
R7


Similar Part No. - BM6213FS-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM6213FS-E2 ROHM-BM6213FS-E2 Datasheet
1Mb / 31P
   3-Phase Brushless Fan Motor Driver
BM6213FS-E2 ROHM-BM6213FS-E2 Datasheet
1Mb / 31P
   3-Phase Brushless Fan Motor Driver
More results

Similar Description - BM6213FS-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM6241FS ROHM-BM6241FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
BM6245FS ROHM-BM6245FS Datasheet
2Mb / 36P
   3-Phase Brushless Fan Motor Driver
BM6202FS ROHM-BM6202FS Datasheet
663Kb / 23P
   3-Phase Brushless Fan Motor Driver
BM6203FS ROHM-BM6203FS Datasheet
688Kb / 24P
   3-Phase Brushless Fan Motor Driver
BM6242FS ROHM-BM6242FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
BM6243FS ROHM-BM6243FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
BM6246FS ROHM-BM6246FS Datasheet
2Mb / 36P
   3-Phase Brushless Fan Motor Driver
BM6204FS ROHM-BM6204FS Datasheet
1Mb / 31P
   3-Phase Brushless Fan Motor Driver
BM6213FS ROHM-BM6213FS Datasheet
1Mb / 31P
   3-Phase Brushless Fan Motor Driver
BM6249FS ROHM-BM6249FS Datasheet
2Mb / 34P
   3-Phase Brushless Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com