Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCP-LVDB-48-16 Datasheet(PDF) 1 Page - Technology Dynamics Inc.

Part # TCP-LVDB-48-16
Description  SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHNOLOGY [Technology Dynamics Inc.]
Direct Link  http://technologydynamicsinc.com/
Logo TECHNOLOGY - Technology Dynamics Inc.

TCP-LVDB-48-16 Datasheet(HTML) 1 Page - Technology Dynamics Inc.

  TCP-LVDB-48-16 Datasheet HTML 1Page - Technology Dynamics Inc. TCP-LVDB-48-16 Datasheet HTML 2Page - Technology Dynamics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BATTERY CHARGER
2.66” x 5.25” x 11.50”
APPLIED POWER CONVERSION
Division of
TECHNOLOGY DYNAMICS INC.
AVAILABLE OPTIONS
Design Excellence since 1976!
SPECIFICATIONS
TCP-LVBD SERIES
400-1000 WATT SINGLE OUTPUT
SWITCHING POWER SUPPLIES
INPUT SPECIFICATIONS:
ENVIRONMENTAL SPECIFICATIONS
Input: 90-132/180-26V VAC Switch Select
Input Frequency: 47-63Hz
Inrush Current: 60A max at 230VAC(cold start)
Input Current: 12A max @ 115VAC 6A max @ 230VAC
Efficiency: 85 typical (depending on output model)
Hold-up time: 16ms at full load (minimum)
Leakage Current: <3.5mA maximum @ 240 VAC
Operating Temperature: 0°C to +50°C. Derate to 50% at +70°C
Storage Temperature: -40°C to +85°C max 95% Relative Humidity
Cooling: Internal ball bearing DC fan
Humidity: 20-90% RH non condensing
Vibration: 10-500Hz, 2G 10min/1cycle for 60 min (3 axes)(Standard Unit)
Shock: 20G Peak Acceleration (Standard Unit)
Weight: Approx: 6.6 LBS
Size: 2.66” x 5.25” x 11.50”
The TCP-LVBD series 400-1000W AC-DC
power supply/battery charger provides highly
regulated output power from 400-1000 watts.
Rugged construction and superior quality
make this power supply ideal for harsh
environment applications. Available in standard,
modified or fully custom configurations, for
industrial, commercial, COTS, ruggedized and
Military applications.
OUTPUT SPECIFICATIONS
Adjustment Range: ±10% (minimum)
Minimum Load: none
Regulation: Line ±0.5% Load ±0.5% Typical
Ripple/Noise: 150mV peak to peak maximum (20 MHz)
Set Point Accuracy: ±1%(except 5V=±2%) (maximum)
Output voltage adj: ±10% minimum
Overcurrent Protection: 105-125% automatic recovery Constant Current
Overlvoltage Protection: 115-140% of V1 nominal
Overtemperature Protection: Heatsink Temp. 90°C ± 5°C Auto Recovery
STANDARD FEATURES
APPLICATIONS
Full Range Input
Low Noise and Ripple
Built In DC Fan For Cooling
Current Share Function
DC Good Signal
Remote On/Off & Remote Sense Functions
Rugged Construction
3 Phase Input
Parallel Operation
ORing Diode for Redundant Operation
Rack / Panel Mount
Ruggedized for shock & vibration
(MIL-STD-810)
SAFETY AND EMISSIONS
Designed to meet UL/cUL60950-1
Designed to meet TUV EN60950-1
Designed to meet EN55022 (Class A)
Auto Line Selection
400Hz Operation
Conformal Coating
TT
G POWER SUPPLIES
INPUT SPECIFICATIONS:
A
A
TERY CHARGER
x 5.25” x 11.50”
SPECIFICATIONS
A
A
LVBD (Battery Back-up)
File: A5269


Similar Part No. - TCP-LVDB-48-16

ManufacturerPart #DatasheetDescription
logo
TECHNOLOGY ASSISTANCE B...
TCP-12-34 TAB-TCP-12-34 Datasheet
358Kb / 2P
   SWITCHING POWER SUPPLIES
logo
Technology Dynamics Inc...
TCP-12-34 TECHNOLOGY-TCP-12-34 Datasheet
358Kb / 2P
   SWITCHING POWER SUPPLIES
TCP-12-50 TECHNOLOGY-TCP-12-50 Datasheet
358Kb / 2P
   SWITCHING POWER SUPPLIES
TCP-12-66 TECHNOLOGY-TCP-12-66 Datasheet
358Kb / 2P
   SWITCHING POWER SUPPLIES
TCP-15-27 TECHNOLOGY-TCP-15-27 Datasheet
358Kb / 2P
   SWITCHING POWER SUPPLIES
More results

Similar Description - TCP-LVDB-48-16

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPLBU09A TOTAL-POWER-TPLBU09A Datasheet
200Kb / 2P
   Switching Power Supplies
logo
TECHNOLOGY ASSISTANCE B...
TDRSP-BX-3000-12 TAB-TDRSP-BX-3000-12 Datasheet
465Kb / 2P
   SWITCHING POWER SUPPLIES
logo
Technology Dynamics Inc...
PTCP-5-80 TECHNOLOGY-PTCP-5-80 Datasheet
255Kb / 2P
   SWITCHING POWER SUPPLIES
logo
TECHNOLOGY ASSISTANCE B...
NTDX-6000-12 TAB-NTDX-6000-12 Datasheet
380Kb / 2P
   SWITCHING POWER SUPPLIES
PTCP TAB-PTCP Datasheet
255Kb / 2P
   SWITCHING POWER SUPPLIES
logo
Technology Dynamics Inc...
TDRSP-1000-12 TECHNOLOGY-TDRSP-1000-12 Datasheet
410Kb / 2P
   SWITCHING POWER SUPPLIES
logo
Balluff Korea Ltd.
BAE0111 BALLUFF-BAE0111 Datasheet
126Kb / 2P
   Switching Power Supplies
0.28_2021-12-17
BAE0112 BALLUFF-BAE0112 Datasheet
124Kb / 2P
   Switching Power Supplies
0.28_2021-12-17
BAE00TK BALLUFF-BAE00TK Datasheet
129Kb / 2P
   Switching Power Supplies
2.26_2021-05-03
logo
Technology Dynamics Inc...
TCP-5-80 TECHNOLOGY-TCP-5-80 Datasheet
358Kb / 2P
   SWITCHING POWER SUPPLIES
TDRSP-1500-5 TECHNOLOGY-TDRSP-1500-5 Datasheet
176Kb / 2P
   SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com