Electronic Components Datasheet Search |
|
XC6203E36ALR Datasheet(PDF) 8 Page - Torex Semiconductor |
|
XC6203E36ALR Datasheet(HTML) 8 Page - Torex Semiconductor |
8 / 18 page XC6203 Series 246 3 XC6203X302 VOUT(T)=3.0V (Note 1) Ta=25 °C IOUTmax ΔVOUT Vdif1 Vdif2 ISS ΔVOUT ΔVIN・ΔVOUT VIN ΔVOUT ΔTopr・VOUT Ilim VIN=4V IOUT=40mA VIN=4V VOUT ≥VOUT(E)×0.96 VIN=4V 1mA ≤IOUT≤200mA IOUT=100mA IOUT=200mA IOUT=40mA 4V ≤VIN≤8.0V VIN=4V IOUT=40mA -40 °C≤Topr≤85°C VIN=4V VOUT=0V 2.940 400 3.000 40 150 300 8.0 0.2 ±100 60 3.060 100 220 420 16.0 0.3 8 V mA mV mV µA %/V V ppm / °C mA MIN TYP MAX PARAMETER SYMBOL CONDITIONS UNITS Maximum Output Current Load Regulation Dropout Voltage (Note3) Input Voltage Output Voltage Temperature Characteristics Output Voltage VOUT(E)(Note2) Supply Current Line Regulation Short Circuit Current (XC6203P Series Only) XC6203X332 VOUT(T)=3.3V (Note 1) Ta=25 °C IOUTmax ΔVOUT Vdif1 Vdif2 ISS ΔVOUT ΔVIN・ΔVOUT VIN ΔVOUT ΔTopr・VOUT Ilim VIN=4.3V IOUT=40mA VIN=4.3V VOUT ≥VOUT(E)×0.96 VIN=4.3V 1mA ≤IOUT≤200mA IOUT=100mA IOUT=200mA IOUT=40mA 4.3V ≤VIN≤8.0V VIN=4.3V IOUT=40mA -40 °C≤Topr≤85°C VIN=4.3V VOUT=0V 3.234 400 3.300 40 150 300 8.0 0.2 ±100 60 3.366 100 220 420 16.0 0.3 8 V mA mV mV μA %/V V ppm /℃ mA MIN TYP MAX PARAMETER SYMBOL CONDITIONS UNITS Maximum Output Current Load Regulation Dropout Voltage (Note3) Input Voltage Output Voltage Temperature Characteristics Output Voltage VOUT(E)(Note2) Supply Current Line Regulation Short Circuit Current (XC6203P Series Only) 03S_03XC6203 02.9.12 2:54 PM ページ 246 |
Similar Part No. - XC6203E36ALR |
|
Similar Description - XC6203E36ALR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |