Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ8V0C Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # SMCJ8V0C
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SMCJ8V0C Datasheet(HTML) 2 Page - Fairchild Semiconductor

  SMCJ8V0C Datasheet HTML 1Page - Fairchild Semiconductor SMCJ8V0C Datasheet HTML 2Page - Fairchild Semiconductor SMCJ8V0C Datasheet HTML 3Page - Fairchild Semiconductor SMCJ8V0C Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMCJ5V0(C)A-SMCJ170(C)A, Rev. H1
Transient Voltage Suppressors
(continued)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
* Color band denotes cathode on unidirectional devices only. No color band on bidirectional devices.
** For bidirectional parts with V
RWM<10V, the IR max limit is doubled.
U n i-directional
B i-d irectio n al (C )
D evice
Part
M ark ing*
R everse
S tan d -o ff
V o ltag e
V RWM (V )
B rea kd ow n
V o ltag e
V BR (V )
T est
Cu rren t
IT (m A)
C lam ping
V o ltag e
@IPPM
V C (V )
P eak P u lse
Cu rren t
IPPM (A )
R everse
L eakag e
@ V RWM
IR (uA )**
min
ma x
S M C J5V 0(C )A
G D E
5.0
6.40
7.0
10
9.2
163.0
1000
S M C J6V 0(C )A
G D G
6.0
6.67
7.37
10
10.3
145.6
1000
S M C J6V 5(C )A
G D K
6.5
7.22
7.98
10
11.2
133.9
500
S M C J7V 0(C )A
G D M
7.0
7.78
8.60
10
12.0
125.0
200
S M C J7V 5(C )A
G D P
7.5
8.33
9.21
1
12.9
116.3
100
S M C J8V 0(C )A
G D R
8.0
8.89
9.83
1
13.6
110.3
50
S M C J8V 5(C )A
G D T
8.5
9.44
10.4
1
14.4
104.2
20
S M C J9V 0(C )A
G D V
9.0
10.0
11.1
1
15.4
97.4
10
S M C J10(C )A
G D X
10
11.1
12.3
1
17.0
88.2
5
S M C J11(C )A
G D Z
11
12.2
13.5
1
18.2
82.4
5
S M C J12(C )A
G E E
12
1 3.3
14.7
1
19.9
75.3
5
S M C J13(C )A
G E G
13
14.4
15.9
1
21.5
69.8
5
S M C J14(C )A
G E K
14
15.6
17.2
1
23.2
64.7
5
S M C J15(C )A
G E M
15
16.7
18.5
1
24.4
61.5
5
S M C J16(C )A
G E P
16
17.8
19.7
1
26.0
57.7
5
S M C J17(C )A
G E R
17
18.9
20.9
1
27.6
54.3
5
S M C J18(C )A
G E T
18
20.0
22.1
1
29.2
51.4
5
S M C J20(C )A
G E V
20
22.2
24.5
1
32.4
46.3
5
S M C J22(C )A
G E X
22
24.4
26.9
1
35.5
42.3
5
S M C J24(C )A
G E Z
24
26.7
29.5
1
38.9
38.6
5
S M C J26(C )A
G F E
26
28.9
31.9
1
42.1
35.6
5
S M C J28(C )A
G F G
28
31.1
34.4
1
45.4
33.0
5
S M C J30(C )A
G F K
30
33.3
36.8
1
48.4
31.0
5
S M C J33(C )A
G F M
33
36.7
40.6
1
53.3
28.1
5
S M C J36(C )A
G F P
36
40.0
44.2
1
58.1
25.8
5
S M C J40(C )A
G F R
40
44.4
49.1
1
64.5
23.3
5
S M C J43(C )A
G F T
43
47.8
52.8
1
69.4
21.6
5
S M C J45(C )A
G F V
45
5 0.0
55.3
1
72.7
20.6
5
S M C J48(C )A
G F X
48
53.3
58.9
1
77.4
19.4
5
S M C J51(C )A
G F Z
51
56.7
62.7
1
82.4
18.2
5
S M C J54(C )A
G G E
54
60.0
66.3
1
87.1
17.2
5
S M C J58(C )A
G G G
58
64.4
71.2
1
93.6
16.0
5
S M C J60(C )A
G G K
60
66.7
73.7
1
96.8
15.5
5
S M C J64(C )A
G G M
64
71.1
78.6
1
103.0
14.6
5
S M C J70(C )A
G G P
70
77.8
86.0
1
113.0
13.3
5
S M C J75(C )A
G G R
75
83.3
92.1
1
121.0
12.4
5
S M C J78(C )A
G G T
78
86.7
95.8
1
126.0
11.9
5
S M C J85(C )A
G G V
85
94.4
104.0
1
137.0
10.9
5
S M C J90(C )A
G G X
90
100.0
111.0
1
146.0
10.3
5
S M C J100(C )A
G G Z
100
111.0
123.0
1
162.0
9.3
5
S M C J110(C )A
G H E
110
122.0
135.0
1
177.0
8.5
5
S M C J120(C )A
G H G
120
133.0
147.0
1
193.0
7.8
5
S M C J130(C )A
G H K
130
144.0
159.0
1
209.0
7.2
5
S M C J150(C )A
G H M
150
167.0
185.0
1
243.0
6.2
5
S M C J160(C )A
G H P
160
178.0
197.0
1
259.0
5.8
5
S M C J170(C )A
G H R
170
189.0
209.0
1
275.0
5.5
5


Similar Part No. - SMCJ8V0C

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SMCJ8.0 JUXING-SMCJ8.0 Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SMCJ8.0 DCCOM-SMCJ8.0 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
UNIOHM CORPORATION
SMCJ8.0 UNIOHM-SMCJ8.0 Datasheet
359Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SMCJ8.0 LUGUANG-SMCJ8.0 Datasheet
2Mb / 4P
   Transient Voltage Suppressors
logo
Formosa MS
SMCJ8.0 FORMOSA-SMCJ8.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
More results

Similar Description - SMCJ8V0C

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com