Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8900BRGET Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8900BRGET
Description  20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8900BRGET Datasheet(HTML) 5 Page - Texas Instruments

  ADS8900BRGET Datasheet HTML 1Page - Texas Instruments ADS8900BRGET Datasheet HTML 2Page - Texas Instruments ADS8900BRGET Datasheet HTML 3Page - Texas Instruments ADS8900BRGET Datasheet HTML 4Page - Texas Instruments ADS8900BRGET Datasheet HTML 5Page - Texas Instruments ADS8900BRGET Datasheet HTML 6Page - Texas Instruments ADS8900BRGET Datasheet HTML 7Page - Texas Instruments ADS8900BRGET Datasheet HTML 8Page - Texas Instruments ADS8900BRGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
5
ADS8900B, ADS8902B, ADS8904B
www.ti.com
SBAS728 – NOVEMBER 2016
Product Folder Links: ADS8900B ADS8902B ADS8904B
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1
Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
RVDD to GND
–0.3
7
V
DVDD to GND
–0.3
7
V
REFIN to REFM
–0.3
RVDD + 0.3
V
REFM to GND
–0.1
0.1
V
Analog Input (AINP, AINM) to GND
–0.3
VREF + 0.3
V
Digital input (RST, CONVST, CS, SCLK, SDI) to GND
–0.3
DVDD + 0.3
V
Digital output (READY, SDO-0, SDO-1, SDO-2, SDO-3) to GND
–0.3
DVDD + 0.3
V
Analog Input (AINP, AINM) to RVDD and GND
–130
130
mA
Operating free-air temperature, TA
–40
125
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
RVDD
Analog supply voltage (RVDD to AGND)
3
5
5.5
V
DVDD
Digital supply voltage (DVDD to AGND)
Operating
1.65
3
5.5
V
Specified throughput
2.35
3
3.6
VREF
Reference input voltage on REFIN
2.5
RVDD – 0.3
V
CREFBUF
External ceramic decoupling capacitor
10
22
µF
RESR
External series resistor
0
1
1.3
Ω
TA
Specified free-air operating temperature
–40
25
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
ADS890xB
UNITS
RGE (VQFN)
24 PINS
RθJA
Junction-to-ambient thermal resistance
31.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
29.9
°C/W
RθJB
Junction-to-board thermal resistance
8.9
°C/W
ψJT
Junction-to-top characterization parameter
0.3
°C/W
ψJB
Junction-to-board characterization parameter
8.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.0
°C/W


Similar Part No. - ADS8900BRGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8910B TI1-ADS8910B Datasheet
977Kb / 68P
[Old version datasheet]   ADS891xB 18-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI??Digital Interface
ADS8910BRGER TI1-ADS8910BRGER Datasheet
977Kb / 68P
[Old version datasheet]   ADS891xB 18-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI??Digital Interface
ADS8910BRGET TI1-ADS8910BRGET Datasheet
977Kb / 68P
[Old version datasheet]   ADS891xB 18-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI??Digital Interface
ADS8912B TI1-ADS8912B Datasheet
977Kb / 68P
[Old version datasheet]   ADS891xB 18-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI??Digital Interface
ADS8912BRGER TI1-ADS8912BRGER Datasheet
977Kb / 68P
[Old version datasheet]   ADS891xB 18-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI??Digital Interface
More results

Similar Description - ADS8900BRGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8910B TI1-ADS8910B Datasheet
977Kb / 68P
[Old version datasheet]   ADS891xB 18-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI??Digital Interface
ADS8920B TI1-ADS8920B Datasheet
125Kb / 6P
[Old version datasheet]   ADS892xB 16-bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI??Digital Interface
logo
Maxim Integrated Produc...
MAX154 MAXIM-MAX154 Datasheet
153Kb / 12P
   CMOS High-Speed 8-Bit ADCs with Multiplexer and Reference
19-0892; Rev 3; 12/96
logo
Texas Instruments
ADS61B49 TI-ADS61B49_09 Datasheet
1Mb / 62P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
ADS61B29 TI-ADS61B29 Datasheet
1Mb / 61P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
REF6025 TI1-REF6025 Datasheet
2Mb / 37P
[Old version datasheet]   High-Precision Voltage Reference With Integrated ADC Drive Buffer
REF6125 TI1-REF6125 Datasheet
2Mb / 36P
[Old version datasheet]   High-Precision Voltage Reference With Integrated ADC Drive Buffer
logo
Intersil Corporation
ISL267440 INTERSIL-ISL267440 Datasheet
719Kb / 17P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
logo
Linear Technology
LTC2431 LINER-LTC2431_15 Datasheet
460Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2430 LINER-LTC2430_15 Datasheet
460Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com