Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14536BFELG Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC14536BFELG
Description  Programmable Timer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14536BFELG Datasheet(HTML) 4 Page - ON Semiconductor

  MC14536BFELG Datasheet HTML 1Page - ON Semiconductor MC14536BFELG Datasheet HTML 2Page - ON Semiconductor MC14536BFELG Datasheet HTML 3Page - ON Semiconductor MC14536BFELG Datasheet HTML 4Page - ON Semiconductor MC14536BFELG Datasheet HTML 5Page - ON Semiconductor MC14536BFELG Datasheet HTML 6Page - ON Semiconductor MC14536BFELG Datasheet HTML 7Page - ON Semiconductor MC14536BFELG Datasheet HTML 8Page - ON Semiconductor MC14536BFELG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MC14536B
http://onsemi.com
4
SWITCHING CHARACTERISTICS (Note 5) (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Min
Typ (Note 6)
Max
Unit
Output Rise and Fall Time (Pin 13)
tTLH, tTHL = (1.5 ns/pF) CL + 25 ns
tTLH, tTHL = (0.75 ns/pF) CL + 12.5 ns
tTLH, tTHL = (0.55 ns/pF) CL + 9.5 ns
tTLH,
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time
Clock to Q1, 8−Bypass (Pin 6) High
tPLH, tPHL = (1.7 ns/pF) CL + 1715 ns
tPLH, tPHL = (0.66 ns/pF) CL + 617 ns
tPLH, tPHL = (0.5 ns/pF) CL + 425 ns
tPLH,
tPHL
5.0
10
15
1800
650
450
3600
1300
1000
ns
Clock to Q1, 8−Bypass (Pin 6) Low
tPLH, tPHL = (1.7 ns/pF) CL + 3715 ns
tPLH, tPHL = (0.66 ns/pF) CL + 1467 ns
tPLH, tPHL = (0.5 ns/pF) CL + 1075 ns
tPLH,
tPHL
5.0
10
15
3.8
1.5
1.1
7.6
3.0
2.3
ms
Clock to Q16
tPHL, tPLH = (1.7 ns/pF) CL + 6915 ns
tPHL, tPLH = (0.66 ns/pF) CL + 2967 ns
tPHL, tPLH = (0.5 ns/pF) CL + 2175 ns
tPLH,
tPHL
5.0
10
15
7.0
3.0
2.2
14
6.0
4.5
ms
Reset to Qn
tPHL = (1.7 ns/pF) CL + 1415 ns
tPHL = (0.66 ns/pF) CL + 567 ns
tPHL = (0.5 ns/pF) CL + 425 ns
tPHL
5.0
10
15
1500
600
450
3000
1200
900
ns
Clock Pulse Width
tWH
5.0
10
15
600
200
170
300
100
85
ns
Clock Pulse Frequency (50% Duty Cycle)
fcl
5.0
10
15
1.2
3.0
5.0
0.4
1.5
2.0
MHz
Clock Rise and Fall Time
tTLH,
tTHL
5.0
10
15
No Limit
Reset Pulse Width
tWH
5.0
10
15
1000
400
300
500
200
150
ns
5. The formulas given are for the typical characteristics only at 25
_C.
6. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.


Similar Part No. - MC14536BFELG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14536BFELG ONSEMI-MC14536BFELG Datasheet
150Kb / 14P
   Programmable Timer
April, 2006 ??Rev. 9
More results

Similar Description - MC14536BFELG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14541B ONSEMI-MC14541B Datasheet
195Kb / 8P
   Programmable Timer
March, 2000 ??Rev. 6
logo
NXP Semiconductors
HEF4541B PHILIPS-HEF4541B Datasheet
144Kb / 8P
   Programmable timer
January 1995
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC_02 Datasheet
86Kb / 8P
   Programmable Timer
logo
SELEC Controls Pvt. Ltd
XT532 SELEC-XT532 Datasheet
135Kb / 2P
   PROGRAMMABLE TIMER
logo
Motorola, Inc
MC14536B MOTOROLA-MC14536B Datasheet
333Kb / 13P
   PROGRAMMABLE TIMER
logo
Unisonic Technologies
CD4541 UTC-CD4541_12 Datasheet
262Kb / 7P
   PROGRAMMABLE TIMER
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC Datasheet
77Kb / 8P
   Programmable Timer
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B_06 Datasheet
150Kb / 14P
   Programmable Timer
April, 2006 ??Rev. 9
logo
System Logic Semiconduc...
SL4541B SLS-SL4541B Datasheet
47Kb / 5P
   Programmable Timer
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B Datasheet
294Kb / 16P
   Programmable Timer
March, 2000 ??Rev. 5
logo
STMicroelectronics
HCC4536B STMICROELECTRONICS-HCC4536B Datasheet
351Kb / 17P
   PROGRAMMABLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com