Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCR162 Datasheet(PDF) 1 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

Part # NCR162
Description  Network Chip Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOKURIKU [HOKURIKU ELECTRIC INDUSTRY CO.,LTD]
Direct Link  http://www.hdk.co.jp/english/index_e.htm
Logo HOKURIKU - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

NCR162 Datasheet(HTML) 1 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

  NCR162 Datasheet HTML 1Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD NCR162 Datasheet HTML 2Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD NCR162 Datasheet HTML 3Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Const
Concave Electrode Type
ruction
Model No.
Dimension
Rating
Operating temperature range : -55
~ +155
Please contact our sales offices about custom use circuits.
Model No.
L
W
a
b
NCR104
2.00±0.10
1.00±0.10
0.28±0.10
(0.28)*2
NCR162
1.60±0.15
NCR164
3.20±0.15
Model No.
c
d
p
t
NCR104
0.20±0.10
0.28±0.10
(0.50)*2
0.35±0.10
NCR162
NCR164
1.60±0.15
0.50±0.15
(0.50)*2
0.35±0.15
0.40±0.15
(0.80)*2
0.45±0.10
Symbol
Material List
Alumina substrate
Conductor
Resistive film
Over coat
Marking
Side termination
NCR164
NCR104 (NCR108)
NCR162
NCR164
102
3 digit
Symbol
Tolerance
Symbol
Packaging
(Resistance) (Marking)
B
Bulk
0
000
VPaper
t
aping
1k
102
J
V
Rated Wattage
Tolerance
Resistance Range
T.C.R.
Max. Working Max. Overload
(70
)
(%)
E-24 Series ( )
(ppm/
)
Voltage (V)
Voltage (V)
Rated Current
Resistance
NCR104
(NCR108)
0.031W/Element
NCR162
NCR164
1A/Element
Max. 50m
Model No.
Circuit
0
Type
0.063W/Element
100
50
±200
10 ~ 1M
J: ± 5
Network Chip Resistors
5
1005
4(2010)
0402
4(0804)
Model No.
NCR104 (NCR108)
1608
2(1616)
0603
2(0606)
NCR162
1608
(3216)
0603
4(1206)
NCR164
Size Code mm
Inch
Size Code
0
type is no marking
NCR162
NCR164 NCR104
L
P
t
P
L
a
a
b
*2 (
): Reference value
*1
*1 ( ):Conventional Model No.
*1
*1
Power rating, Packaging
Refer "Dimension, Packaging,etc."
Specifications are subject to change without notice.
HOKURIKU
1
Model No.
Resistance
Tolerance(%)
Packaging
Model No.
Resistance
Tolerance
Packaging


Similar Part No. - NCR162

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
NCR162102JB HOKURIKU-NCR162102JB Datasheet
94Kb / 3P
   Network Chip Resistors
NCR162102JV HOKURIKU-NCR162102JV Datasheet
94Kb / 3P
   Network Chip Resistors
More results

Similar Description - NCR162

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
E011405 HOKURIKU-E011405 Datasheet
94Kb / 3P
   Network Chip Resistors
logo
ABCO ELECTRONICS CO.LTD
RTN02-10T ABCO-RTN02-10T Datasheet
481Kb / 2P
   THICK FILM CHIP RESISTORS NETWORK
logo
List of Unclassifed Man...
RQL50 ETC-RQL50 Datasheet
715Kb / 1P
   RQL50 NETWORK RESISTORS
logo
RFE international
RA12-08X-10K-J RFE-RA12-08X-10K-J Datasheet
98Kb / 1P
   NETWORK RESISTORS RA Series: SIP Network
logo
Token Electronics Indus...
UPRNS610RA2C7 TOKEN-UPRNS610RA2C7 Datasheet
324Kb / 4P
   UPRNS Network Precision Resistors
UPRND210RA2C7 TOKEN-UPRND210RA2C7 Datasheet
343Kb / 4P
   UPRND Network Precision Resistors
logo
List of Unclassifed Man...
RN1632A ETC2-RN1632A Datasheet
47Kb / 1P
   RN series, RA series, ultra-precision chip network resistors
logo
Bi technologies
BB1110RC BITECH-BB1110RC Datasheet
511Kb / 2P
   Resistor capacitor network Thick film resistors Ceramic chip capacitors
logo
Token Electronics Indus...
UPRA2C3P TOKEN-UPRA2C3P Datasheet
367Kb / 3P
   UPR Extra Precision Network Resistors
UPSC53RA2C3P TOKEN-UPSC53RA2C3P Datasheet
365Kb / 3P
   UPSC Extra Precision Network Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com