Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PET800-12-0740A Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # PET800-12-0740A
Description  AC Input With Power Factor Correction
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

PET800-12-0740A Datasheet(HTML) 6 Page - Bel Fuse Inc.

Back Button PET800-12-0740A Datasheet HTML 2Page - Bel Fuse Inc. PET800-12-0740A Datasheet HTML 3Page - Bel Fuse Inc. PET800-12-0740A Datasheet HTML 4Page - Bel Fuse Inc. PET800-12-0740A Datasheet HTML 5Page - Bel Fuse Inc. PET800-12-0740A Datasheet HTML 6Page - Bel Fuse Inc. PET800-12-0740A Datasheet HTML 7Page - Bel Fuse Inc. PET800-12-0740A Datasheet HTML 8Page - Bel Fuse Inc. PET800-12-0740A Datasheet HTML 9Page - Bel Fuse Inc. PET800-12-0740A Datasheet HTML 10Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
PET800-12-074xA
© 2015 Bel Power Solutions, Inc.
866.513.2839
tech.support@psbel.com
belpowersolutions.com
BCD.00505_AC
5.3. Current Limitation
Main Output
The main output exhibits a substantially rectangular output characteristic controlled by a software feedback loop. If it
runs in current limitation and its voltage drops below ~10.8 VDC for more than 10 mS, the output will latch off
(standby remains on).
Figure 4 - Current Limitation on V1 (Vi = 230 VAC)
A second current limitation circuit on V1 will immediately switch off the main output if the output current increases
beyond the peak current trip point. The latch can be unlocked by disconnecting the supply from the AC mains or by
toggling the PS_ON input.
Standby Output
The standby output exhibits a substantially rectangular output characteristic down to 0 V (hiccup mode). If it runs in
current Limitation and standby output will be shut down and power supply into hick up mode, the main output will be
inhibited during the status.
Figure 5 - Current limitation on VSB
0
2
4
6
8
10
12
0
10
20
30
40
50
60
70
80
90
Main Output Current (A)
0
2
4
6
8
10
12
14
0
1
2
3
4
Standby Output Current (A)


Similar Part No. - PET800-12-0740A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
PET800-12-074 BEL-PET800-12-074 Datasheet
1Mb / 20P
   AC-DC FRONT-END POWER SUPPLY
PET800-12-074NA BEL-PET800-12-074NA Datasheet
1Mb / 20P
   AC-DC FRONT-END POWER SUPPLY
PET800-12-074ND BEL-PET800-12-074ND Datasheet
1Mb / 21P
   DC-DC FRONT END POWER SUPPLY
PET800-12-074RA BEL-PET800-12-074RA Datasheet
1Mb / 20P
   AC-DC FRONT-END POWER SUPPLY
PET800-12-074RD BEL-PET800-12-074RD Datasheet
1Mb / 21P
   DC-DC FRONT END POWER SUPPLY
More results

Similar Description - PET800-12-0740A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
PFE1100-12-054XA BEL-PFE1100-12-054XA Datasheet
2Mb / 25P
   AC input with power factor correction
PET1600-12-074NA BEL-PET1600-12-074NA Datasheet
1Mb / 25P
   AC input with power factor correction
PFC500 BEL-PFC500 Datasheet
823Kb / 5P
   Power Factor Correction meets EN61000-3-2 (AC input versions)
logo
Analog Devices
ADP1048W AD-ADP1048W Datasheet
1Mb / 82P
   Digital Power Factor Correction Controller with Accurate AC Power Metering
Rev. 0
logo
Cornell Dubilier Electr...
PFCSS24C0.5S572T CDE-PFCSS24C0.5S572T Datasheet
139Kb / 4P
   3-Phase AC Power Factor Correction Capacitors
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
   Power Factor Correction
logo
EPCOS
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
   Power Factor Correction
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
125Kb / 3P
   Power Factor Correction
B25667B5197A375 EPCOS-B25667B5197A375 Datasheet
100Kb / 3P
   Power Factor Correction
B25667B5217A175 EPCOS-B25667B5217A175 Datasheet
131Kb / 3P
   Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com