Electronic Components Datasheet Search |
|
B41689A8567Q001 Datasheet(PDF) 3 Page - TDK Electronics |
|
B41689A8567Q001 Datasheet(HTML) 3 Page - TDK Electronics |
3 / 19 page 1) If optimum circuit design is used, the values are lower by 30%. 2) Refer to chapter "General technical information, 5 Useful life" on how to interpret useful life. 3) ESRmax at 100 Hz, 20 °C Specifications and characteristics in brief Rated voltage VR 25 ... 63 V DC Surge voltage VS 1.15 VR for ≤ 40 V DC 1.10 VR for 63 V DC Rated capacitance CR 270 ... 4500 µF Capacitance tolerance 10/+30% Q Leakage current Ileak (5 min, 20 °C) Self-inductance ESL1) Diameter d (mm) 16 18 20/21 Terminals Length l (mm) Approx. ESL (nH) axial 25 26 30 29 38 30 29 34 35 31 39 33 38 45 49 50 soldering star 25 7 8 30 8 10 35 9 39 9 11 13 49 14 Useful life2) Requirements: 150 °C; V R; 0.5 IAC,R > 2000 h ∆C/C ≤ 30% of initial value 125 °C; V R; IAC,R > 10000 h ESR ≤ 3 times initial specified limit3) 125 °C; V R; IAC,max > 4000 h Ileak ≤ initial specified limit 40 °C; V R; 2.1 IAC,R > 500000 h Voltage endurance test Post test requirements: 125 °C; V R 4000 h ∆C/C ≤ 10% of initial value ESR ≤ 1.3 times initial specified limit3) Ileak ≤ initial specified limit Vibration resistance test To IEC 60068-2-6, test Fc: Frequency range 10 Hz ... 2 kHz, displace- ment amplitude max. 1.5 mm, acceleration max. 20 g, duration 3 × 2 h. Capacitor mounted by its wire leads at a distance of (6 ±1) mm from the case and additionally clamped by the case. IEC climatic category To IEC 60068-1: 55/125/56 ( 55 °C/+125 °C/56 days damp heat test) Detail specification Sectional specification Similar to CECC 30301-802 IEC 60384-4 B41689, B41789 Very high ripple current up to 150 °C Page 3 of 19 Please read Cautions and warnings and Important notes at the end of this document. |
Similar Part No. - B41689A8567Q001 |
|
Similar Description - B41689A8567Q001 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |