Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB81BA3I Datasheet(PDF) 4 Page - Texas Instruments

Part # TSB81BA3I
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB81BA3I Datasheet(HTML) 4 Page - Texas Instruments

  TSB81BA3I Datasheet HTML 1Page - Texas Instruments TSB81BA3I Datasheet HTML 2Page - Texas Instruments TSB81BA3I Datasheet HTML 3Page - Texas Instruments TSB81BA3I Datasheet HTML 4Page - Texas Instruments TSB81BA3I Datasheet HTML 5Page - Texas Instruments TSB81BA3I Datasheet HTML 6Page - Texas Instruments TSB81BA3I Datasheet HTML 7Page - Texas Instruments TSB81BA3I Datasheet HTML 8Page - Texas Instruments TSB81BA3I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
TSB81BA3, TSB81BA3I
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS559B − DECEMBER 2002 − REVISED OCTOBER 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
The LPS (link power status) terminal works with the LKON/DS2 terminal to manage the power usage in the node.
The LPS signal from the LLC is used in conjunction with the LCtrl bit (see Table 1 and Table 2 in the
APPLICATION INFORMATION section) to indicate the active/power status of the LLC. The LPS signal also
resets, disables, and initializes the PHY-LLC interface (the state of the PHY-LCC interface is controlled solely
by the LPS input regardless of the state of the LCtrl bit).
The LPS input is considered inactive if it remains low for more than the LPS_RESET time (see the LPS terminal
definition) and is considered active otherwise. When the TSB81BA3 detects that the LPS input is inactive, the
PHY-LLC interface is placed into a low-power reset state in which the CTL and D outputs are held in the logic
0 state and the LREQ input is ignored; however, the PCLK output remains active. If the LPS input remains low
for more than the LPS_DISABLE time (see the LPS terminal definition), then the PHY-LLC interface is put into
a low-power disabled state in which the PCLK output is also held inactive. The TSB81BA3 continues the
necessary repeater functions required for normal network operation regardless of the state of the PHY-LLC
interface. When the interface is in the reset or disabled state and the LPS input is again observed active, the
PHY initializes the interface and returns to normal operation. The PHY-LLC interface is also held in the disabled
state during hardware reset. When the LPS terminal is returned to an active state after being sensed as having
entered the LPS_DISABLE time, the TSB81BA3 issues a bus reset. This broadcasts the node self-ID packet,
which contains the updated L bit state (the PHY LLC now being accessible).
The PHY uses the LKON/DS2 terminal to notify the LLC to power up and become active. When activated, the
output LKON/DS2 signal is a square wave. The PHY activates the LKON/DS2 output when the LLC is inactive
and a wake-up event occurs. The LLC is considered inactive when either the LPS input is inactive, as described
above, or the LCtrl bit is cleared to 0. A wake-up event occurs when a link-on PHY packet addressed to this node
is received, or conditionally when a PHY interrupt occurs. The PHY deasserts the LKON/DS2 output when the
LLC becomes active (both LPS sensed as active and the LCtrl bit set to 1). The PHY also deasserts the
LKON/DS2 output when a bus reset occurs, unless a PHY interrupt condition exists which would otherwise
cause LKON/DS2 to be active. If the PHY is power cycled and the power class is 0 through 4, then the PHY
asserts LKON/DS2 for approximately 167
µs or until both the LPS is active and the LCtrl bit is 1.


Similar Part No. - TSB81BA3I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB81BA3IPFPEP TI1-TSB81BA3IPFPEP Datasheet
711Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3IPFPEP TI1-TSB81BA3IPFPEP Datasheet
711Kb / 58P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER 
TSB81BA3IPFPEP TI1-TSB81BA3IPFPEP Datasheet
637Kb / 61P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
More results

Similar Description - TSB81BA3I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB81BA3IPFPEP TI1-TSB81BA3IPFPEP Datasheet
711Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B TI-TSB41BA3B Datasheet
1Mb / 67P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A TI1-TSB41BA3A_16 Datasheet
222Kb / 11P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI-TSB41BA3D Datasheet
875Kb / 59P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI1-TSB41BA3D_14 Datasheet
754Kb / 60P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A-EP TI1-TSB41BA3A-EP_14 Datasheet
768Kb / 69P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B-EP TI1-TSB41BA3B-EP Datasheet
1,023Kb / 67P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER  
TSB81BA3D TI1-TSB81BA3D_12 Datasheet
682Kb / 61P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3E TI-TSB81BA3E Datasheet
887Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3-EP TI-TSB81BA3-EP Datasheet
764Kb / 56P
[Old version datasheet]   IEEE 1394B THREE-PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com