Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6203P222PL Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC6203P222PL
Description  POSITIVE VOLTAGE REGULATORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6203P222PL Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC6203P222PL Datasheet HTML 7Page - Torex Semiconductor XC6203P222PL Datasheet HTML 8Page - Torex Semiconductor XC6203P222PL Datasheet HTML 9Page - Torex Semiconductor XC6203P222PL Datasheet HTML 10Page - Torex Semiconductor XC6203P222PL Datasheet HTML 11Page - Torex Semiconductor XC6203P222PL Datasheet HTML 12Page - Torex Semiconductor XC6203P222PL Datasheet HTML 13Page - Torex Semiconductor XC6203P222PL Datasheet HTML 14Page - Torex Semiconductor XC6203P222PL Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
XC6203
Series
249
3
IOUT=200mA
CIN,CL=1
µF(tantalum),Topr=25°C
Time(40
µsec/div)
XC6203E182PR(1.8V)
5
4
3
2
1
0
-1
2.6
2.4
2.2
2
1.8
1.5
1.4
Input Voltage
Output Voltage
   
VIN=2.8V,CIN=CL=1
µF(tantalum)
Time(1msec/div)
XC6203E182PR(1.8V)
3
2
1
0
-1
-2
200
160
120
80
40
0
40mA
Output Voltage
Output Current
1mA
   
VIN=2.8V,CIN=CL=1
µF(tantalum)
Time(1msec/div)
XC6203E182PR(1.8V)
3
2
1
0
-1
-2
1000
800
600
400
200
0
1mA
200mA
Output Voltage
Output Current
VIN=2.8VDC+1Vp-pAC
IOUT=40mA, CL=1
µF(tantalum)
60
50
40
30
20
10
0
Ripple Frequency:f (kHz)
0.01
0.1
1
10
XC6203E182PR(1.8V)
VIN=2.8VDC+1Vp-pAC
IOUT=100mA, CL=1
µF(tantalum)
60
50
40
30
20
10
0
Ripple Frequency:f (kHz)
0.01
0.1
1
10
XC6203E182PR(1.8V)
(7) INPUT TRANSIENT RESPONSE
(8) LOAD TRANSIENT RESPONSE
(9) RIPPLE REJECTION RATE
03S_03XC6203 02.9.12 2:54 PM ページ 249


Similar Part No. - XC6203P222PL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6203P18AFB TOREX-XC6203P18AFB Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
XC6203P18AFH TOREX-XC6203P18AFH Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
XC6203P18AFL TOREX-XC6203P18AFL Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
XC6203P18AFR TOREX-XC6203P18AFR Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
XC6203P18ALB TOREX-XC6203P18ALB Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
More results

Similar Description - XC6203P222PL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com