Electronic Components Datasheet Search |
|
MAX1249BEEE Datasheet(PDF) 6 Page - Maxim Integrated Products |
|
MAX1249BEEE Datasheet(HTML) 6 Page - Maxim Integrated Products |
6 / 24 page +2.7V to +5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16 6 _______________________________________________________________________________________ 2.00 0.50 2.25 2.75 SUPPLY CURRENT vs. SUPPLY VOLTAGE 1.75 1.25 1.50 1.00 0.75 SUPPLY VOLTAGE (V) 3.75 5.25 3.25 4.25 4.75 RL = ∞ CODE = 10101010 MAX1249 MAX1248 CLOAD = 20pF CLOAD = 50pF CLOAD = 50pF CLOAD = 20pF 4.0 3.5 0 2.25 2.75 SHUTDOWN SUPPLY CURRENT vs. SUPPLY VOLTAGE 3.0 2.5 1.5 2.0 1.0 0.5 VDD (V) 3.75 5.25 3.25 4.25 4.75 FULL POWER-DOWN 2.5025 2.4975 2.25 2.75 INTERNAL REFERENCE VOLTAGE vs. SUPPLY VOLTAGE 2.5000 SUPPLY VOLTAGE (V) 3.75 5.25 3.25 4.25 4.75 0.8 0.9 1.0 1.1 1.2 1.3 -60 -20 20 60 100 140 SUPPLY CURRENT vs. TEMPERATURE TEMPERATURE (°C) MAX1249 MAX1248 RLOAD = ∞ CODE = 1010101000 00 0.10 0.05 0.20 0.15 0.25 0.30 2.25 3.25 3.75 2.75 4.25 4.75 5.25 INTERGRAL NONLINEARITY vs. SUPPLY VOLTAGE SUPPLY VOLTAGE (V) MAX1248 MAX1249 0 0.4 0.8 1.2 1.6 2.0 -60 -20 20 60 100 140 SHUTDOWN CURRENT vs. TEMPERATURE TEMPERATURE (°C) 2.494 2.495 2.496 2.497 2.498 2.499 2.500 2.501 -60 -20 -40 20 0 60 40 100 120 80 140 INTERNAL REFERENCE VOLTAGE vs. TEMPERATURE TEMPERATURE (°C) VDD = 2.7V VDD = 3.6V VDD = 5.25V 0 0.15 0.10 0.05 0.20 0.25 0.30 -60 20 0 -40 -20 40 60 80 100 120 140 INTEGRAL NONLINEARITY vs. TEMPERATURE TEMPERATURE (°C) VDD = 2.7V MAX1248 MAX1249 0.100 INTEGRAL NONLINEARITY vs. CODE 0.050 -0.100 0 -0.025 -0.050 -0.075 0.075 0.025 CODE 256 512 768 1024 0 __________________________________________Typical Operating Characteristics (VDD = 3.0V, VREF = 2.500V, fSCLK = 2.0MHz, CLOAD = 20pF, TA = +25°C, unless otherwise noted.) |
Similar Part No. - MAX1249BEEE |
|
Similar Description - MAX1249BEEE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |