Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1248BMJE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1248BMJE
Description  2.7V to 5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1248BMJE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1248BMJE Datasheet HTML 1Page - Maxim Integrated Products MAX1248BMJE Datasheet HTML 2Page - Maxim Integrated Products MAX1248BMJE Datasheet HTML 3Page - Maxim Integrated Products MAX1248BMJE Datasheet HTML 4Page - Maxim Integrated Products MAX1248BMJE Datasheet HTML 5Page - Maxim Integrated Products MAX1248BMJE Datasheet HTML 6Page - Maxim Integrated Products MAX1248BMJE Datasheet HTML 7Page - Maxim Integrated Products MAX1248BMJE Datasheet HTML 8Page - Maxim Integrated Products MAX1248BMJE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
+2.7V to +5.25V, Low-Power, 4-Channel,
Serial 10-Bit ADCs in QSOP-16
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +2.7V to +5.25V; COM = 0V; fSCLK = 2.0MHz; external clock (50% duty cycle); 15 clocks/conversion cycle (133ksps);
MAX1248—4.7µF capacitor at VREF pin; MAX1249—external reference, VREF = 2.500V applied to VREF pin; TA = TMIN to TMAX,
unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to AGND, DGND .............................................. -0.3V to +6V
AGND to DGND.................................................... -0.3V to +0.3V
CH0–CH3, COM to AGND, DGND ............ -0.3V to (VDD + 0.3V)
VREF to AGND........................................... -0.3V to (VDD + 0.3V)
Digital Inputs to DGND............................................ -0.3V to +6V
Digital Outputs to DGND ........................... -0.3V to (VDD + 0.3V)
Digital Output Sink Current .................................................25mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 10.53mW/°C above +70°C) ......... 842mW
QSOP (derate 8.30mW/°C above +70°C) ................... 667mW
CERDIP (derate 10.00mW/°C above +70°C) .............. 800mW
Operating Temperature Ranges
MAX1248_C_E/MAX1249_C_E .......................... 0°C to +70°C
MAX1248_E_E/MAX1249_E_E........................ -40°C to +85°C
MAX1248_MJE/MAX1249_MJE .................... -55°C to +125°C
Storage Temperature Range ............................ -60°C to +150°C
Lead Temperature (soldering, 10sec) ............................ +300°C
6
µs
35
65
tCONV
Conversion Time (Note 5)
5.5
7.5
MHz
1.0
Full-Power Bandwidth
MHz
2.25
Small-Signal Bandwidth
dB
-75
Channel-to-Channel Crosstalk
dB
70
SFDR
Spurious-Free Dynamic Range
dB
-70
THD
Total Harmonic Distortion
dB
66
SINAD
Signal-to-Noise + Distortion Ratio
LSB
±0.05
Channel-to-Channel Offset
Matching
ppm/°C
±0.25
Gain Temperature Coefficient
±0.5
Bits
10
Resolution
±1
Offset Error
LSB
±1.0
INL
Relative Accuracy (Note 2)
LSB
±1
DNL
±1
LSB
±2
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
External clock = 2MHz, 12 clocks/conversion
Internal clock, SHDN = VDD
Internal clock, SHDN = FLOAT
MAX124_A
-3dB rolloff
65kHz, 2.500Vp-p (Note 4)
Up to the 5th harmonic
MAX124_A
MAX124_B
No missing codes over temperature
MAX124_A
MAX124_B
CONDITIONS
Differential Nonlinearity
ns
30
Aperture Delay
MHz
1.8
SHDN = FLOAT
ps
<50
Aperture Jitter
MHz
0.1
2.0
µs
1.5
tACQ
Track/Hold Acquisition Time
0.225
Internal Clock Frequency
SHDN = VDD
0
2.0
External Clock Frequency
Data transfer only
LSB
Gain Error (Note 3)
±2
MAX124_B
DC ACCURACY (Note 1)
DYNAMIC SPECIFICATIONS (10kHz sine-wave input, 0V to 2.500Vp-p, 133ksps, 2.0MHz external clock, bipolar input mode)
CONVERSION RATE


Similar Part No. - MAX1248BMJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1248 MAXIM-MAX1248 Datasheet
122Kb / 16P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
19-1072; Rev 2; 5/98
MAX1248-MAX1249 MAXIM-MAX1248-MAX1249 Datasheet
122Kb / 16P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
19-1072; Rev 2; 5/98
More results

Similar Description - MAX1248BMJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1246 MAXIM-MAX1246_07 Datasheet
260Kb / 25P
   2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16
Rev 2; 10/01
MAX1246 MAXIM-MAX1246 Datasheet
223Kb / 24P
   2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16
19-1071; Rev 1; 3/97
MAX148 MAXIM-MAX148 Datasheet
221Kb / 24P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 2; 5/98
MAX148 MAXIM-MAX148_09 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 3; 5/09
MAX148 MAXIM-MAX148_10 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 4; 1/10
MAX148_V5 MAXIM-MAX148_V5 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 5; 1/12
MAX148 MAXIM-MAX148_V01 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
MAX1242 MAXIM-MAX1242_V01 Datasheet
171Kb / 13P
   2.7V to 5.25V, Low-Power, 10-Bit Serial ADCs in SO-8
2012
MAX1242 MAXIM-MAX1242 Datasheet
158Kb / 12P
   2.7V to %.25V, Low-Power, 10-Bit Serial ADCs in SO-8
19-1156; Rev 2; 6/98
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com