Electronic Components Datasheet Search |
|
B32932A3154 Datasheet(PDF) 2 Page - TDK Electronics |
|
B32932A3154 Datasheet(HTML) 2 Page - TDK Electronics |
2 / 18 page Typical applications For connection in series with the mains For severe ambient conditions Capacitive power supply applications Energy meters Climatic Max. operating temperature: 105 °C Climatic category (IEC 60068-1): 40/105/56 Features High stability of capacitance value X2 safety approval (up to 2.2 µF) RoHS-compatible Construction Dielectric: metallized polyester Internal series connection Plastic case (UL 94 V-0) Epoxy resin sealing, flame-retardant Terminals Parallel wire leads, lead-free tinned Standard lead lengths: 6 1 mm Special lead lengths available on request Marking Manufacturer's logo, lot number, date code, rated capacitance (coded), capacitance tolerance (code letter), rated AC voltage (IEC), series number, sub-class (X2), dielectric code (MKT), climatic category Delivery mode Bulk (untaped, lead length 6 - 1 mm) Taped (Ammo pack or reel) Approvals Approval mark Standards Certificate EN 60384-14 IEC 60384-14 40028058 UL 60384-14 E97863 CSA E60384-14:09 E97863 Note: X2 safety approval for C ≤ 2.2 µF Dimensional drawing Dimensions in mm Lead spacing ±0.4 Lead diameter d1 ±0.05 Type 15 0.8 B32932 22.5 0.8 B32933 27.5 0.8 B32934 37.5 1.0 B32936 Marking examples Metallized Polyester Film Capacitors (MKT) B32932 ... B32936 AC applications (heavy duty series) / 305 V AC Page 2 of 18 Please read Cautions and warnings and Important notes at the end of this document. |
Similar Part No. - B32932A3154 |
|
Similar Description - B32932A3154 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |