Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41554E4100Q000 Datasheet(PDF) 3 Page - TDK Electronics

Part # B41554E4100Q000
Description  Aluminum electrolytic capacitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B41554E4100Q000 Datasheet(HTML) 3 Page - TDK Electronics

  B41554E4100Q000 Datasheet HTML 1Page - TDK Electronics B41554E4100Q000 Datasheet HTML 2Page - TDK Electronics B41554E4100Q000 Datasheet HTML 3Page - TDK Electronics B41554E4100Q000 Datasheet HTML 4Page - TDK Electronics B41554E4100Q000 Datasheet HTML 5Page - TDK Electronics B41554E4100Q000 Datasheet HTML 6Page - TDK Electronics B41554E4100Q000 Datasheet HTML 7Page - TDK Electronics B41554E4100Q000 Datasheet HTML 8Page - TDK Electronics B41554E4100Q000 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
1) Refer to chapter "General technical information, 5 Useful life" on how to interpret useful life.
Specifications and characteristics in brief
Rated voltage VR
Surge voltage VS
16 ... 100 V DC
1.15
VR
Rated capacitance CR
Capacitance tolerance
1500 ... 220000 µF
10/+30%
Q
Leakage current Ileak
(5 min, 20
°C)
Self-inductance ESL
d = 35.7 mm: approx. 10 nH
d = 51.6 mm: approx. 15 nH
d
≥ 64.3 mm: approx. 20 nH
Useful life1)
d
≤ 51.6 mm d ≥ 64.3 mm Requirements:
125
°C; V
R; IAC,R
> 2500 h
> 5000 h
∆C/C
≤ 45% of initial value
85
°C; V
R; IAC,max
> 15000 h
> 25000 h
ESR
≤ 3 times initial specified limit
40
°C; V
R; 3.4
IAC,R
> 200000 h
Ileak
≤ initial specified limit
40
°C; V
R; 3.8
IAC,R
> 200000 h
Voltage endurance test
Post test requirements:
125
°C; V
R; IAC,R
2000 h
∆C/C
≤ 15% of initial value
ESR
≤ 1.3 times initial specified limit
Ileak
≤ initial specified limit
Vibration resistance test
To IEC 60068-2-6, test Fc:
Frequency range 10 ... 55 Hz, displacement amplitude 0.75 mm,
acceleration max. 10 g, duration 3
× 2 h.
Capacitor mounted by its body which is rigidly clamped to the work
surface.
IEC climatic category
To IEC 60068-1:
55/125/56 ( 55
°C/+125 °C/56 days damp heat test)
Detail specification
Sectional specification
Similar to CECC 30301-804
IEC 60384-4
Ripple current capability
Due to the ripple current capability of the contact elements, the following current upper limits must
not be exceeded:
Capacitor diameter
≤ 51.6 mm
> 51.6 mm
IAC, max
30 A
40 A
B41554
SIKOREL
125
°C
Page 3 of 18
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41554E4100Q000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41554E4100Q000 EPCOS-B41554E4100Q000 Datasheet
201Kb / 10P
   Highly professional power supplies
B41554E4100Q000 EPCOS-B41554E4100Q000 Datasheet
440Kb / 17P
   Aluminum electrolytic capacitors
More results

Similar Description - B41554E4100Q000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com