Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32933B3474 Datasheet(PDF) 6 Page - TDK Electronics

Part # B32933B3474
Description  Metallized Polyester Film Capacitors (MKT)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32933B3474 Datasheet(HTML) 6 Page - TDK Electronics

Back Button B32933B3474 Datasheet HTML 2Page - TDK Electronics B32933B3474 Datasheet HTML 3Page - TDK Electronics B32933B3474 Datasheet HTML 4Page - TDK Electronics B32933B3474 Datasheet HTML 5Page - TDK Electronics B32933B3474 Datasheet HTML 6Page - TDK Electronics B32933B3474 Datasheet HTML 7Page - TDK Electronics B32933B3474 Datasheet HTML 8Page - TDK Electronics B32933B3474 Datasheet HTML 9Page - TDK Electronics B32933B3474 Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Technical data
Max. operating temperature Top,max
(Top = Tamb + self-heating)
+105
°C
Dissipation factor tan
δ (in 10-3)
at 20
°C (upper limit values)
tan
δ
1 kHz
10 kHz
C
≤ 1 µF
8
15
C > 1
µF
8
Insulation resistance Rins
or time constant
τ = C
R
Rins
at 20
°C,
rel. humidity
≤ 65% (minimum
as-delivered values)
CR
≤ 0.33 µF
CR > 0.33
µF
30000 M
10000 s
DC test voltage
1312 V DC, 2 s (4.3
VR according to IEC 60384-14)
Passive flammability category
to IEC 40 (CO) 752
B
Capacitance tolerances
(measured at 1 kHz)
±10% (K), ±20% (M)
Rated AC voltage ( IEC 60384-14 )
305 V (50/60 Hz)
Operating voltage Vop at high
temperature
TA
≤ 105 °C
Vop = 1.25 VAC (1000 h)
Damp heat test
Test conditions
1. Temperature:
Relative humidity (RH):
Test duration:
Voltage value:
+85
°C ±2 °C
85%
±2%
1000 hours
240 V AC, 50 Hz
2. Temperature:
Relative humidity (RH):
Test duration:
Voltage value:
+40
°C ±2 °C
93%
±2%
2000 hours
305 V AC, 50 Hz
Limit values after damp heat test
Capacitance change (
∆C/C):
Dissipation factor change (
∆tan δ):
∆tan δ/tan δ:
≤ 10%
≤ 5 10-3 (at 1 kHz)
≤ 100% (at 10 kHz)
Insulation resistance Rins
or time constant
τ = C
R
Rins:
> 10 M
Reference standard
AEC-Q200
B32932 ... B32936
AC applications (heavy duty series) / 305 V AC
Page 6 of 18
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32933B3474

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32933B3474 EPCOS-B32933B3474 Datasheet
286Kb / 16P
   Metallized Polyester Film Capacitors (MKT)
B32933B3474 EPCOS-B32933B3474 Datasheet
286Kb / 16P
   Metallized Polyester Film Capacitors (MKT)
B32933B3474K EPCOS-B32933B3474K Datasheet
286Kb / 16P
   Metallized Polyester Film Capacitors (MKT)
More results

Similar Description - B32933B3474

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32529C1684J289 EPCOS-B32529C1684J289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1473K289 EPCOS-B32529C1473K289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C223J EPCOS-B32529C223J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1152J EPCOS-B32529C1152J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32522N3105K EPCOS-B32522N3105K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32562H6155K EPCOS-B32562H6155K Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C224K EPCOS-B32529C224K Datasheet
1Mb / 31P
   Metallized Polyester Film Capacitors (MKT)
B32562J1225J289 EPCOS-B32562J1225J289 Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C334K EPCOS-B32529C334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32529C1222J EPCOS-B32529C1222J Datasheet
787Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32522C3334K EPCOS-B32522C3334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com