Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32934A3474 Datasheet(PDF) 2 Page - TDK Electronics

Part # B32934A3474
Description  Metallized Polyester Film Capacitors (MKT)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32934A3474 Datasheet(HTML) 2 Page - TDK Electronics

  B32934A3474 Datasheet HTML 1Page - TDK Electronics B32934A3474 Datasheet HTML 2Page - TDK Electronics B32934A3474 Datasheet HTML 3Page - TDK Electronics B32934A3474 Datasheet HTML 4Page - TDK Electronics B32934A3474 Datasheet HTML 5Page - TDK Electronics B32934A3474 Datasheet HTML 6Page - TDK Electronics B32934A3474 Datasheet HTML 7Page - TDK Electronics B32934A3474 Datasheet HTML 8Page - TDK Electronics B32934A3474 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Typical applications
For connection in series with the mains
For severe ambient conditions
Capacitive power supply applications
Energy meters
Climatic
Max. operating temperature: 105
°C
Climatic category (IEC 60068-1):
40/105/56
Features
High stability of capacitance value
X2 safety approval (up to 2.2
µF)
RoHS-compatible
Construction
Dielectric: metallized polyester
Internal series connection
Plastic case (UL 94 V-0)
Epoxy resin sealing, flame-retardant
Terminals
Parallel wire leads, lead-free tinned
Standard lead lengths: 6
1 mm
Special lead lengths available on request
Marking
Manufacturer's logo, lot number,
date code, rated capacitance (coded),
capacitance tolerance (code letter),
rated AC voltage (IEC),
series number, sub-class (X2),
dielectric code (MKT), climatic category
Delivery mode
Bulk (untaped, lead length 6 - 1 mm)
Taped (Ammo pack or reel)
Approvals
Approval mark Standards
Certificate
EN 60384-14
IEC 60384-14
40028058
UL 60384-14
E97863
CSA E60384-14:09 E97863
Note: X2 safety approval for C
≤ 2.2 µF
Dimensional drawing
Dimensions in mm
Lead
spacing
±0.4
Lead
diameter
d1
±0.05
Type
15
0.8
B32932
22.5
0.8
B32933
27.5
0.8
B32934
37.5
1.0
B32936
Marking examples
Metallized Polyester Film Capacitors (MKT)
B32932 ... B32936
AC applications (heavy duty series) / 305 V AC
Page 2 of 18
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32934A3474

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32934A3474 EPCOS-B32934A3474 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32934A3474 EPCOS-B32934A3474 Datasheet
289Kb / 18P
   Metallized Polyester Film Capacitors (MKT)
B32934A3474 EPCOS-B32934A3474 Datasheet
286Kb / 16P
   Metallized Polyester Film Capacitors (MKT)
B32934A3474 EPCOS-B32934A3474 Datasheet
286Kb / 16P
   Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32934A3474 TDK-B32934A3474 Datasheet
285Kb / 16P
   Film Capacitors - Power Factor Correction
More results

Similar Description - B32934A3474

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32529C1684J289 EPCOS-B32529C1684J289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1473K289 EPCOS-B32529C1473K289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C223J EPCOS-B32529C223J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1152J EPCOS-B32529C1152J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32522N3105K EPCOS-B32522N3105K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32562H6155K EPCOS-B32562H6155K Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C224K EPCOS-B32529C224K Datasheet
1Mb / 31P
   Metallized Polyester Film Capacitors (MKT)
B32562J1225J289 EPCOS-B32562J1225J289 Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C334K EPCOS-B32529C334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32529C1222J EPCOS-B32529C1222J Datasheet
787Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32522C3334K EPCOS-B32522C3334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com