Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJ2301S Datasheet(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJ2301S
Description  P-Channel 20-V(D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJ2301S Datasheet(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJ2301S Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ2301S Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ2301S Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ2301S Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ2301S Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
-0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-0
-2
-4
-6
-8
-10
-0
-2
-4
-6
-8
-10
30
60
90
120
150
-0
-2
-4
-6
-8
0
50
100
150
200
250
-0
-1
-2
-3
-4
-0
-2
-4
-6
-8
-10
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1E-3
-0.01
-0.1
-1
-10
Transfer Characteristics
GATE TO SOURCE VOLTAGE V
GS
(V)
R
DS(ON)
—— V
GS
V
GS=-4.5V
V
GS=-2.5V
R
DS(ON)
—— I
D
DRAIN CURRENT I
D
(A)
I
D=-2.8A
GATE TO SOURCE VOLTAGE V
GS
(V)
-3
-0.3
-3E-3
-0.03
T
a=25
Pulsed
T
a=25
Pulsed
T
a=25
Pulsed
T
a=25
Pulsed
T
a=25
Pulsed
Output Characteristics
V
GS= -4.5V,-3.5V,-2.5V
V
GS=-2.0V
V
GS=-1.5V
V
GS=-1.0V
DRAIN TO SOURCE VOLTAGE V
DS
(V)
I
S
—— V
SD
SOURCE TO DRAIN VOLTAGE V
SD
(V)
Typical Characteristics
ZZZFMHOHFFRP
3
D,Apr,2015


Similar Part No. - CJ2301S

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJ2301S ZPSEMI-CJ2301S Datasheet
1Mb / 3P
   SOT-23 Plastic-Encapsulate MOSFETS
More results

Similar Description - CJ2301S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com