Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJ2310 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJ2310
Description  N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJ2310 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJ2310 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ2310 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ2310 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ2310 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ2310 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
STATIC CHARACTERISTICS
Drain-source breakdown voltage
V (BR)DSS
VGS = 0V, ID =250µA
60
V
Zero gate voltage drain current
IDSS
VDS =60V,VGS = 0V
1
µA
Gate-body leakage current
IGSS
VGS =±20V, VDS = 0V
±100
nA
Gate threshold voltage (note 3)
VGS(th)
VDS =VGS, ID =250µA
0.5
2
V
VGS =10V, ID =3A
105
mΩ
Drain-source on-resistance (note 3)
RDS(on)
VGS =4.5V, ID =3A
125
mΩ
Forward tranconductance (note 3)
gFS
VDS =15V, ID =2A
1.4
S
Diode forward voltage (note 3)
VSD
IS=3A, VGS = 0V
1.2
V
DYNAMIC CHARACTERISTICS (note 4)
Input Capacitance
Ciss
247
pF
Output Capacitance
Coss
34
pF
Reverse Transfer Capacitance
Crss
VDS =30V,VGS =0V,f =1MHz
19.5
pF
SWITCHING CHARACTERISTICS (note 4)
Turn-on delay time
td(on)
6
ns
Turn-on rise time
tr
15
ns
Turn-off delay time
td(off)
15
ns
Turn-off fall time
tf
VGS=10V,VDD=30V,
ID=1.5A,RGEN=1Ω
10
ns
Total Gate Charge
Qg
6
nC
Gate-Source Charge
Qgs
1
nC
Gate-Drain Charge
Qgd
VDS =30V,VGS =4.5V,ID =3A
1.3
nC
Notes :
1. Repetitive rating : Pulse width limited by junction temperature.
2. Surface mounted on FR4 board , t≤10s.
3. Pulse Test : Pulse Width≤300µs, Duty Cycle≤0.5%.
4. Guaranteed by design, not subject to producting.
MOSFET ELECTRICAL CHARACTERISTICS
a
T =25
℃ unless otherwise specified
www.cj-elec.com
2
E,Apr,2015


Similar Part No. - CJ2310

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJ2310 ZPSEMI-CJ2310 Datasheet
1,002Kb / 3P
   SOT-23 Plastic-Encapsulate MOSFETS
More results

Similar Description - CJ2310

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com