Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJ3134KW Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJ3134KW
Description  N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJ3134KW Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJ3134KW Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ3134KW Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ3134KW Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ3134KW Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ3134KW Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.cj-elec.com
2
D,Jun,2015
MOSFET ELECTRICAL CHARACTERISTICS
a
T =25
℃ unless otherwise specified
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
On/Off States
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID =250µA
20
Gate-Threshold Voltage(note 3)
VGS(th)
VDS =VGS, ID =250µA
0.35
1
.1
V
Gate-Body Leakage Current
IGSS
VDS =0V, VGS =±1
0V
±
20
µA
Zero Gate Voltage Drain Current
IDSS
VDS =20V, VGS =0V
1
µA
VGS =4.5V, ID =650mA
380
VGS =2.5V, ID =550mA
450
Drain-Source On-State Resistance(note 3)
RDS(on)
VGS =1.8V, ID =450mA
800
mΩ
Forward Transconductance
g
FS
VDS =10V, ID =800mA
1
S
Dynamic Characteristics(note 4)
Input Capacitance
Ciss
120
Output Capacitance
Coss
20
Reverse Transfer Capacitance
Crss
VDS =16V,VGS =0V,f =1MHz
15
pF
Switching Times (note 4)
Turn-On Delay Time
td(on)
6.7
Rise Time
tr
4.8
Turn-Off Delay Time
td(off)
17.3
Fall Time
tf
VDD=10V,ID=500mA,
VGS=4.5V,RG=10Ω
7.4
ns
Drain-Source Diode Characteristics
Drain-Source Diode Forward Voltage (note 3)
VSD
IS=0.15A, VGS = 0V
1.2
V
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. This test is performed with no heat sink at Ta=25
℃.
3. Pulse Test : Pulse Width≤300µs, Duty Cycle≤0.5%.
4. These parameters have no way to verify.


Similar Part No. - CJ3134KW

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJ3134KW ZPSEMI-CJ3134KW Datasheet
1Mb / 3P
   SOT-323 Plastic-Encapsulate MOSFETS
More results

Similar Description - CJ3134KW

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com