Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32778G8107000 Datasheet(PDF) 11 Page - TDK Electronics

Part # B32778G8107000
Description  Metallized Polypropylene Film Capacitors (MKP)
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32778G8107000 Datasheet(HTML) 11 Page - TDK Electronics

Back Button B32778G8107000 Datasheet HTML 7Page - TDK Electronics B32778G8107000 Datasheet HTML 8Page - TDK Electronics B32778G8107000 Datasheet HTML 9Page - TDK Electronics B32778G8107000 Datasheet HTML 10Page - TDK Electronics B32778G8107000 Datasheet HTML 11Page - TDK Electronics B32778G8107000 Datasheet HTML 12Page - TDK Electronics B32778G8107000 Datasheet HTML 13Page - TDK Electronics B32778G8107000 Datasheet HTML 14Page - TDK Electronics B32778G8107000 Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
1) Capacitance value measured at 1 kHz
2) Max ripple current IRMS at 70
°C, 10 kHz for ∆T ≤ 20 °C at ∆ESR
typ
≤ ±5%
3) Typical ESL value measured at resonance frequency (see specific graphs of Z vs freq)
Ordering codes and packing units (lead spacing 52.5 mm, P1 = 20.3 mm)
CR1)
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
IRMS,max2)
70
°C
10 kHz
A
ESRtyp
70
°C
10 kHz
m
ESLtyp3)
70
°C
10 kHz
nH
tan
δ
1 kHz
10-3
tan
δ
10 kHz
10-3
pcs.
MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Intermediate capacitance values are available on request.
Composition of ordering code
+ =
Capacitance tolerance code:
J =
±5%
K =
±10%
VR,70 °C = 450 V DC, Vop,85 °C = 450 V DC
55
43.0
× 24.0 × 57.5 B32778T4556K000 16.5
7.2
13.0
4.3
41.7
420
75
30.0
× 45.0 × 57.5 B32778G4756+000 21.0
5.6
12.0
4.4
42.6
280
80
30.0
× 45.0 × 57.5 B32778G4806+000 21.5
5.3
13.0
4.4
42.7
280
100
35.0
× 50.0 × 57.5 B32778G4107+000 26.0
4.3
14.0
4.5
43.3
108
110
35.0
× 50.0 × 57.5 B32778G4117K000 27.0
3.9
15.0
4.5
43.6
108
150
130.0
× 24.0 × 57.5 B32778J4157K000
43.5
2.7
4.0
4.4
42.1
80
170
45.0
× 57.0 × 57.5 B32778G4177+000 36.5
2.6
17.0
4.6
45.7
140
180
60.0
× 45.0 × 57.5 B32778G4187+000 39.0
2.5
19.0
4.6
44.6
200
480
130.0
× 58.0 × 57.5 B32778J4487K000
79.5
0.9
6.0
4.8
45.4
40
VR,70 °C = 575 V DC, Vop,85 °C = 500 V DC
40
43.0
× 24.0 × 57.5 B32778T5406K000 15.5
8.5
13.0
3.6
34.5
420
60
30.0
× 45.0 × 57.5 B32778G5606+000 20.5
5.8
13.0
3.7
35.3
280
80
35.0
× 50.0 × 57.5 B32778G5806+000 25.5
4.4
15.0
3.7
36.0
108
110
130.0
× 24.0 × 57.5 B32778J5117K000
40.5
3.0
5.0
3.6
34.5
80
120
45.0
× 57.0 × 57.5 B32778G5127+000 34.5
3.1
17.0
3.8
37.2
140
130
60.0
× 45.0 × 57.5 B32778G5137+000 36.5
2.8
19.0
3.8
36.7
200
360
130.0
× 58.0 × 57.5 B32778J5367K000
75.0
1.0
6.0
4.0
37.3
40
VR,70 °C = 800 V DC, Vop,85 °C = 700 V DC
30
43.0
× 24.0 × 57.5 B32778T8306K000 14.5
9.8
14.0
3.2
30.2
420
45
30.0
× 45.0 × 57.5 B32778G8456+000 19.5
6.6
14.0
3.2
30.9
280
50
30.0
× 45.0 × 57.5 B32778G8506+000 20.0
6.3
13.0
3.2
30.9
280
55
35.0
× 50.0 × 57.5 B32778G8556+000 23.0
5.6
14.0
3.2
31.1
108
60
35.0
× 50.0 × 57.5 B32778G8606+000 23.5
5.1
15.0
3.3
31.2
108
80
130.0
× 24.0 × 57.5 B32778J8806K000
37.5
3.6
4.0
3.2
30.2
80
90
45.0
× 57.0 × 57.5 B32778G8906+000 32.5
3.5
17.0
3.3
32.2
140
100
60.0
× 45.0 × 57.5 B32778G8107+000 34.5
3.2
19.0
3.3
31.9
200
270
130.0
× 58.0 × 57.5 B32778J8277K000
70.5
1.2
6.0
3.5
32.4
40
B32778
MKP DC link
high density series
up to 480
µF
Page 11 of 45
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32778G8107000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32778G8456 EPCOS-B32778G8456 Datasheet
313Kb / 21P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32778G8456+000 EPCOS-B32778G8456+000 Datasheet
273Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32778G8556 EPCOS-B32778G8556 Datasheet
313Kb / 21P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32778G8556+000 EPCOS-B32778G8556+000 Datasheet
273Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32778G8556K EPCOS-B32778G8556K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
More results

Similar Description - B32778G8107000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32653A1473J EPCOS-B32653A1473J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
B32674 TDK-B32674_16 Datasheet
2Mb / 40P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com