Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJ3415 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJ3415
Description  P-Channel 20-V(D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJ3415 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJ3415 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ3415 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ3415 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ3415 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ3415 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Static Parameters
Drain-source breakdown voltage
V(BR) DSS
VGS = 0V, ID =-250µA
-20
Gate threshold voltage
VGS(th)
VDS =VGS, ID =-250µA
-0.3
-0.56
-1
V
VDS =0V, VGS =±8V
±10
Gate-body leakage current
IGSS
VDS =0V, VGS =±4.5V
±1
Zero gate voltage drain current
IDSS
VDS =-16V, VGS =0V
-1
µA
VGS =-4.5V, ID =-4A
0.037
0.050
VGS =-2.5V, ID =-4A
0.045
0.060
Drain-source on-state resistance(note1)
RDS(on)
VGS =-1.8V, ID =-2A
0.056
0.073
Forward transconductance(note2)
gFS
VDS =-5V, ID =-4A
8
S
Body diode voltage(note2)
VSD
IS=-1A,VGS =0V
-1
V
Dynamic Parameters (note3)
Input capacitance
Ciss
1450
Output capacitance
Coss
205
Reverse transfer capacitance
Crss
VDS =-10V,VGS =0V,f =1MHz
160
pF
Gate resistance
Rg
VDS =0V,VGS =0V,f =1MHz
6.5
Switching Parameters
Total gate charge
Qg
17.2
Gate-Source charge
Qgs
1.3
Gate-drain charge
Qgd
VDS =-10V,VGS =-4.5V,ID =-4A
4.5
nC
Turn-on delay time (note3)
td(on)
9.5
Turn-on rise time(note3)
tr
17
Turn-off delay time(note3)
td(off)
94
Turn-off fall time(note3)
tf
VDS=-10V, VGS=-4.5V
RGEN =3, RL=2.5Ω,
35
ns
Notes:
1. Repetitive rating,pulse width limited by junction temperature.
2. Pulse Test : Pulse width≦300µs, duty cycle≦2%.
3. These parameters have no way to verify.
MOSFET ELECTRICAL CHARACTERISTICS
a
T =25
℃ unless otherwise specified
www.cj-elec.com
2
E,Aug,2015


Similar Part No. - CJ3415

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJ3415 ZPSEMI-CJ3415 Datasheet
1Mb / 3P
   SOT-23 Plastic-Encapsulate MOSFETS
logo
Comchip Technology
CJ3415-HF COMCHIP-CJ3415-HF Datasheet
137Kb / 5P
   MOSFET
More results

Similar Description - CJ3415

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com