Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJAC10H02 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJAC10H02
Description  N-Channel Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJAC10H02 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJAC10H02 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJAC10H02 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJAC10H02 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJAC10H02 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJAC10H02 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PDFN
WB5×6-8L
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
PDFN
WB5×6-8L Plastic-Encapsulate MOSFETS
CJAC10H0
N-Channel Power MOSFET
DESCRIPTION
The CJAC10H0
2 uses advanced trench technology and design
to provide excellent RDS(ON) with low gate charge. It can be used in a
wide variety of applications.
FEATURES
High density cell design for ultra low RDS(ON)
Fully characterized avalanche voltage and
current
Good stability and uniformity with high EAS
Excellent package for good heat dissipation
Special process technology for high ESD
capability
APPLICATIONS
SMPS and general purpose applications
Hard switched and high frequency circuits
Power switching application
Uninterruptible power supply
MARKING
EQUIVALENT CIRCUIT
CJAC10H0
2 = Part No.
Solid dot=Pin1 indicator
XXX=Code
G
1
2
3
4
5
6
7
8
S
S
S
D
D
D
D
www.cj-elec.com
1
A-1,Jul,2016
V(BR)DSS
RDS(on)MAX
ID
20 V
  2.0mΩ@4.5V 
100A
2.4mΩ@2.5V 
S
D
10H02
CJAC
XXX
MAXIMUM RATINGS ( Ta=25
unless otherwise noted )
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±
12
V
Continuous Drain Current
ID
10
A
Pulsed Drain Current
IDM
40
A
Single Pulsed Avalanche Energy
EAS
(1)
240
mJ
Power Dissipation
PD


W
Thermal Resistance from Junction to Ambient
RθJA

℃/W
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 ~+150
Lead Temperature for Soldering Purposes(1/8’’ from case for 10s)
TL
260
(1).EAS condition: VDD=
15V,L=0.5mH, RG=25Ω, Starting TJ = 25°C
(
).0RXQWHGRQDJODVVHSR[\ERDUGRIPP[PP[PP
W


Similar Part No. - CJAC10H02

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJAC10H03 JIANGSU-CJAC10H03 Datasheet
1Mb / 5P
   N-Channel Power MOSFET
More results

Similar Description - CJAC10H02

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com