Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC-207LM Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ADC-207LM
Description  7- BIT 20MHZ CMOS FLASH A/D CONVERTERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADC-207LM Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ADC-207LM Datasheet HTML 1Page - List of Unclassifed Manufacturers ADC-207LM Datasheet HTML 2Page - List of Unclassifed Manufacturers ADC-207LM Datasheet HTML 3Page - List of Unclassifed Manufacturers ADC-207LM Datasheet HTML 4Page - List of Unclassifed Manufacturers ADC-207LM Datasheet HTML 5Page - List of Unclassifed Manufacturers ADC-207LM Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
IN N O VA T IO N a n d E X C ELL E N C E
®
®
INPUT/OUTPUT
CONNECTIONS
DIP
LCC
PINS
FUNCTION
PINS
1
CLOCK INPUT
1
2
DIGITAL GROUND
4
3
–REFERENCE
5
4
ANALOG INPUT
6
5
MIDPOINT
7
6
+REFERENCE
8
7
ANALOG GROUND
9
8
CS1
11
9
CS2
12
10
OVERFLOW
13
11
BIT 1 (MSB)
14
12
BIT 2
16
13
BIT 3
17
14
BIT 4
19
15
BIT 5
20
16
BIT 6
21
17
BIT 7 (LSB)
23
18
+5V SUPPLY
24
Figure 1. ADC-207 Functional Block Diagram (DIP Pinout)
FEATURES
• 7-bit flash A/D converter
• 20MHz sampling rate
• Low power (250mW)
• Single +5V supply
• 1.2 micron CMOS technology
• 7-bit latched 3-state output with overflow bit
• Surface-mount versions
• High-reliability version
• No missing codes
GENERAL DESCRIPTION
The ADC-207 is the industry’s first 7-bit flash converter using an
advanced high-speed VLSI 1.2 micron CMOS process. This
process offers some very distinctive advantages over other
processes, making the ADC-207 unique. The smaller
geometrics of the process achieve high speed, better linearity
and superior temperature performance.
Since the ADC-207 is a CMOS device, it also has very low
power consumption (250mW). The device draws power from
a single +5V supply and is conservatively rated for 20MHz
operation. The ADC-207 allows using sampling apertures as
small as 12ns, making it more closely approach an ideal
sampler. The small sampling apertures also let the device
operate at greater than 20MHz.
The ADC-207 has 128 comparators which are auto-balanced
on every conversion to cancel out any offsets due to
temperature and/or dynamic effects. The resistor ladder has a
midpoint tap for use with an external voltage source to improve
integral linearity beyond 7 bits. The ADC-207 also provides the
user with 3-state outputs for easy interfacing to other
components.
There are six models of the ADC-207 covering two operating
temperature ranges, 0 to +70°C and –55 to +125°C. Two high-
reliability "QL" models are also available.
D
G Q
D
G Q
D
G Q
D
G Q
D
G Q
D
G Q
D
G
Q
D
G
Q
D
G
Q
D
G
Q
D
G
Q
D
G
Q
D
G
Q
D
G
Q
ANALOG INPUT 4
+REFERENCE 6
DIGITAL GROUND 2
ANALOG GROUND 7
RANGE MIDPOINT 5
R/2
R
R
R
R
R/2
R/2
–REFERENCE 3
CS1 8
9
+5V SUPPLY 18
+VDD
1 CLOCK INPUT
CLOCK
GENERATOR
10 OVERFLOW
11 BIT 1 (MSB)
12 BIT 2
13 BIT 3
14 BIT 4
15 BIT 5
16 BIT 6
17 BIT 7 (LSB)
128-TO-7
ENCODER
CS2
D
G Q
D
G Q
D
G Q
D
G Q
∅1
∅2
∅2
∅1
ADC-207
7-Bit, 20MHz, CMOS
Flash A/D Converters
DATEL, Inc., 11 Cabot Boulevard, Mansfield, MA 02048-1151 (U.S.A.)
• Tel: (508) 339-3000 Fax: (508) 339-6356 • For immediate assistance (800) 233-2765


Similar Part No. - ADC-207LM

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADC-207LM MURATA-PS-ADC-207LM Datasheet
204Kb / 6P
   7-Bit, 20MHz, CMOS Flash A/D Converters
logo
DATEL, Inc.
ADC-207LM DATEL-ADC-207LM Datasheet
102Kb / 1P
   CMOS Flash A/D
ADC-207LM-C DATEL-ADC-207LM-C Datasheet
102Kb / 1P
   CMOS Flash A/D
logo
Murata Power Solutions ...
ADC-207LM-QL MURATA-PS-ADC-207LM-QL Datasheet
204Kb / 6P
   7-Bit, 20MHz, CMOS Flash A/D Converters
logo
DATEL, Inc.
ADC-207LM-QL DATEL-ADC-207LM-QL Datasheet
103Kb / 1P
   CMOS Flash A/D
More results

Similar Description - ADC-207LM

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADC-207 MURATA-PS-ADC-207 Datasheet
204Kb / 6P
   7-Bit, 20MHz, CMOS Flash A/D Converters
logo
List of Unclassifed Man...
ADC-305 ETC-ADC-305 Datasheet
193Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
Murata Power Solutions ...
ADC-305 MURATA-PS-ADC-305 Datasheet
234Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
List of Unclassifed Man...
ADC-304 ETC-ADC-304 Datasheet
152Kb / 5P
   8-Bit, 20MHz, Low-Power Flash A/D Converters
ADC-228 ETC-ADC-228 Datasheet
143Kb / 4P
   8-Bit, 20MHz, Complete 8-Bit, 20MHz, Complete Flash A/D Converter
logo
Murata Power Solutions ...
ADC-228A MURATA-PS-ADC-228A Datasheet
177Kb / 4P
   8-Bit, 20MHz, Complete Flash A/D Converter
logo
List of Unclassifed Man...
ADS-238Q ETC1-ADS-238Q Datasheet
83Kb / 7P
   12-Bit, 20MHz, Low Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-238Q MURATA-PS-ADS-238Q Datasheet
85Kb / 7P
   12-Bit, 20MHz, Low Power Sampling A/D Converters
logo
NXP Semiconductors
ADC0803 PHILIPS-ADC0803 Datasheet
187Kb / 18P
   CMOS 8-bit A/D converters
2002 Oct 17
ADC0803 PHILIPS-ADC0803 Datasheet
154Kb / 18P
   CMOS 8-bit A/D converters
2002 Oct 17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com