Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM4341A-RI Datasheet(PDF) 8 Page - PMC-Sierra, Inc

Part # PM4341A-RI
Description  SINGLE DSX-1 TRANSCEIVER DEVICE
Download  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4341A-RI Datasheet(HTML) 8 Page - PMC-Sierra, Inc

Back Button PM4341A-RI Datasheet HTML 4Page - PMC-Sierra, Inc PM4341A-RI Datasheet HTML 5Page - PMC-Sierra, Inc PM4341A-RI Datasheet HTML 6Page - PMC-Sierra, Inc PM4341A-RI Datasheet HTML 7Page - PMC-Sierra, Inc PM4341A-RI Datasheet HTML 8Page - PMC-Sierra, Inc PM4341A-RI Datasheet HTML 9Page - PMC-Sierra, Inc PM4341A-RI Datasheet HTML 10Page - PMC-Sierra, Inc PM4341A-RI Datasheet HTML 11Page - PMC-Sierra, Inc PM4341A-RI Datasheet HTML 12Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 288 page
background image
PM4341A T1XC
DATA SHEET
PMC-900602
ISSUE 7
T1 FRAMER/TRANSCEIVER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
vi
REGISTER 17H: XPLS CODE INDIRECT DATA ............................................. 105
REGISTER 18H: DJAT INTERRUPT STATUS ................................................. 106
REGISTER 19H: DJAT REFERENCE CLOCK DIVISOR (N1) CONTROL...... 107
REGISTER 1AH: DJAT OUTPUT CLOCK DIVISOR (N2) CONTROL............. 108
REGISTER 1BH: DJAT CONFIGURATION ..................................................... 109
REGISTER 1CH: ELST CONFIGURATION..................................................... 111
REGISTER 1DH: ELST INTERRUPT ENABLE/STATUS................................. 112
REGISTER 1EH: ELST TROUBLE CODE ...................................................... 113
REGISTER 20H: FRMR CONFIGURATION.................................................... 114
REGISTER 21H: FRMR INTERRUPT ENABLE .............................................. 116
REGISTER 22H: FRMR INTERRUPT STATUS ............................................... 118
REGISTER 2AH: RBOC ENABLE................................................................... 120
REGISTER 2BH: RBOC CODE STATUS ........................................................ 121
REGISTER 2CH: ALMI CONFIGURATION ..................................................... 122
REGISTER 2DH: ALMI INTERRUPT ENABLE ............................................... 124
REGISTER 2EH: ALMI INTERRUPT STATUS ................................................ 125
REGISTER 2FH: ALMI ALARM DETECTION STATUS ................................... 126
REGISTER 30H: TPSC CONFIGURATION..................................................... 128
REGISTER 31H: TPSC µP ACCESS STATUS ................................................ 129
REGISTER 32H: TPSC CHANNEL INDIRECT ADDRESS/CONTROL........... 130
REGISTER 33H: TPSC CHANNEL INDIRECT DATA BUFFER....................... 131
TPSC INTERNAL REGISTERS 01-18H: PCM DATA CONTROL BYTE.......... 133
TPSC INTERNAL REGISTERS 19-30H: IDLE CODE BYTE .......................... 135


Similar Part No. - PM4341A-RI

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4341A-RI PMC-PM4341A-RI Datasheet
1,015Kb / 2P
   T1 FRAMER/TRANSCEIVER
More results

Similar Description - PM4341A-RI

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
LXT362 INTEL-LXT362 Datasheet
787Kb / 48P
   Integrated T1 LH/SH Transceiver for DS1/DSX-1 or PRI Applications
logo
Pomona Electronics
6568 POMONA-6568 Datasheet
48Kb / 1P
   Universal DSX-3 Test Kit
logo
Maxim Integrated Produc...
MAX14826 MAXIM-MAX14826 Datasheet
1Mb / 32P
   IO-Link Device Transceiver
Rev 0; 9/14
MAX14821 MAXIM-MAX14821_12 Datasheet
2Mb / 29P
   IO-Link Device Transceiver
Rev 1; 2/12
MAX14820 MAXIM-MAX14820 Datasheet
2Mb / 29P
   IO-Link Device Transceiver
Rev 4; 1/12
MAX14821 MAXIM-MAX14821 Datasheet
2Mb / 31P
   IO-Link Device Transceiver
Rev 0; 8/11
MAX14827 MAXIM-MAX14827_V01 Datasheet
923Kb / 41P
   IO-Link Device Transceiver
2019
MAX14826EVKIT MAXIM-MAX14826EVKIT Datasheet
2Mb / 16P
   IO-Link-Compliant Device Transceiver
Rev 0; 7/15
MAX14819EVKIT MAXIM-MAX14819EVKIT Datasheet
1Mb / 12P
   IO-Link-Compliant Device Transceiver
Rev 3; 2/21
MAX22513EVKIT MAXIM-MAX22513EVKIT Datasheet
698Kb / 11P
   IO-Link-Compliant Device Transceiver
Rev 0; 2/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com