Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5344SPTX Datasheet(PDF) 8 Page - PMC-Sierra, Inc

Part # PM5344SPTX
Description  SONET/SDH PATH TERMINATING TRANSCEIVER TELECOM
Download  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5344SPTX Datasheet(HTML) 8 Page - PMC-Sierra, Inc

Back Button PM5344SPTX Datasheet HTML 4Page - PMC-Sierra, Inc PM5344SPTX Datasheet HTML 5Page - PMC-Sierra, Inc PM5344SPTX Datasheet HTML 6Page - PMC-Sierra, Inc PM5344SPTX Datasheet HTML 7Page - PMC-Sierra, Inc PM5344SPTX Datasheet HTML 8Page - PMC-Sierra, Inc PM5344SPTX Datasheet HTML 9Page - PMC-Sierra, Inc PM5344SPTX Datasheet HTML 10Page - PMC-Sierra, Inc PM5344SPTX Datasheet HTML 11Page - PMC-Sierra, Inc PM5344SPTX Datasheet HTML 12Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 212 page
background image
PM5344 SPTX
DATA SHEET
PMC-930531
ISSUE 6
SONET/SDH PATH TERMINATING TRANSCEIVER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
vi
REGISTER 1EH, 5EH, 9EH: RPOP TANDEM CONNECTION IEC COUNT LSB ........................................80
REGISTER 1FH, 5FH, 9FH: RPOP TANDEM CONNECTION IEC COUNT MSB........................................81
REGISTER 24H, 64H, A4H: PMON RECEIVE POSITIVE POINTER JUSTIFICATION COUNT .................82
REGISTER 25H, 65H, A5H: PMON RECEIVE NEGATIVE POINTER JUSTIFICATION COUNT ................83
REGISTER 26H, 66H, A6H: PMON TRANSMIT POSITIVE POINTER JUSTIFICATION COUNT...............84
REGISTER 27H, 67H, A7H: PMON TRANSMIT NEGATIVE POINTER JUSTIFICATION COUNT..............85
REGISTER 28H, 68H, A8H: RTAL CONTROL.............................................................................................86
REGISTER 29H, 69H, A9H: RTAL INTERRUPT STATUS AND DIAGNOSTIC ............................................88
REGISTER 2AH, 6AH, AAH: RTAL ALARM AND DIAGNOSTIC CONTROL...............................................91
REGISTER 30H, 70H, B0H: TPOP CONTROL............................................................................................93
REGISTER 31H, 71H, B1H: TPOP GENERATED BUS CONTROL.............................................................95
REGISTER 32H, 72H, B2H: TPOP SOURCE CONTROL............................................................................97
REGISTER 33H, 73H, B3H: TPOP CURRENT POINTER LSB ...................................................................98
REGISTER 34H, 74H, B4H: TPOP CURRENT POINTER MSB ..................................................................99
REGISTER 35H, 75H, B5H: TPOP PAYLOAD POINTER LSB...................................................................100
REGISTER 36H, 76H, B6H: TPOP PAYLOAD POINTER MSB..................................................................101
REGISTER 37H, 77H, B7H: TPOP PATH TRACE......................................................................................102
REGISTER 38H, 78H, B8H: TPOP PATH SIGNAL LABEL ........................................................................103
REGISTER 39H, 79H, B9H: TPOP PATH STATUS ....................................................................................104
REGISTER 3AH, 7AH, BAH: TPOP PATH USER CHANNEL ....................................................................106
REGISTER 3BH, 7BH, BBH: TPOP PATH GROWTH #1 ...........................................................................107
REGISTER 3CH, 7CH, BCH: TPOP PATH GROWTH #2 ...........................................................................108
REGISTER 3DH, 7DH, BDH: TPOP TANDEM CONNECTION MAINTENANCE .......................................109
REGISTER 3EH: TPOP CONCATENATION LSB.......................................................................................110


Similar Part No. - PM5344SPTX

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PM534 ARTESYN-PM534 Datasheet
65Kb / 3P
   Single, dual and triple output 1 to 10.5 Watt AC/DC encapsulated modules
logo
PMC-Sierra, Inc
PM5342 PMC-PM5342 Datasheet
60Kb / 4P
   SONET/SDH Payload Extractor/Aligner
PM5342 PMC-PM5342 Datasheet
3Mb / 558P
   SONET/SDH PAYLOAD EXTRACTOR/ALIGNER
PM5342 PMC-PM5342 Datasheet
59Kb / 2P
   SONET/SDH Payload Extractor/Aligner
PM5342-1 PMC-PM5342-1 Datasheet
59Kb / 2P
   SONET/SDH Payload Extractor/Aligner
More results

Similar Description - PM5344SPTX

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5312STTX PMC-PM5312STTX Datasheet
493Kb / 140P
   SONET/SDH TRANSPORT OVERHEAD TERMINATING TRANSCEIVER TELECOM STANDARD PRODUCT
PM5312 PMC-PM5312 Datasheet
492Kb / 2P
   SONET/SDH TRANSPORT TERMINATING TRANSCEIVER
PM5312 PMC-PM5312 Datasheet
77Kb / 2P
   SONET/SDH Transport Overhead Terminating Transceiver
logo
Vitesse Semiconductor C...
VSC9142 VITESSE-VSC9142 Datasheet
249Kb / 30P
   SONET/SDH 2.5Gbps Transport Terminating Transceiver
logo
PMC-Sierra, Inc
PM5343STXC PMC-PM5343STXC Datasheet
1Mb / 198P
   SONET/SDH TRANSPORT OVERHEAD TRANSCEIVER TELECOM STANDARD PRODUCT
PM5343 PMC-PM5343 Datasheet
53Kb / 2P
   SONET/SDH 155 Mbit/s Transport O/H Terminating Transceiver
logo
Cypress Semiconductor
CY7C955 CYPRESS-CY7C955 Datasheet
466Kb / 78P
   AX??ATM-SONET/SDH Transceiver
logo
PMC-Sierra, Inc
PM5343 PMC-PM5343 Datasheet
1Mb / 2P
   SONET/SDH TRANSPORT OVERHEAD TRANSCEIVER
logo
Cypress Semiconductor
CY7B952 CYPRESS-CY7B952 Datasheet
134Kb / 9P
   SSTTM SONET/SDH Serial Transceiver
CY7B952 CYPRESS-CY7B952_11 Datasheet
466Kb / 16P
   SST??SONET/SDH Serial Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com