Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5345-RC Datasheet(PDF) 8 Page - PMC-Sierra, Inc

Part # PM5345-RC
Description  SATURN USER NETWORK INTERFACE TELECOM STANDARD PRODUCT
Download  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5345-RC Datasheet(HTML) 8 Page - PMC-Sierra, Inc

Back Button PM5345-RC Datasheet HTML 4Page - PMC-Sierra, Inc PM5345-RC Datasheet HTML 5Page - PMC-Sierra, Inc PM5345-RC Datasheet HTML 6Page - PMC-Sierra, Inc PM5345-RC Datasheet HTML 7Page - PMC-Sierra, Inc PM5345-RC Datasheet HTML 8Page - PMC-Sierra, Inc PM5345-RC Datasheet HTML 9Page - PMC-Sierra, Inc PM5345-RC Datasheet HTML 10Page - PMC-Sierra, Inc PM5345-RC Datasheet HTML 11Page - PMC-Sierra, Inc PM5345-RC Datasheet HTML 12Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 196 page
background image
PM5345 S/UNI-155
DATA SHEET
PMC-930305
ISSUE 4
SATURN USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
vi
REGISTER 0X31: RPOP INTERRUPT STATUS ................................................. 1
REGISTER 0X33: RPOP INTERRUPT ENABLE ................................................ 1
REGISTER 0X37: RPOP PATH SIGNAL LABEL................................................. 1
REGISTER 0X38: RPOP PATH BIP-8 LSB / LOAD METERS............................. 1
REGISTER 0X39: RPOP PATH BIP-8 MSB ........................................................ 1
REGISTER 0X3A: RPOP PATH FEBE LSB......................................................... 1
REGISTER 0X3B: RPOP PATH FEBE MSB........................................................ 1
REGISTER 0X40: TPOP CONTROL/DIAGNOSTIC............................................ 1
REGISTER 0X41: TPOP POINTER CONTROL .................................................. 1
REGISTER 0X42: TPOP SOURCE CONTROL................................................... 1
REGISTER 0X45: TPOP ARBITRARY POINTER LSB ....................................... 1
REGISTER 0X46: TPOP ARBITRARY POINTER MSB ...................................... 1
REGISTER 0X48: TPOP PATH SIGNAL LABEL ................................................. 1
REGISTER 0X49: TPOP PATH STATUS.............................................................. 1
REGISTER 0X50: RACP CONTROL/STATUS .................................................... 1
REGISTER 0X51: RACP INTERRUPT ENABLE/STATUS .................................. 1
REGISTER 0X52: RACP MATCH HEADER PATTERN ....................................... 1
REGISTER 0X53: RACP MATCH HEADER MASK............................................. 1
REGISTER 0X54: RACP CORRECTABLE HCS ERROR COUNT...................... 1
REGISTER 0X55: RACP UNCORRECTABLE HCS ERROR COUNT ................ 1
REGISTER 0X60: TACP CONTROL/STATUS...................................................... 1
REGISTER 0X61: TACP IDLE/UNASSIGNED CELL HEADER PATTERN .......... 1
REGISTER 0X62: TACP IDLE/UNASSIGNED CELL PAYLOAD
OCTET PATTERN..................................................................................... 1


Similar Part No. - PM5345-RC

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5345-RC PMC-PM5345-RC Datasheet
617Kb / 2P
   SATURN USER NETWORK INTERFACE
More results

Similar Description - PM5345-RC

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5346S PMC-PM5346S Datasheet
536Kb / 145P
   SATURN USER NETWORK INTERFACE
PM5345 PMC-PM5345 Datasheet
617Kb / 2P
   SATURN USER NETWORK INTERFACE
PM5350-1 PMC-PM5350-1 Datasheet
617Kb / 196P
   SATURN USER NETWORK INTERFACE
PM5346-1 PMC-PM5346-1 Datasheet
70Kb / 11P
   SATURN USER NETWORK INTERFACE (LITE)
PM5348-1 PMC-PM5348-1 Datasheet
941Kb / 238P
   DUAL SATURN USER NETWORK INTERFACE
PM5347S PMC-PM5347S Datasheet
897Kb / 302P
   SATURN USER NETWORK INTERFACE PLUS
PM5356 PMC-PM5356 Datasheet
1Mb / 307P
   SATURN USER NETWORK INTERFACE (622-MAX)
PM5349 PMC-PM5349 Datasheet
1Mb / 252P
   SATURN USER NETWORK INTERFACE (155-QUAD)
PM5357 PMC-PM5357 Datasheet
2Mb / 432P
   SATURN USER NETWORK INTERFACE (622-POS)
PM5351 PMC-PM5351 Datasheet
1Mb / 393P
   SATURN USER NETWORK INTERFACE (155-TETRA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com