Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5346 Datasheet(PDF) 11 Page - PMC-Sierra, Inc

Part # PM5346
Description  SATURN USER NETWORK INTERFACE
Download  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5346 Datasheet(HTML) 11 Page - PMC-Sierra, Inc

Back Button PM5346 Datasheet HTML 7Page - PMC-Sierra, Inc PM5346 Datasheet HTML 8Page - PMC-Sierra, Inc PM5346 Datasheet HTML 9Page - PMC-Sierra, Inc PM5346 Datasheet HTML 10Page - PMC-Sierra, Inc PM5346 Datasheet HTML 11Page - PMC-Sierra, Inc PM5346 Datasheet HTML 12Page - PMC-Sierra, Inc PM5346 Datasheet HTML 13Page - PMC-Sierra, Inc PM5346 Datasheet HTML 14Page - PMC-Sierra, Inc PM5346 Datasheet HTML 15Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 145 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM5346 S/UNI-LITE
ISSUE 6
SATURN USER NETWORK INTERFACE
______________________________________________________________________________________________
______________________________________________________________________________________________
8
PIN DIAGRAM
The S/UNI-LITE is packaged in an 128 pin PQFP package having a body size of
14mm by 20 mm and a pin pitch of 0.50 mm.
PIN 1
PIN 128
PM5346
S/UNI-LITE
Top
View
PIN 38
PIN 39
PIN 64
PIN 65
PIN 102
PIN 103
VSS
VSS
VSS
Index Pin
TBYP
ATP2
TAVD1
TAVS1
TAVD2
TAVS2
TRCLK-
TRCLK+
TAVD3
TAVS3
TXVDD
TXC+
TXC-
TXD+
TXD-
TXVSS
VDDO1
VSSI1
VDDI1
VSSO1
RXDO+
RXDO-
RAVD3
RXD-
RXD+
ALOS-
ALOS+
RAVS3
RAVD1
RAVS1
RRCLK-
RRCLK+
RAVS4
RAVD2
RAVS2
RAVD4
VSS
RSTB
CSB
VCLK
RATE[0]
RATE[1]
TSOC
TXPRTY
TDAT[7]
TDAT[6]
TDAT[5]
TDAT[4]
TDAT[3]
TDAT[2]
TDAT[1]
TDAT[0]
TCA
TWRENB
TFCLK
RSOC
RXPRTY
VDDO4
VSSO4
RDAT[7]
RDAT[6]
RDAT[5]
RDAT[4]
RDAT[3]
RDAT[2]
VDDO3
VSSO3
RDAT[1]
RDAT[0]
RCA
RRDENB
RFCLK
TSEN


Similar Part No. - PM5346

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5346 PMC-PM5346 Datasheet
59Kb / 2P
   S/UNI-LITE ERRATA NOTICE
PM5346 PMC-PM5346 Datasheet
65Kb / 2P
   155 Mb/s SATURN User Network Interface for LANs
PM5346 PMC-PM5346 Datasheet
536Kb / 2P
   SATURN USER NETWORK INTERFACE(155.52 & 51.84 Mbit/s)
PM5346 PMC-PM5346 Datasheet
70Kb / 11P
   SATURN USER NETWORK INTERFACE (LITE)
PM5346-1 PMC-PM5346-1 Datasheet
70Kb / 11P
   SATURN USER NETWORK INTERFACE (LITE)
More results

Similar Description - PM5346

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5345 PMC-PM5345 Datasheet
617Kb / 2P
   SATURN USER NETWORK INTERFACE
PM5350-1 PMC-PM5350-1 Datasheet
617Kb / 196P
   SATURN USER NETWORK INTERFACE
PM5346-1 PMC-PM5346-1 Datasheet
70Kb / 11P
   SATURN USER NETWORK INTERFACE (LITE)
PM5348-1 PMC-PM5348-1 Datasheet
941Kb / 238P
   DUAL SATURN USER NETWORK INTERFACE
PM5347S PMC-PM5347S Datasheet
897Kb / 302P
   SATURN USER NETWORK INTERFACE PLUS
PM5356 PMC-PM5356 Datasheet
1Mb / 307P
   SATURN USER NETWORK INTERFACE (622-MAX)
PM5349 PMC-PM5349 Datasheet
1Mb / 252P
   SATURN USER NETWORK INTERFACE (155-QUAD)
PM5357 PMC-PM5357 Datasheet
2Mb / 432P
   SATURN USER NETWORK INTERFACE (622-POS)
PM5351 PMC-PM5351 Datasheet
1Mb / 393P
   SATURN USER NETWORK INTERFACE (155-TETRA)
PM5352 PMC-PM5352 Datasheet
699Kb / 77P
   SATURN USER NETWORK INTERFACE 155 (STAR)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com