Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NANO-001N-5350-01 Datasheet(PDF) 1 Page - AAEON Technology

Part # NANO-001N-5350-01
Description  Dual Gigabit Ethernet
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

NANO-001N-5350-01 Datasheet(HTML) 1 Page - AAEON Technology

  NANO-001N-5350-01 Datasheet HTML 1Page - AAEON Technology NANO-001N-5350-01 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
14-7
Note: All specifications are subject to change without notice.
14
Features
Specifications
NANO-001N
Intel® 5th Generation 14nm ULT Core™ i7/i5/i3 15W BGA Processor
Dual Gigabit Ethernet
Dual Display Port
USB 3.0 Port x 4, USB 2.0 Port x 2
Fanless Solution
Fanless Mini PC with Intel® 5th Generation 15W Processor, 2 DP and 6 USB Port
Front View
Rear View
Bottom View
Power LED
HDD Active LED
USB2.0 x 2
USB3.0 x 2
Line-out
Mic
Power Button
DC Jack
LAN x 2
Reset
WiFi
DP x 2
USB 3.0 x 2
System
CPU
Intel® 5th gen. 14nm Core™ i7-5650U/ i5-5350U/ i3-5010U BGA CPU,15W
TDP.
Chipset
Intergrate into SoC
System Memory
204-pin DIMM x 2, max. 16GB, DDR3L 1600 MHz,non-ECC, un-buffered
memory.
I/O Chipset
NCT5538D
Display Interface
Chipset
Integrated Graphics
DP
DP 1.2a x 2, up to 3840 x 2160 @60Hz
Storage Devices
M.2 slot (M-key) x 1, length: 60mm
Network
LAN
Realtek 8111G x 2, 10/100/1000Mb Base-TX
I/O
Front I/O
USB
USB 3.0 ports x 2, USB 2.0 port x 2
Audio
Line-out (green) x 1, Mic-in (pink) x 1
Display
Others
On/Off Button x 1
Rear I/O
USB
USB 3.0 ports x 2
Audio
Display
Display port connector x 2
LAN
RJ-45 connector x 2
Power
Reset Switch x 1, DC Power x 1
Others
Antenna output (from int. mini-card) x 1
Expansion
Mini PCIe
Mini-Card half size x 1 (default USB+PCIe, mSATA BOM change)
Storage
Others
RS-232 9-pin box header x 1, 5-pin USB 2.0 header(p=2.00mm) x 1
Indicator
Front
Power LED x 1, HDD Active LED x 1
Rear
Power
Battery
Lithium battery
Power Requirement
DC: 12V~19V, (Wide rage:12V-5%~19V+10%)
Mechanical
Dimension (WxHxD)
5.91” x 4.92” x 2.17” (150mm x 125mm x 55 mm)
VESA Mounting
VESA Mount: 75mm x 75mm
Anti-Vibration
3.0 Grms/ 5~ 500Hz/ operation – SSD
Anti-Shock
20 G peak acceleration (11 msec. duration) -SSD
Environmental
Operating temperature
FANLESS: 32°F ~ 104°F (0°C ~ 40°C)
Certificate
CE & FCC Class A
Operating System
MS Windows
Windows® 7 32/64 bit, Windows® 8.1 32/64 bit, Windows® 10 64bit
Linux
Fedora (Kernal 3)


Similar Part No. - NANO-001N-5350-01

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
NANO-001F-5010-01 AAEON-NANO-001F-5010-01 Datasheet
275Kb / 2P
   Dual Gigabit Ethernet
NANO-001F-5010-01-1232 AAEON-NANO-001F-5010-01-1232 Datasheet
275Kb / 2P
   Dual Gigabit Ethernet
NANO-001F-5350-01 AAEON-NANO-001F-5350-01 Datasheet
275Kb / 2P
   Dual Gigabit Ethernet
NANO-001F-5350-01-1232 AAEON-NANO-001F-5350-01-1232 Datasheet
275Kb / 2P
   Dual Gigabit Ethernet
NANO-001F-5650-01 AAEON-NANO-001F-5650-01 Datasheet
275Kb / 2P
   Dual Gigabit Ethernet
More results

Similar Description - NANO-001N-5350-01

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
NITX-SKL1 AAEON-NITX-SKL1 Datasheet
431Kb / 2P
   Dual Gigabit Ethernet
NITX-BD1 AAEON-NITX-BD1 Datasheet
343Kb / 2P
   dual gigabit ethernet
NANO-001F-5010-01 AAEON-NANO-001F-5010-01 Datasheet
275Kb / 2P
   Dual Gigabit Ethernet
logo
PMC-Sierra, Inc
PM3386 PMC-PM3386 Datasheet
63Kb / 4P
   Dual Gigabit Ethernet Controller
logo
Protech Systems Co., Lt...
PSB-893LF PROTECHSYSTEMS-PSB-893LF Datasheet
736Kb / 2P
   Supports Dual Gigabit Ethernet
logo
PMC-Sierra, Inc
PM3386 PMC-PM3386 Datasheet
2Mb / 315P
   DUAL GIGABIT ETHERNET CONTROLLER
PM3386-1 PMC-PM3386-1 Datasheet
59Kb / 2P
   Dual Gigabit Ethernet Controller
logo
Intel Corporation
82546EB INTEL-82546EB Datasheet
565Kb / 47P
   Dual Port Gigabit Ethernet Controller
logo
NXP Semiconductors
MC92604 NXP-MC92604 Datasheet
203Kb / 2P
   Dual Gigabit Ethernet SerDes Transceiver
2004 REV 1
logo
Advantech Co., Ltd.
MIC-3666 ADVANTECH-MIC-3666 Datasheet
402Kb / 1P
   Dual 10 Gigabit Ethernet XMC
19-Oct-2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com