Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

NANO-001N-5650-01 Datasheet(PDF) 2 Page - AAEON Technology

Part No. NANO-001N-5650-01
Description  Dual Gigabit Ethernet
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

NANO-001N-5650-01 Datasheet(HTML) 2 Page - AAEON Technology

  NANO-001N-5650-01 Datasheet HTML 1Page - AAEON Technology NANO-001N-5650-01 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
14-8
www.aaeon.com
Note: All specifications are subject to change without notice.
Dimension
Unit: mm
NANO-001N
Ordering Information
Optional Accessories
Packing List
VESA Mount Kit
Product DVD
NANO-001N
Part Number
CPU
RAM Module
Display
Cooler
Storage
LAN
USB
Serial Port
Expansion Slot
Power
Mounting
NANO-001N-5010-01
I3-5010U
2.1G/3M
DP x 2
Fanless —
GbE x 2
USB3 x 4
USB 2.0 x 2
Int. USB 2.0 x 1
Int. RS-232 x 1
M.2 x 1
Mini PCI-E x 1
DC12-19V
VESA Mount
NANO-001N-5010-01-1232
I3-5010U
2.1G/3M
2G SODIMM
DDR3L/1600 x 1
DP x 2
Fanless
M.2 2260
SSD 32G
GbE x 2
USB3 x 4
USB 2.0 x 2
Int. USB 2.0 x 1
Int. RS-232 x 1
M.2 x 1
Mini PCI-E x 1
DC12-19V
VESA Mount
NANO-001N-5350-01
I5-5350U
1.8G/3M
DP x 2
Fanless —
GbE x 2
USB3 x 4
USB 2.0 x 2
Int. USB 2.0 x 1
Int. RS-232 x 1
M.2 x 1
Mini PCI-E x 1
DC12-19V
VESA Mount
NANO-001N-5350-01-1232
I5-5350U
1.8G/3M
2G SODIMM
DDR3L/1600 x 1
DP x 2
Fanless
M.2 2260
SSD 32G
GbE x 2
USB3 x 4
USB 2.0 x 2
Int. USB 2.0 x 1
Int. RS-232 x 1
M.2 x 1
Mini PCI-E x 1
DC12-19V
VESA Mount
NANO-001N-5650-01
I7-5650U
2.2G/4M
DP x 2
Fanless —
GbE x 2
USB3 x 4
USB 2.0 x 2
Int. USB 2.0 x 1
Int. RS-232 x 1
M.2 x 1
Mini PCI-E x 1
DC12-19V
VESA Mount
NANO-001N-5650-01-1832
I7-5650U
2.2G/4M
8G SODIMM
DDR3L/1600 x 1
DP x 2
Fanless
M.2 2260
SSD 32G
GbE x 2
USB3 x 4
USB 2.0 x 2
Int. USB 2.0 x 1
Int. RS-232 x 1
M.2 x 1
Mini PCI-E x 1
DC12-19V
VESA Mount
1702031802
Power Cord (US & Taiwan Type)
1702031803
Power Cord (European Type)
170203180B
Power Cord (China Type)
170203180E
Power Cord (Japanese Type)
1255300607
60W Power Adapter
968C032G0Z
M.2 2260 32G SSD
968C064G1G
M.2 2260 64G SSD
968C128G1L
M.2 2260 128G SSD
968C256G0C
M.2 2260 256G SSD
968C512G07
M.2 2260 512G SSD


Similar Part No. - NANO-001N-5650-01

ManufacturerPart No.DatasheetDescription
AAEON Technology
AAEON Technology
NANO-001F-5010-01 AAEON-NANO-001F-5010-01 Datasheet
275Kb / 2P
   Dual Gigabit Ethernet
NANO-001F-5010-01-1232 AAEON-NANO-001F-5010-01-1232 Datasheet
275Kb / 2P
   Dual Gigabit Ethernet
NANO-001F-5350-01 AAEON-NANO-001F-5350-01 Datasheet
275Kb / 2P
   Dual Gigabit Ethernet
NANO-001F-5350-01-1232 AAEON-NANO-001F-5350-01-1232 Datasheet
275Kb / 2P
   Dual Gigabit Ethernet
NANO-001F-5650-01 AAEON-NANO-001F-5650-01 Datasheet
275Kb / 2P
   Dual Gigabit Ethernet
More results

Similar Description - NANO-001N-5650-01

ManufacturerPart No.DatasheetDescription
AAEON Technology
AAEON Technology
NITX-SKL1 AAEON-NITX-SKL1 Datasheet
431Kb / 2P
   Dual Gigabit Ethernet
NITX-BD1 AAEON-NITX-BD1 Datasheet
343Kb / 2P
   dual gigabit ethernet
NANO-001F-5010-01 AAEON-NANO-001F-5010-01 Datasheet
275Kb / 2P
   Dual Gigabit Ethernet
PMC-Sierra, Inc
PMC-Sierra, Inc
PM3386 PMC-PM3386 Datasheet
63Kb / 4P
   Dual Gigabit Ethernet Controller
Protech Systems Co., Ltd.
Protech Systems Co., Lt...
PSB-893LF PROTECHSYSTEMS-PSB-893LF Datasheet
736Kb / 2P
   Supports Dual Gigabit Ethernet
PMC-Sierra, Inc
PMC-Sierra, Inc
PM3386 PMC-PM3386 Datasheet
2Mb / 315P
   DUAL GIGABIT ETHERNET CONTROLLER
PM3386-1 PMC-PM3386-1 Datasheet
59Kb / 2P
   Dual Gigabit Ethernet Controller
NXP Semiconductors
NXP Semiconductors
MC92604 NXP-MC92604 Datasheet
203Kb / 2P
   Dual Gigabit Ethernet SerDes Transceiver
2004 REV 1
Intel Corporation
Intel Corporation
82546EB INTEL-82546EB Datasheet
565Kb / 47P
   Dual Port Gigabit Ethernet Controller
Beckhoff Automation GmbH & Co. KG
Beckhoff Automation Gmb...
FC9062 BECKHOFF-FC9062 Datasheet
174Kb / 2P
   Dual Gigabit Ethernet PCIe module
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz